Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAP8802 Datasheet(PDF) 5 Page - MagnaChip Semiconductor.

Part # MAP8802
Description  CRM PFC Controller
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MGCHIP [MagnaChip Semiconductor.]
Direct Link  http://www.magnachip.co.kr
Logo MGCHIP - MagnaChip Semiconductor.

MAP8802 Datasheet(HTML) 5 Page - MagnaChip Semiconductor.

  MAP8802 Datasheet HTML 1Page - MagnaChip Semiconductor. MAP8802 Datasheet HTML 2Page - MagnaChip Semiconductor. MAP8802 Datasheet HTML 3Page - MagnaChip Semiconductor. MAP8802 Datasheet HTML 4Page - MagnaChip Semiconductor. MAP8802 Datasheet HTML 5Page - MagnaChip Semiconductor. MAP8802 Datasheet HTML 6Page - MagnaChip Semiconductor. MAP8802 Datasheet HTML 7Page - MagnaChip Semiconductor. MAP8802 Datasheet HTML 8Page - MagnaChip Semiconductor. MAP8802 Datasheet HTML 9Page - MagnaChip Semiconductor. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Datasheet Version 1.3
AUG, 2015
MagnaChip Confidential Document. Do not distribute.
Electrical Characteristics
Unless noted, VCC = 13V, and typical values are tested at TA = 25°C
Symbol
Characteristic
Conditions
Min
Typ
Max.
Unit
STARTUP AND SUPPLY CIRCUITS
VCC(ON)
Startup Voltage Threshold
VCC Increasing
11
12
13
V
VCC(OFF)
Minimum Operating Voltage
VCC Decreasing
8.8
9.5
10.2
V
HUVLO
Supply Voltage Hysteresis
-
2.5
-
V
ICC(Startup)
Startup Current Consumption
0V < VCC < VCC(ON) -200mV
-
24
35
µA
ICC1
No Load Switching
Current Consumption
COUT = open, 70kHz Switching,
VCS = 0V
-
1.4
1.7
mA
ICC2
Switching Current Consumption
COUT = 1nF, 70kHz Switching,
VCS = 0V
-
2.4
2.9
mA
ICC(fault)
Fault Condition
Current Consumption
No Switching, VFB = 0V
-
1.2
1.45
mA
ERROR AMPLIFIER SECTION
VREF
Voltage Reference
TA = 25°C
2.475
2.500
2.525
V
△VREF1
Voltage Reference Line Regulation
VCC(ON) + 200mV < VCC < 20V
-10
-
10
mV
△VREF2
Temperature Stability of VREF
(4)
-1.6
-
1.6
%
IEA
(SINK/SOURCE)
IEA(SINK)OVP
Error Amplifier Current Capability
VFB = VREF ±0.1V
VFB = 1.08 * VREF or VREF + 0.2V
6
20
10
50
20
80
uA
Gm
Trans conductance
VFB = VREF ±0.1V
VFB > VREF + 0.2V, VFB < VREF - 0.2V
105
-
125
250
145
-
µmho
RFB
Feedback Pin Internal Pull Down
Resistor
VFB = V UVP to V REF
2
4.6
10
IFB
Feedback Bias Current
VFB = 2.5V
0.25
0.54
1.25
µA
ICONTROL
Control Bias Current
VFB = 0V
-1
-
1
µA
VEAH
Maximum Control Voltage
ICONTROL(PULL UP) = 10uA,
VFB > VREF (VFB = VREF + 0.1V)
5
5.5
6
V
Ct(offset)
Minimum Control Voltage to
Generate output Pulses
VCONTROL = Decreasing until
VOUT is low, VCT = 0V
0.37
0.65
0.88
V
VEA(DIFF)
Control Voltage Range
VEAH – Ct(offset)
4.5
4.9
5.3
V
CURRENT SENSE SECTION
VILIM
Current Sense Voltage Threshold
0.45
0.5
0.55
V
tLEB
Leading Edge Blanking Duration
VCS = 0V, VOUT = 90% to 10%
100
190
350
ns
tCS
Overcurrent Detection Propagation
Delay
dV/dt = 10V/us
VCS = VILIM to VOUT = 10%
40
100
170
ns
ICS
Current Sense Bias Current
VCS = 2V
-1
-
1
µA


Similar Part No. - MAP8802

ManufacturerPart #DatasheetDescription
logo
Power-One
MAP80 POWER-ONE-MAP80 Datasheet
234Kb / 4P
   Wide Range Input for 110/220 VAC Applications
logo
Bel Fuse Inc.
MAP80 BEL-MAP80 Datasheet
684Kb / 5P
   RoHS Compliant
logo
Power-One
MAP80-1005 POWER-ONE-MAP80-1005 Datasheet
234Kb / 4P
   Wide Range Input for 110/220 VAC Applications
MAP80-1005 POWER-ONE-MAP80-1005 Datasheet
135Kb / 4P
   power supplies provides reliable, tightly-regulated DC
MAP80-1012 POWER-ONE-MAP80-1012 Datasheet
234Kb / 4P
   Wide Range Input for 110/220 VAC Applications
More results

Similar Description - MAP8802

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
RS2330 PTC-RS2330 Datasheet
260Kb / 4P
   THD Optimized CRM PFC Controller
logo
Toshiba Semiconductor
TB6819AFG TOSHIBA-TB6819AFG Datasheet
573Kb / 15P
   Critical Conduction Mode (CRM) PFC Controller IC
logo
ON Semiconductor
NCP1680 ONSEMI-NCP1680 Datasheet
2Mb / 37P
   CrM Totem Pole PFC IC Totem Pole CrM Power Factor Correction Controller
June, 2021 Rev. 0
logo
Champion Microelectroni...
CM6565 CHAMP-CM6565 Datasheet
247Kb / 19P
   Noise Free 16 pin Self-Start Interleaved PFC with 180 Degree Phase Shift CRM PFC Controller for 90/85
logo
NXP Semiconductors
TEA19162T NXP-TEA19162T Datasheet
283Kb / 30P
   PFC controller
Rev. 1-10 March 2016
TEA19162T NXP-TEA19162T_V01 Datasheet
343Kb / 30P
   PFC controller
Rev. 3-7 May 2018
logo
ON Semiconductor
NCP1653 ONSEMI-NCP1653_15 Datasheet
219Kb / 21P
   PFC Controller
May, 2015 ??Rev. 10
logo
NXP Semiconductors
TEA19162CT NXP-TEA19162CT Datasheet
340Kb / 29P
   PFC controller
Rev. 2-26 February 2020
TEA1742T PHILIPS-TEA1742T Datasheet
99Kb / 17P
   GreenChip PFC controller
Rev. 01-10 February 2009
logo
STMicroelectronics
L4984D STMICROELECTRONICS-L4984D Datasheet
5Mb / 35P
   CCM PFC controller
April 2013 Rev 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com