Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAP9000QNRH Datasheet(PDF) 6 Page - MagnaChip Semiconductor.

Part # MAP9000QNRH
Description  High Voltage AC LED Driver
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MGCHIP [MagnaChip Semiconductor.]
Direct Link  http://www.magnachip.co.kr
Logo MGCHIP - MagnaChip Semiconductor.

MAP9000QNRH Datasheet(HTML) 6 Page - MagnaChip Semiconductor.

  MAP9000QNRH Datasheet HTML 1Page - MagnaChip Semiconductor. MAP9000QNRH Datasheet HTML 2Page - MagnaChip Semiconductor. MAP9000QNRH Datasheet HTML 3Page - MagnaChip Semiconductor. MAP9000QNRH Datasheet HTML 4Page - MagnaChip Semiconductor. MAP9000QNRH Datasheet HTML 5Page - MagnaChip Semiconductor. MAP9000QNRH Datasheet HTML 6Page - MagnaChip Semiconductor. MAP9000QNRH Datasheet HTML 7Page - MagnaChip Semiconductor. MAP9000QNRH Datasheet HTML 8Page - MagnaChip Semiconductor. MAP9000QNRH Datasheet HTML 9Page - MagnaChip Semiconductor.  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Datasheet Version 2.0
AUG 2015
Page 10
Electrical Characteristics
Ta = 25℃, CS Resistance = 6.8
Ω unless otherwise specified
SYMBOL
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNIT
Supply
VVIN
Input voltage range
Note 6
50
700
V
VVCC
Operating voltage
-
15
-
V
IVCC
Input current
300
600
900
uA
VUVLO
Under voltage lockout
UVLO_H
-
12
-
V
UVLO_L
-
10
-
V
Driver Section
Rhold
Rhold reference voltage
VVIN = 200V, VGND = 0V
5.2
V
ID Leak
Driver Leakage current
VVIN = 200V, VGND = 0V,
HOLD & OUT1 ~ 3 = 400V
-
-
10
uA
IHOLD
HOLD current
VVIN =200V, HOLD = 40V
MODE = 0V, Rhold = 0V
78.3
86.3
94.2
mA
IOUT1
Driver 1 current
VVIN =200V, OUT1 = 40V
Rhold = 0V
119.3
128.0
136.7
mA
IOUT2
Driver 2 current
VVIN =200V, OUT2 = 40V
Rhold = 0V
146.0
155.2
164.3
mA
IOUT3
Driver 3 current
VVIN =200V, OUT3 = 40V
Rhold = 0V
178.7
186.2
193.6
mA
IOUT_SUM
-
IHOLD + IOUT1 + IOUT2 + IOUT3
531.0
556.0
581.0
mA
Note 6: Stress beyond the maximum ratings listed above may incur permanent damage to the device. Operating above the recommended
conditions for extended time may stress the device and affect device reliability. Also the device may not operate normally above
the recommended operating conditions. These are stress ratings only.


Similar Part No. - MAP9000QNRH

ManufacturerPart #DatasheetDescription
logo
MagnaChip Semiconductor...
MAP9001 MGCHIP-MAP9001 Datasheet
835Kb / 11P
   High Voltage AC LED Driver
MAP9001ESRH MGCHIP-MAP9001ESRH Datasheet
835Kb / 11P
   High Voltage AC LED Driver
MAP9002 MGCHIP-MAP9002 Datasheet
835Kb / 11P
   High Voltage AC LED Driver
MAP9002ESRH MGCHIP-MAP9002ESRH Datasheet
835Kb / 11P
   High Voltage AC LED Driver
MAP9003 MGCHIP-MAP9003 Datasheet
835Kb / 11P
   High Voltage AC LED Driver
More results

Similar Description - MAP9000QNRH

ManufacturerPart #DatasheetDescription
logo
MagnaChip Semiconductor...
MAP9001 MGCHIP-MAP9001 Datasheet
835Kb / 11P
   High Voltage AC LED Driver
MAP9004 MGCHIP-MAP9004 Datasheet
436Kb / 8P
   High Voltage AC LED Driver
MAP9004E MGCHIP-MAP9004E Datasheet
576Kb / 11P
   High Voltage AC LED Driver
logo
AiT Semiconductor Inc.
A9910 AITSEMI-A9910 Datasheet
242Kb / 8P
   AC-DC LED DRIVER UNIVERSAL HIGH BRIGHTNESS LED DRIVER
REV1.0 - MAR 2013
logo
Protek Devices
PA5711 PROTEC-PA5711 Datasheet
302Kb / 8P
   High Voltage LED Driver
logo
IK Semicon Co., Ltd
IL9921 IKSEMICON-IL9921 Datasheet
316Kb / 6P
   HIGH-VOLTAGE LED DRIVER
logo
Skyworks Solutions Inc.
AAT2610 SKYWORKS-AAT2610 Datasheet
4Mb / 31P
   High Voltage Series LED Driver
logo
Eutech Microelectronics...
XD9057 EUTECH-XD9057 Datasheet
1Mb / 1P
   High Voltage LED Lighting Driver
logo
Diodes Incorporated
AL9901 DIODES-AL9901 Datasheet
681Kb / 20P
   UNIVERSAL HIGH VOLTAGE LED DRIVER
logo
Exar Corporation
SP7601 EXAR-SP7601 Datasheet
345Kb / 9P
   29V High Voltage LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com