Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAP9004 Datasheet(PDF) 1 Page - MagnaChip Semiconductor.

Part # MAP9004
Description  High Voltage AC LED Driver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MGCHIP [MagnaChip Semiconductor.]
Direct Link  http://www.magnachip.co.kr
Logo MGCHIP - MagnaChip Semiconductor.

MAP9004 Datasheet(HTML) 1 Page - MagnaChip Semiconductor.

  MAP9004 Datasheet HTML 1Page - MagnaChip Semiconductor. MAP9004 Datasheet HTML 2Page - MagnaChip Semiconductor. MAP9004 Datasheet HTML 3Page - MagnaChip Semiconductor. MAP9004 Datasheet HTML 4Page - MagnaChip Semiconductor. MAP9004 Datasheet HTML 5Page - MagnaChip Semiconductor. MAP9004 Datasheet HTML 6Page - MagnaChip Semiconductor. MAP9004 Datasheet HTML 7Page - MagnaChip Semiconductor. MAP9004 Datasheet HTML 8Page - MagnaChip Semiconductor.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Datasheet Version 1.0
NOV 2014
Page
1
Ordering Information
Part Number
Top
Marking
Ambient
Temperature Range
Package
RoHS Status
MAP9004ESRH
MAP9004
-30℃ to +85℃
eSOP-8
Halogen Free
General Description
The MAP9004 is LED Driver which has high input
voltage ranged from 90V to 270V.
It can drive several series LEDs from rectified AC
voltage.
The MAP9004 has higher LED current drive capability
up to 240mA and the current can be adjustable with
external resistors.
The MAP9004 is available in eSOP-8 with Halogen-free
(fully RoHS compliant).
For more information, please contact local MagnaChip
sales office in world-
wide or visit MagnaChip’s website.
Features
Wide operating voltage range
Higher current drive capability
Multiple connection for better efficiency,
PF & THD
EMI improvement
OTP protection
eSOP-8 package
Applications
AC LED Driver
Lighting equipment
LED Driver Power Supplies
MAP9004
High Voltage AC LED Driver


Similar Part No. - MAP9004

ManufacturerPart #DatasheetDescription
logo
MagnaChip Semiconductor...
MAP9004D MGCHIP-MAP9004D Datasheet
576Kb / 11P
   High Voltage AC LED Driver
MAP9004DFRH MGCHIP-MAP9004DFRH Datasheet
576Kb / 11P
   High Voltage AC LED Driver
MAP9004E MGCHIP-MAP9004E Datasheet
576Kb / 11P
   High Voltage AC LED Driver
MAP9004ESRH MGCHIP-MAP9004ESRH Datasheet
576Kb / 11P
   High Voltage AC LED Driver
More results

Similar Description - MAP9004

ManufacturerPart #DatasheetDescription
logo
MagnaChip Semiconductor...
MAP9001 MGCHIP-MAP9001 Datasheet
835Kb / 11P
   High Voltage AC LED Driver
MAP9000 MGCHIP-MAP9000 Datasheet
648Kb / 9P
   High Voltage AC LED Driver
MAP9004E MGCHIP-MAP9004E Datasheet
576Kb / 11P
   High Voltage AC LED Driver
logo
AiT Semiconductor Inc.
A9910 AITSEMI-A9910 Datasheet
242Kb / 8P
   AC-DC LED DRIVER UNIVERSAL HIGH BRIGHTNESS LED DRIVER
REV1.0 - MAR 2013
logo
Protek Devices
PA5711 PROTEC-PA5711 Datasheet
302Kb / 8P
   High Voltage LED Driver
logo
IK Semicon Co., Ltd
IL9921 IKSEMICON-IL9921 Datasheet
316Kb / 6P
   HIGH-VOLTAGE LED DRIVER
logo
Skyworks Solutions Inc.
AAT2610 SKYWORKS-AAT2610 Datasheet
4Mb / 31P
   High Voltage Series LED Driver
logo
Eutech Microelectronics...
XD9057 EUTECH-XD9057 Datasheet
1Mb / 1P
   High Voltage LED Lighting Driver
logo
Diodes Incorporated
AL9901 DIODES-AL9901 Datasheet
681Kb / 20P
   UNIVERSAL HIGH VOLTAGE LED DRIVER
logo
Exar Corporation
SP7601 EXAR-SP7601 Datasheet
345Kb / 9P
   29V High Voltage LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com