Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MDA0336E Datasheet(PDF) 5 Page - MagnaChip Semiconductor.

Part # MDA0336E
Description  Common-Drain N-Channel Trench MOSFET 30V, 9A, 9.5m(ohm)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MGCHIP [MagnaChip Semiconductor.]
Direct Link  http://www.magnachip.co.kr
Logo MGCHIP - MagnaChip Semiconductor.

MDA0336E Datasheet(HTML) 5 Page - MagnaChip Semiconductor.

  MDA0336E Datasheet HTML 1Page - MagnaChip Semiconductor. MDA0336E Datasheet HTML 2Page - MagnaChip Semiconductor. MDA0336E Datasheet HTML 3Page - MagnaChip Semiconductor. MDA0336E Datasheet HTML 4Page - MagnaChip Semiconductor. MDA0336E Datasheet HTML 5Page - MagnaChip Semiconductor.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Dec 2014. Version 1.0
MagnaChip Semiconductor Ltd.
5
DISCLAIMER:
The Products are not designed for use in hostile environments, including, without limitation, aircraft,
nuclear power generation, medical appliances, and devices or systems in which malfunction of any
Product can reasonably be expected to result in a personal injury.
Seller’s customers using or
selling Seller’s products for use in such applications do so at their own risk and agree to fully
defend and indemnify Seller.
MagnaChip reserves the right to change the specifications and circuitry without notice at any time. MagnaChip does not consider responsibility
for use of any circuitry other than circuitry entirely included in a MagnaChip product.
is a registered trademark of MagnaChip
Semiconductor Ltd.


Similar Part No. - MDA0336E

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
MDA EATON-MDA Datasheet
344Kb / 2P
   Time-delay ceramic tube fuses
logo
Cooper Bussmann, Inc.
MDA-1 COOPER-MDA-1 Datasheet
109Kb / 2P
   MDA Series, Time Delay, Ceramic Tube
MDA-1-1/2-R COOPER-MDA-1-1/2-R Datasheet
280Kb / 2P
   1/4? x 1 1/4? Ceramic Tube Fuses
logo
Eaton All Rights Reserv...
MDA-1-1/2-R EATON-MDA-1-1/2-R Datasheet
344Kb / 2P
   Time-delay ceramic tube fuses
logo
Cooper Bussmann, Inc.
MDA-1-12 COOPER-MDA-1-12 Datasheet
109Kb / 2P
   MDA Series, Time Delay, Ceramic Tube
More results

Similar Description - MDA0336E

ManufacturerPart #DatasheetDescription
logo
MagnaChip Semiconductor...
MDS1654 MGCHIP-MDS1654 Datasheet
735Kb / 6P
   Single N-Channel Trench MOSFET 30V, 15A, 9.5m(ohm)
MDCA0418E MGCHIP-MDCA0418E Datasheet
653Kb / 6P
   Common-Drain N-Channel Trench MOSFET 24V, 7A, 20m(ohm)
MDCA0338E MGCHIP-MDCA0338E Datasheet
1,017Kb / 6P
   Common-Drain N-Channel Trench MOSFET 24V, 10A, 11.6m(ohm)
logo
Alpha & Omega Semicondu...
AOCR36330 AOSMD-AOCR36330 Datasheet
413Kb / 5P
   30V Common-Drain Dual N-Channel MOSFET
Rev.1.0: March 2020
AOCR32326 AOSMD-AOCR32326 Datasheet
632Kb / 6P
   30V Common-Drain Dual N-Channel MOSFET
Rev.1.0: July 2019
AOCA32301 AOSMD-AOCA32301 Datasheet
549Kb / 5P
   30V Common-Drain Dual N-Channel MOSFET
Rev.1.0: July 2020
logo
E-CMOS Corporation
EC733616 E-CMOS-EC733616 Datasheet
589Kb / 6P
   30V,9A,N-Channel MOSFET
logo
MagnaChip Semiconductor...
MDWC0340EB MGCHIP-MDWC0340EB Datasheet
1Mb / 6P
   Common-Drain Dual N-Channel Trench MOSFET 12V, 13.6A, 2.5 m(ohm)
MDWC0337E MGCHIP-MDWC0337E Datasheet
976Kb / 6P
   Common-Drain Dual N-Channel Trench MOSFET 20V,6.4A,8.3 m(ohm)
logo
Nexperia B.V. All right...
PMCM650CUNE NEXPERIA-PMCM650CUNE Datasheet
404Kb / 18P
   20 V, Common Drain N-channel Trench MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com