Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GX9533 Datasheet(PDF) 2 Page - Gennum Corporation

Part # GX9533
Description  Serial Digital 8x9 Crosspoint
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GX9533 Datasheet(HTML) 2 Page - Gennum Corporation

  GX9533 Datasheet HTML 1Page - Gennum Corporation GX9533 Datasheet HTML 2Page - Gennum Corporation GX9533 Datasheet HTML 3Page - Gennum Corporation GX9533 Datasheet HTML 4Page - Gennum Corporation GX9533 Datasheet HTML 5Page - Gennum Corporation GX9533 Datasheet HTML 6Page - Gennum Corporation GX9533 Datasheet HTML 7Page - Gennum Corporation GX9533 Datasheet HTML 8Page - Gennum Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
521 - 41 - 03
2
ABSOLUTE MAXIMUM RATINGS
PARAMETER
VALUE
Supply Voltage (VS = VCC-VEE)5.5V
Input Voltage Range (any input)
-0.3 to (VCC+0.3)V
Power Dissipation
975mW
Operating Temperature Range
0°C to 70°C
Storage Temperature Range
-65°C to +150°C
Lead Temperature Range (soldering, 10 sec)
260°C
DC ELECTRICAL CHARACTERISTICS
VCC = 5V, VEE = 0V, TA = 0 to 70°C unless otherwise shown.
PARAMETER
CONDITION
MIN
TYP
MAX
UNITS
Supply Voltage
4.75
5.0
5.25
V
ECL Input Voltage Swing
200
800
1200
mV p-p
ECL Common Mode Input Voltage Range
with 1200mV input signal swing
2500
-
VCC-600
mV
Logic Input Voltage
High
2.0
-
VCC
V
Low
0
-
0.8
V
POWER SAVE 1 MODE
RSET = 4k
PARAMETER
CONDITION
MIN
TYP
MAX
UNITS
Supply Current
RL = 100
-
115
150
mA
Output Common Mode Voltage
VCC-1200
-
VCC-800
mV
Output Voltage Swing
300
450
600
mV
Output Voltage
High
VCC-950
-
VCC-600
mV
Low
VCC-1400
-
VCC-1000
mV
POWER SAVE 2 MODE
RSET = 6k
PARAMETER
CONDITION
MIN
TYP
MAX
UNITS
Supply Current
RL = 200
-
100
130
mA
Output Common Mode Voltage
VCC-1200
-
VCC-800
mV
Output Voltage Swing
300
450
600
mV
Output Voltage
High
VCC-950
-
VCC-600
mV
Low
VCC-1400
-
VCC-1000
mV


Similar Part No. - GX9533

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GX9533 GENNUM-GX9533 Datasheet
1Mb / 15P
   Serial Digital 8x9 Crosspoint
GX9533-CQY GENNUM-GX9533-CQY Datasheet
1Mb / 15P
   Serial Digital 8x9 Crosspoint
GX9533-CTY GENNUM-GX9533-CTY Datasheet
1Mb / 15P
   Serial Digital 8x9 Crosspoint
GX9533 GENNUM-GX9533_09 Datasheet
1Mb / 15P
   Serial Digital 8x9 Crosspoint
More results

Similar Description - GX9533

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GX9533 GENNUM-GX9533_09 Datasheet
1Mb / 15P
   Serial Digital 8x9 Crosspoint
logo
Analog Devices
AD8151 AD-AD8151_15 Datasheet
1Mb / 40P
   Digital Crosspoint Switch
REV. B
AD8152 AD-AD8152_15 Datasheet
1Mb / 32P
   Asynchronous Digital Crosspoint Switch
REV. A
ADN4612 AD-ADN4612 Datasheet
64Kb / 2P
   11.3 Gbps 12X12 Digital Crosspoint
Rev. Sp0
AD8156 AD-AD8156_15 Datasheet
534Kb / 20P
   Digital Crosspoint Switch with EQ
REV. 0
logo
Vitesse Semiconductor C...
VSC880 VITESSE-VSC880 Datasheet
381Kb / 28P
   High Performance 16x16 Serial Crosspoint Switch
logo
ams AG
AS3588A AMSCO-AS3588A Datasheet
98Kb / 15P
   DIGITAL TIME/SPACE CROSSPOINT SWITCH
logo
Lattice Semiconductor
ISPGDX LATTICE-ISPGDX Datasheet
229Kb / 23P
   In-System Programmable Generic Digital Crosspoint
logo
TriQuint Semiconductor
TQ8025 TRIQUINT-TQ8025 Datasheet
217Kb / 10P
   2.5 Gigabit/sec 16x16 Digital Crosspoint Switch
TQ8016 TRIQUINT-TQ8016 Datasheet
233Kb / 9P
   1.3 Gigabit/sec 16x16 Digital ECL Crosspoint Switch
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com