Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACPF-7424 Datasheet(PDF) 2 Page - Broadcom Corporation.

Part # ACPF-7424
Description  Wi-Fi/ISM Bandpass Filter (2401 ??2482 MHz)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

ACPF-7424 Datasheet(HTML) 2 Page - Broadcom Corporation.

  ACPF-7424 Datasheet HTML 1Page - Broadcom Corporation. ACPF-7424 Datasheet HTML 2Page - Broadcom Corporation.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
For product information and a complete list of distributors, please go to our web site:
www.avagotech.com
Avago, Avago Technologies, and the A logo are trademarks of Avago Technologies in the United States and other countries.
Data subject to change. Copyright © 2005-2014 Avago Technologies. All rights reserved.
AV02-4444EN - February 19, 2014
Ordering Information
Part Number
No. of Devices
Container
ACPF-7424-BLK
100
Tape strip or Gel-Pack
ACPF-7424-TR1
3000
7-inch (178 mm) Reel
Notes:
1. Dimensions in millimeters
2. Tolerance, unless otherwise noted:
X.XX ± 0.05
X.XXX ± 0.025
3. Dimensions nominal, unless otherwise noted
4. Contact areas are gold-plated
5. Package marking:
“A” = Avago logo
T = ACPF-7424
Y = Year (last digit)
W = Work Week (See Appendix A)
XXXX = Lot number
Pin Connections:
1
Port 1 (TX/RX)
2, 3, 5
GND
4
Port 2 (ANT)
ORIENTATION MARK
ANT
(4)
TX/RX
(1)
GND
(3)
GND
(2)
GND
(5)
(1)
(3)
(4)
(5)
TOP VIEW
1.4
(1.48 MAX)
0.695
±0.10
1.1
(1.18 MAX)
0.500
0.575
0.500
0.288
BOTTOM VIEW
SIDE VIEW
0.075
0.100
PAD DETAIL
0.325
0.250
XXXX
(2)
TYW
Package Outline Drawing and Marking


Similar Part No. - ACPF-7424

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ACPF-7424 AVAGO-ACPF-7424 Datasheet
159Kb / 2P
   Wi-Fi/ISM Bandpass Filter
More results

Similar Description - ACPF-7424

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
ACFF-1024 BOARDCOM-ACFF-1024 Datasheet
561Kb / 10P
   ISM Bandpass Filter (2401 ??2482 MHz)
logo
AVAGO TECHNOLOGIES LIMI...
ACPF-7424 AVAGO-ACPF-7424 Datasheet
159Kb / 2P
   Wi-Fi/ISM Bandpass Filter
ACPF-7324 AVAGO-ACPF-7324 Datasheet
120Kb / 2P
   Wi-Fi Bandpass Filter
ACPF-7624 AVAGO-ACPF-7624 Datasheet
318Kb / 3P
   Wi-Fi Bandpass Filter
logo
Broadcom Corporation.
ACPF-7324 BOARDCOM-ACPF-7324 Datasheet
120Kb / 2P
   Wi-Fi Bandpass Filter (2402.5 ??2481.5 MHz)
ACPF-7624 BOARDCOM-ACPF-7624 Datasheet
318Kb / 3P
   Wi-Fi Bandpass Filter
logo
AVAGO TECHNOLOGIES LIMI...
ACPF-7224 AVAGO-ACPF-7224 Datasheet
118Kb / 2P
   ISM Bandpass Filter (2401 ??2483 MHz) for Coexistence with Bands 40/38
ACFF-1024 AVAGO-ACFF-1024 Datasheet
561Kb / 10P
   ISM Bandpass Filter
ACPF-7224 AVAGO-ACPF-7224_15 Datasheet
118Kb / 2P
   ISM Bandpass Filter
logo
AVX Corporation
1002228 AVX-1002228 Datasheet
510Kb / 4P
   Dual-Feed ISM & BT/Wi Wi-Fi Vertical FR4 antenna
11/8/2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com