Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HAL320 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # HAL320
Description  Differential Hall Effect Sensor IC
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

HAL320 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button HAL320 Datasheet HTML 2Page - List of Unclassifed Manufacturers HAL320 Datasheet HTML 3Page - List of Unclassifed Manufacturers HAL320 Datasheet HTML 4Page - List of Unclassifed Manufacturers HAL320 Datasheet HTML 5Page - List of Unclassifed Manufacturers HAL320 Datasheet HTML 6Page - List of Unclassifed Manufacturers HAL320 Datasheet HTML 7Page - List of Unclassifed Manufacturers HAL320 Datasheet HTML 8Page - List of Unclassifed Manufacturers HAL320 Datasheet HTML 9Page - List of Unclassifed Manufacturers HAL320 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
HAL320
6
Micronas
Electrical Characteristics at TJ = –40 °C to +170 °C , VDD = 4.5 V to 24 V, as not otherwise specified in Conditions
Typical Characteristics for TJ = 25 °C and VDD = 12 V
Symbol
Parameter
Pin No.
Min.
Typ.
Max.
Unit
Conditions
IDD
Supply Current
1
2.8
4.7
6.8
mA
TJ = 25 °C
IDD
Supply Current over
Temperature Range
1
1.8
4.7
7.5
mA
VDDZ
Overvoltage Protection
at Supply
1
28.5
32.5
V
IDD = 25 mA, TJ = 25 °C,
t = 20 ms
VOZ
Overvoltage Protection at Output
3
28
32.5
V
IOH = 25 mA, TJ = 25 °C,
t = 20 ms
VOL
Output Voltage
3
170
250
mV
VDD = 12 V, IO = 20 mA,
TJ = 25 °C
VOL
Output Voltage over
Temperature Range
3
170
400
mV
IO = 20 mA
VOL
Output Voltage over
Temperature Range
3
210
500
mV
IO = 25 mA
IOH
Output Leakage Current
3
1
µA
VOH = 4.5 V... 24 V,
DB < DBOFF, TJ = 25 °C
IOH
Output Leakage Current over
Temperature Range
3
10
µA
VOH = 4.5 V... 24 V,
DB < DBOFF, TJ ≤ 150 °C
fosc
Internal Oscillator
Chopper Frequency
42
62
75
kHz
TJ = 25 °C
fosc
Internal Oscillator Chopper Fre-
quency over Temperature Range
40
62
80
kHz
ten(O)
Enable Time of Output
after Setting of VDD
3
35
µs
VDD = 12 V,
DB > DBON + 2mT or
DB < DBOFF – 2mT
tr
Output Rise Time
3
80
400
ns
VDD = 12 V, RL = 820 Ω,
CL = 20 pF
tf
Output Fall Time
3
50
400
ns
VDD = 12 V, RL = 820 Ω,
CL = 20 pF
RthJSB
case
SOT-89A,
SOT-89B
Thermal Resistance Junction to
Substrate Backside
150
200
K/W
Fiberglass Substrate
30 mm x 10 mm x 1.5mm,
pad size see Fig. 8
RthJS
case
TO-92UA
Thermal Resistance
Junction to Soldering Point
150
200
K/W


Similar Part No. - HAL320

ManufacturerPart #DatasheetDescription
logo
Micronas
HAL320 MICRONAS-HAL320 Datasheet
1Mb / 22P
   Differential Hall-Effect Sensor IC
HAL320SF-A MICRONAS-HAL320SF-A Datasheet
1Mb / 22P
   Differential Hall-Effect Sensor IC
HAL320UA-A MICRONAS-HAL320UA-A Datasheet
1Mb / 22P
   Differential Hall-Effect Sensor IC
More results

Similar Description - HAL320

ManufacturerPart #DatasheetDescription
logo
Micronas
HAL300 MICRONAS-HAL300 Datasheet
140Kb / 17P
   Differential Hall Effect Sensor IC
HAL320 MICRONAS-HAL320 Datasheet
1Mb / 22P
   Differential Hall-Effect Sensor IC
HAL300 MICRONAS-HAL300_1 Datasheet
1Mb / 22P
   Differential Hall Effect Sensor IC
logo
Infineon Technologies A...
TLE4923 INFINEON-TLE4923 Datasheet
127Kb / 18P
   Dynamic Differential Hall Effect Sensor IC
2000-07-01
TLE4923 INFINEON-TLE4923_05 Datasheet
616Kb / 24P
   Dynamic Differential Hall Effect Sensor IC
V 1.0, April 2005
TLE4921-3U INFINEON-TLE4921-3U Datasheet
138Kb / 19P
   Dynamic Differential Hall Effect Sensor IC
2000-07-01
TLE4921-5U INFINEON-TLE4921-5U Datasheet
568Kb / 24P
   Dynamic Differential Hall Effect Sensor IC
2002-08-02
TLE4921-5U INFINEON-TLE4921-5U_08 Datasheet
875Kb / 26P
   Dynamic Differential Hall Effect Sensor IC
V 1.1, January 2008
logo
Siemens Semiconductor G...
TLE4923 SIEMENS-TLE4923 Datasheet
157Kb / 18P
   Dynamic Differential Hall Effect Sensor IC
logo
Infineon Technologies A...
TLE4941 INFINEON-TLE4941 Datasheet
853Kb / 11P
   Differential Two-Wire Hall Effect Sensor IC
Febrary 2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com