Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CBR1 Datasheet(PDF) 2 Page - Central Semiconductor Corp

Part # CBR1
Description  Consolidated shipping options
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CBR1 Datasheet(HTML) 2 Page - Central Semiconductor Corp

  CBR1 Datasheet HTML 1Page - Central Semiconductor Corp CBR1 Datasheet HTML 2Page - Central Semiconductor Corp CBR1 Datasheet HTML 3Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
CBR1 SERIES
CBR2 SERIES
SILICON BRIDGE RECTIFIERS
MARKING:
FULL PART NUMBER
CASE A - MECHANICAL OUTLINE
www.centr a lsemi.com
R1 (31-July 2013)


Similar Part No. - CBR1

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CBR1-010 CENTRAL-CBR1-010 Datasheet
44Kb / 1P
   SILICON BRIDGE RECTIFIERS
CBR1-010 CENTRAL-CBR1-010 Datasheet
578Kb / 2P
   SILICON BRIDGE RECTIFIERS
CBR1-010 CENTRAL-CBR1-010 Datasheet
195Kb / 3P
   SILICON BRIDDGE RECTIFIERS CONTROLLED AVALANCHE
CBR1-010 CENTRAL-CBR1-010_15 Datasheet
578Kb / 2P
   SILICON BRIDGE RECTIFIERS
CBR1-020 CENTRAL-CBR1-020 Datasheet
44Kb / 1P
   SILICON BRIDGE RECTIFIERS
More results

Similar Description - CBR1

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
1N4614 CENTRAL-1N4614 Datasheet
431Kb / 3P
   Consolidated shipping options
1N4099 CENTRAL-1N4099 Datasheet
433Kb / 3P
   Consolidated shipping options
logo
Tripp Lite. All Rights ...
SRCASE4U TRIPPLITE-SRCASE4U Datasheet
171Kb / 2P
   4U ABS Server Rack Equipment Shipping Case
SRCASE6U TRIPPLITE-SRCASE6U Datasheet
181Kb / 2P
   6U ABS Server Rack Equipment Shipping Case
SRCASE2U TRIPPLITE-SRCASE2U Datasheet
164Kb / 2P
   2U ABS Server Rack Equipment Shipping Case
SRCASE10U TRIPPLITE-SRCASE10U Datasheet
198Kb / 2P
   10U ABS Server Rack Equipment Shipping Case
logo
Artesyn Technologies
LDS70 ARTESYN-LDS70 Datasheet
973Kb / 3P
   Dimming options
LDS150 ARTESYN-LDS150 Datasheet
1,019Kb / 3P
   Dimming options
LDS100 ARTESYN-LDS100 Datasheet
998Kb / 3P
   Dimming options
logo
Littelfuse
K1500GRP LITTELFUSE-K1500GRP Datasheet
306Kb / 8P
   Packing Options
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com