Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1GB-AUTO-AS4C64M16D3 Datasheet(PDF) 6 Page - Alliance Semiconductor Corporation

Part # 1GB-AUTO-AS4C64M16D3
Description  Supports JEDEC clock jitter specification
Download  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

1GB-AUTO-AS4C64M16D3 Datasheet(HTML) 6 Page - Alliance Semiconductor Corporation

Back Button 1GB-AUTO-AS4C64M16D3 Datasheet HTML 2Page - Alliance Semiconductor Corporation 1GB-AUTO-AS4C64M16D3 Datasheet HTML 3Page - Alliance Semiconductor Corporation 1GB-AUTO-AS4C64M16D3 Datasheet HTML 4Page - Alliance Semiconductor Corporation 1GB-AUTO-AS4C64M16D3 Datasheet HTML 5Page - Alliance Semiconductor Corporation 1GB-AUTO-AS4C64M16D3 Datasheet HTML 6Page - Alliance Semiconductor Corporation 1GB-AUTO-AS4C64M16D3 Datasheet HTML 7Page - Alliance Semiconductor Corporation 1GB-AUTO-AS4C64M16D3 Datasheet HTML 8Page - Alliance Semiconductor Corporation 1GB-AUTO-AS4C64M16D3 Datasheet HTML 9Page - Alliance Semiconductor Corporation 1GB-AUTO-AS4C64M16D3 Datasheet HTML 10Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 86 page
background image
Ball Descriptions
Table 3. Ball Descriptions
Symbol
Type
Description
CK, CK#
Input
Differential Clock: CK and CK# are driven by the system clock. All SDRAM input signals
are sampled on the crossing of positive edge of CK and negative edge of CK#. Output
(Read) data is referenced to the crossings of CK and CK# (both directions of crossing).
CKE
Input
Clock Enable: CKE activates (HIGH) and deactivates (LOW) the CK signal. If CKE goes
LOW synchronously with clock, the internal clock is suspended from the next clock cycle
and the state of output and burst address is frozen as long as the CKE remains LOW.
When all banks are in the idle state, deactivating the clock controls the entry to the Power
Down and Self Refresh modes.
BA0-BA2
Input
Bank Address: BA0-BA2 define to which bank the BankActivate, Read, Write, or Bank
Precharge command is being applied.
A0-A12
Input
Address Inputs: A0-A12 are sampled during the BankActivate command (row address
A0-A12) and Read/Write command (column address A0-A9 with A10 defining Auto
Precharge).
A10/AP
Input
Auto-Precharge: A10 is sampled during Read/Write commands to determine whether
Autoprecharge should be performed to the accessed bank after the Read/Write operation.
(HIGH: Autoprecharge; LOW: no Autoprecharge). A10 is sampled during a Precharge
command to determine whether the Precharge applies to one bank (A10 LOW) or all
banks (A10 HIGH).
A12/BC#
Input
Burst Chop: A12/BC# is sampled during Read and Write commands to determine if burst
chop (on the fly) will be performed. (HIGH - no burst chop; LOW - burst chopped).
CS#
Input
Chip Select: CS# enables (sampled LOW) and disables (sampled HIGH) the command
decoder. All commands are masked when CS# is sampled HIGH. It is considered part of
the command code.
RAS#
Input
Row Address Strobe: The RAS# signal defines the operation commands in conjunction
with the CAS# and WE# signals and is latched at the crossing of positive edges of CK and
negative edge of CK#. When RAS# and CS# are asserted "LOW" and CAS# is asserted
"HIGH," either the BankActivate command or the Precharge command is selected by the
WE# signal. When the WE# is asserted "HIGH," the BankActivate command is selected
and the bank designated by BA is turned on to the active state. When the WE# is asserted
"LOW," the Precharge command is selected and the bank designated by BA is switched
to the idle state after the precharge operation.
CAS#
Input
Column Address Strobe: The CAS# signal defines the operation commands in
conjunction with the RAS# and WE# signals and is latched at the crossing of positive
edges of CK and negative edge of CK#. When RAS# is held "HIGH" and CS# is asserted
"LOW," the column access is started by asserting CAS# "LOW." Then, the Read or Write
command is selected by asserting WE# “HIGH " or “LOW".
WE#
Input
Write Enable: The WE# signal defines the operation commands in conjunction with the
RAS# and CAS# signals and is latched at the crossing of positive edges of CK and
negative edge of CK#. The WE# input is used to select the BankActivate or Precharge
command and Read or Write command.
LDQS,
LDQS#
UDQS
UDQS#
Input /
Output
Bidirectional Data Strobe: Specifies timing for Input and Output data. Read Data Strobe
is edge triggered. Write Data Strobe provides a setup and hold time for data and DQM.
LDQS is for DQ0~7, UDQS is for DQ8~15. The data strobes LDOS and UDQS are paired
with LDQS# and UDQS# to provide differential pair signaling to the system during both
reads and writes.
LDM,
UDM
Input
Data Input Mask: Input data is masked when DM is sampled HIGH during a write cycle.
LDM masks DQ0-DQ7, UDM masks DQ8-DQ15.
DQ0 - DQ15
Input /
Output
Data I/O: The DQ0-DQ15 input and output data are synchronized with positive and
negative edges of DQS and DQS#. TheI/Os are byte-maskable during Writes.
 
 
 
1Gb Auto-AS4C64M16D3
Confidential
--6/86
Rev.1.0
June 2015


Similar Part No. - 1GB-AUTO-AS4C64M16D3

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
1GB-AUTO-AS4C128M8D3 ALSC-1GB-AUTO-AS4C128M8D3 Datasheet
2Mb / 84P
   Fully synchronous operation
More results

Similar Description - 1GB-AUTO-AS4C64M16D3

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
2GB-AUTO-AS4C128M16D3L ALSC-2GB-AUTO-AS4C128M16D3L Datasheet
1Mb / 83P
   Supports JEDEC clock jitter specification
4GB-DDR3L-AS4C256M16D3L ALSC-4GB-DDR3L-AS4C256M16D3L Datasheet
2Mb / 89P
   Supports JEDEC clock jitter specification
logo
Skyworks Solutions Inc.
SI5316 SKYWORKS-SI5316 Datasheet
1Mb / 26P
   PRECISION CLOCK JITTER ATTENUATOR
Rev. 1.0
logo
Analog Devices
AD9523-1 AD-AD9523-1 Datasheet
1Mb / 63P
   Low Jitter Clock Generator
logo
Cypress Semiconductor
CY27020 CYPRESS-CY27020 Datasheet
785Kb / 9P
   Supports clock requirements for printers
logo
Integrated Circuit Syst...
MK2058-01 ICST-MK2058-01 Datasheet
150Kb / 10P
   Communications Clock Jitter Attenuator
logo
Texas Instruments
LMK04100 TI1-LMK04100_14 Datasheet
1Mb / 52P
[Old version datasheet]   Family Clock Jitter Cleaner
CDC5801A TI1-CDC5801A_14 Datasheet
613Kb / 18P
[Old version datasheet]   Low Jitter Clock Multiplier
logo
Renesas Technology Corp
MK2058-01 RENESAS-MK2058-01 Datasheet
413Kb / 12P
   COMMUNICATIONS CLOCK JITTER ATTENUATOR
051310
logo
Analog Devices
AD9523-1BCPZ AD-AD9523-1BCPZ Datasheet
840Kb / 60P
   Low Jitter Clock Generator
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com