Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N4747A Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # 1N4747A
Description  Custom bar coding for shipments
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

1N4747A Datasheet(HTML) 1 Page - Central Semiconductor Corp

  1N4747A Datasheet HTML 1Page - Central Semiconductor Corp 1N4747A Datasheet HTML 2Page - Central Semiconductor Corp 1N4747A Datasheet HTML 3Page - Central Semiconductor Corp 1N4747A Datasheet HTML 4Page - Central Semiconductor Corp 1N4747A Datasheet HTML 5Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1N4728A THRU 1N4764A
SILICON ZENER DIODES
1.0 WATT, 3.3 THRU 100 VOLT
5% TOLERANCE
DESCRIPTION:
The CENTRAL SEMICONDUCTOR 1N4728A series
silicon Zener diode is a highly reliable voltage regulator
designed for use in industrial, commercial, entertainment
and computer applications.
MARKING: FULL PART NUMBER
MAXIMUM RATINGS:
SYMBOL
UNITS
Power Dissipation (TA=50°C)
PD
1.0
W
Operating and Storage Temperature
TJ, Tstg
-65 to +200
°C
ELECTRICAL CHARACTERISTICS: (TA=25°C) VF=1.2V MAX @ IF=200mA (for all types)
TYPE
ZENER
VOLTAGE
VZ @ IZT
TEST
CURRENT
MAXIMUM
ZENER IMPEDANCE
MAXIMUM
REVERSE
CURRENT
MAXIMUM
DC
CURRENT
MAXIMUM
TEMPERATURE
COEFFICIENT
@ IZT
MIN
NOM
MAX
IZT
ZZT @ IZT
ZZK @ IZK
IR @ VR
IZM
ΘVZ
V
V
V
mA
Ω
Ω
mA
μA
V
mA
% / °C
1N4728A
3.135
3.3
3.465
76
10
400
1.0
100
1.0
1380
-0.08 to -0.05
1N4729A
3.420
3.6
3.780
69
10
400
1.0
100
1.0
1260
-0.08 to -0.05
1N4730A
3.705
3.9
4.095
64
9.0
400
1.0
50
1.0
1190
-0.07 to -0.02
1N4731A
4.085
4.3
4.515
58
9.0
400
1.0
10
1.0
1070
-0.07 to -0.01
1N4732A
4.465
4.7
4.935
53
8.0
500
1.0
10
1.0
970
-0.03 to +0.04
1N4733A
4.845
5.1
5.355
49
7.0
550
1.0
10
1.0
890
-0.01 to +0.04
1N4734A
5.320
5.6
5.880
45
5.0
600
1.0
10
2.0
810
0 to +0.045
1N4735A
5.890
6.2
6.510
41
2.0
700
1.0
10
3.0
730
+0.01 to +0.055
1N4736A
6.460
6.8
7.140
37
3.5
700
1.0
10
4.0
660
+0.015 to +0.06
1N4737A
7.125
7.5
7.875
34
4.0
700
0.5
10
5.0
605
+0.02 to +0.065
1N4738A
7.790
8.2
8.610
31
4.5
700
0.5
10
6.0
550
+0.03 to +0.07
1N4739A
8.645
9.1
9.555
28
5.0
700
0.5
10
7.0
500
+0.035 to +0.075
1N4740A
9.500
10
10.50
25
7.0
700
0.25
10
7.6
454
+0.04 to +0.08
1N4741A
10.45
11
11.55
23
8.0
700
0.25
5.0
8.4
414
+0.045 to +0.08
1N4742A
11.40
12
12.60
21
9.0
700
0.25
5.0
9.1
380
+0.045 to +0.085
1N4743A
12.35
13
13.65
19
10
700
0.25
5.0
9.9
344
+0.05 to +0.085
1N4744A
14.25
15
15.75
17
14
700
0.25
5.0
11.4
304
+0.055 to +0.09
1N4745A
15.20
16
16.80
15.5
16
700
0.25
5.0
12.2
285
+0.055 to +0.09
1N4746A
17.10
18
18.90
14
20
750
0.25
5.0
13.7
250
+0.06 to +0.09
1N4747A
19.00
20
21.00
12.5
22
750
0.25
5.0
15.2
225
+0.06 to +0.09
1N4748A
20.90
22
23.10
11.5
23
750
0.25
5.0
16.7
205
+0.06 to +0.095
1N4749A
22.80
24
25.20
10.5
25
750
0.25
5.0
18.2
190
+0.06 to +0.095
1N4750A
25.65
27
28.35
9.5
35
750
0.25
5.0
20.6
170
+0.06 to +0.095
Cen
tral
DO-41 CASE
R2 (14-October 2013)
www.centr a lsemi.com


Similar Part No. - 1N4747A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
1N4747A RENESAS-1N4747A Datasheet
166Kb / 6P
   Silicon Planar Zener Diodes for Stabilized Power Supply
logo
Anova Technologies CO.,...
1N4747A ANOVA-1N4747A Datasheet
240Kb / 3P
   Axial Lead Zener Diodes
logo
NXP Semiconductors
1N4747A PHILIPS-1N4747A Datasheet
31Kb / 6P
   Voltage regulator diodes
1996 Apr 26
logo
Vishay Siliconix
1N4747A VISHAY-1N4747A Datasheet
75Kb / 4P
   Zener Diodes
Rev. 2.3. 13-Nov-12
logo
Shenzhen Ping Sheng Ele...
1N4747A PFS-1N4747A Datasheet
390Kb / 4P
   SILICON PLANAR POWER ZENER DIODES
More results

Similar Description - 1N4747A

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
1N4148 CENTRAL-1N4148 Datasheet
752Kb / 7P
   Custom bar coding for shipments
logo
HARTING Technology Grou...
09-21-000-9971 HARTING-09-21-000-9971 Datasheet
485Kb / 1P
   Han D-AV MK Coding Bar 88pcs. 5x10mm
2021-10-01
logo
Grayhill, Inc
61A32-060 GRAYHILL-61A32-060 Datasheet
432Kb / 2P
   Absolute Position Sensing 3, 4, or 5-Bit Custom Output Coding
logo
Keysight Technologies
N7608B KEYSIGHT-N7608B Datasheet
1Mb / 8P
   Signal Studio for Custom Modulation
logo
Pepperl+Fuchs Inc.
H-CP PF-H-CP Datasheet
408Kb / 1P
   Coding Pins
logo
List of Unclassifed Man...
IR2E16 ETC-IR2E16 Datasheet
81Kb / 3P
   LED for Bar Graphic Display
logo
ON Semiconductor
ASM3P2854C ONSEMI-ASM3P2854C Datasheet
159Kb / 8P
   Custom Clock Generator for Fax System
MARCH 2010 ??Rev. 1
logo
PulseCore Semiconductor
PCS3P7100A PULSECORE-PCS3P7100A_1 Datasheet
386Kb / 9P
   Custom Clock Generator for Display Systems
ASM3P2854B PULSECORE-ASM3P2854B Datasheet
389Kb / 8P
   Custom Clock Generator for Fax System
logo
ON Semiconductor
PCS3P7100A ONSEMI-PCS3P7100A Datasheet
198Kb / 8P
   Custom Clock Generator for Display Systems
JANUARY 2010 ??Rev. 1
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com