Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS4C256M8D2-25BCN Datasheet(PDF) 10 Page - Alliance Semiconductor Corporation

Part # AS4C256M8D2-25BCN
Description  Weak Strength Data-Output Driver Option
Download  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS4C256M8D2-25BCN Datasheet(HTML) 10 Page - Alliance Semiconductor Corporation

Back Button AS4C256M8D2-25BCN Datasheet HTML 6Page - Alliance Semiconductor Corporation AS4C256M8D2-25BCN Datasheet HTML 7Page - Alliance Semiconductor Corporation AS4C256M8D2-25BCN Datasheet HTML 8Page - Alliance Semiconductor Corporation AS4C256M8D2-25BCN Datasheet HTML 9Page - Alliance Semiconductor Corporation AS4C256M8D2-25BCN Datasheet HTML 10Page - Alliance Semiconductor Corporation AS4C256M8D2-25BCN Datasheet HTML 11Page - Alliance Semiconductor Corporation AS4C256M8D2-25BCN Datasheet HTML 12Page - Alliance Semiconductor Corporation AS4C256M8D2-25BCN Datasheet HTML 13Page - Alliance Semiconductor Corporation AS4C256M8D2-25BCN Datasheet HTML 14Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 70 page
background image
*1 : A13 is reserved for future use and must be programmed to 0 when setting the mode register.
BA2 and A14 are not used for 512Mb, b t used for 1Gb and 2Gb DDR2 SDRAMs. A15 is reserved for future
use.
Address Field
RDQS
Extended Mode Register
DLL
0*1
D.I.C
BA0 A15*1~A13
A11
A10
A9
A8
A7
A6
A5
A4
A3
A2
A1
A0
A0
DLL En able
0Enable
1
Disable
Additive latency
A5
A4
A3
Additive Latency
00
0
0
00
1
1
01
0
2
01
1
3
10
0
4
1
0
1
5
11
0
1
1
1
Reserved
tting to default, OCD mode needs to be exited
by setting A9-A7 to
A9
A8
A7
OC
00
0
O
00
1
01
0
10
0
11
1
defau
OCD program
1
DQS
Rtt
Rtt
A1
Outpu t Dri ver
Impe denc e Control
Drive r
Size
0Normal
100%
1Weak60%
A10
DQS
0Enable
1Disable
* If RDQS is enabled, the
DM function is disabled. RDQS
is active for reads and don’t
care for writes.
A11
RDQS Enable
0
Disable
1Enable
BA1
0
A6
A2
Rtt (NOMINAL)
00
ODT
01
1
0
150 ohm
1
1
50 ohm (*2)
BA1
BA0
MRS mode
00
MRS
01
EMRS(1)
1
0
EMRS(2)
1
1
EMRS(3): Reserved
EMRS(1) Programming
Qoff
A12
A12
Qoff (Optional) a
a. Outputs disabled - DQs, DQSs, DQSs,
RDQS, RDQS. This feature is used in
conjunction with dimm IDD meaurements when
IDDQ is not desired to be included.
0
Output buffer enabled
1
Output buffer disabled
A11
(RDQS Enable)
A10
(DQS Enable)
Strob e Fun cti on M atrix
RDQS/DM
RDQS
DQS
DQS
0 (Disable)
0 (Enable)
DM
Hi-z
DQS
DQS
0 (Disable)
1 (Disable)
DM
Hi-z
DQS
Hi-z
1 (Enable)
0 (Enable)
RDQS
RDQS
DQS
DQS
1 (Enable)
1 (Disable)
RDQS
Hi-z
DQS
Hi-z
BA2*1
0
75 ohm
Disable
2Gb DDR2 - AS4C256M8D2
Confidential
-10/70-
Rev.1.0 Sep. 2015


Similar Part No. - AS4C256M8D2-25BCN

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS4C256M8D3 ALSC-AS4C256M8D3 Datasheet
2Mb / 82P
   Fully synchronous operation
AS4C256M8D3-12BAN ALSC-AS4C256M8D3-12BAN Datasheet
2Mb / 82P
   8 internal banks for concurrent operation
AS4C256M8D3-12BCN ALSC-AS4C256M8D3-12BCN Datasheet
2Mb / 82P
   Fully synchronous operation
AS4C256M8D3-12BIN ALSC-AS4C256M8D3-12BIN Datasheet
2Mb / 82P
   Fully synchronous operation
AS4C256M8D3-15BCN ALSC-AS4C256M8D3-15BCN Datasheet
2Mb / 82P
   Fully synchronous operation
More results

Similar Description - AS4C256M8D2-25BCN

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS4C16M16MD1 ALSC-AS4C16M16MD1 Datasheet
5Mb / 55P
   Programmable output buffer driver strength
logo
Silicon Laboratories
SI53320-28 SILABS-SI53320-28 Datasheet
1Mb / 51P
   Output Enable option
logo
STMicroelectronics
STV7622 STMICROELECTRONICS-STV7622 Datasheet
313Kb / 32P
   192 output plasma display panel data driver
logo
GSI Technology
GS8342QT37BGD-300I GSI-GS8342QT37BGD-300I Datasheet
503Kb / 29P
   ZQ pin for programmable output drive strength
logo
Maxim Integrated Produc...
MAX9324 MAXIM-MAX9324 Datasheet
274Kb / 12P
   One-to-Five LVPECL/LVCMOS Output Clock and Data Driver
19-2576; Rev 0; 10/02
logo
NXP Semiconductors
GD3162 NXP-GD3162 Datasheet
218Kb / 11P
   Advanced IGBT/SiC gate driver with dynamic gate strength adjust
Rev. 1 - 29 November 2022
logo
Microchip Technology
MCP37210-200 MICROCHIP-MCP37210-200 Datasheet
3Mb / 116P
   Output Data Format
07/14/15
logo
NXP Semiconductors
GD3162 NXP-GD3162_V01 Datasheet
193Kb / 10P
   Advanced IGBT/SiC gate driver with dynamic gate strength adjust
Rev. 1.1 - 10 May 2023
logo
Laird Tech Smart Techno...
BSR-U LSTD-BSR-U Datasheet
207Kb / 2P
   High mechanical strength
logo
Maxim Integrated Produc...
MAX9323 MAXIM-MAX9323 Datasheet
272Kb / 11P
   One-to-Four LVCMOS-to-LVPECL Output Clock and Data Driver
19-2575; Rev 0; 10/02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com