Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS4C1M16S-6TIN Datasheet(PDF) 7 Page - Alliance Semiconductor Corporation

Part # AS4C1M16S-6TIN
Description  Programmable Mode registers
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS4C1M16S-6TIN Datasheet(HTML) 7 Page - Alliance Semiconductor Corporation

Back Button AS4C1M16S-6TIN Datasheet HTML 3Page - Alliance Semiconductor Corporation AS4C1M16S-6TIN Datasheet HTML 4Page - Alliance Semiconductor Corporation AS4C1M16S-6TIN Datasheet HTML 5Page - Alliance Semiconductor Corporation AS4C1M16S-6TIN Datasheet HTML 6Page - Alliance Semiconductor Corporation AS4C1M16S-6TIN Datasheet HTML 7Page - Alliance Semiconductor Corporation AS4C1M16S-6TIN Datasheet HTML 8Page - Alliance Semiconductor Corporation AS4C1M16S-6TIN Datasheet HTML 9Page - Alliance Semiconductor Corporation AS4C1M16S-6TIN Datasheet HTML 10Page - Alliance Semiconductor Corporation AS4C1M16S-6TIN Datasheet HTML 11Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 54 page
background image
AS4C1M16S-C&I
Confidential
6
Rev. 2.0
March /2015
Operation Mode
Fully synchronous operations are performed to latch the commands at the positive edges of CLK. Table
4 shows the truth table for the operation commands.
Table 4. Truth Table (Note (1), (2))
Command
State
CKEn-1 CKEn DQM(6) A11 A10 A0-9 CS# RAS# CAS# WE#
BankActivate
Idle(3)
H
X
X
V
V
V
L
L
H
H
BankPrecharge
Any
H
X
X
V
L
X
L
L
H
L
PrechargeAll
Any
H
X
X
X
H
X
L
L
H
L
Write
Active(3)
H
X
V
V
L
V
L
H
L
L
Write and AutoPrecharge
Active(3)
H
X
V
V
H
V
L
H
L
L
Read
Active(3)
H
X
V
V
L
V
L
H
L
H
Read and Autoprecharge
Active(3)
H
X
V
V
H
V
L
H
L
H
Mode Register Set
Idle
H
X
X
OP code
L
L
L
L
No-Operation
Any
H
X
X
X
X
X
L
H
H
H
Burst Stop
Active(4)
H
X
X
X
X
X
L
H
H
L
Device Deselect
Any
H
X
X
X
X
X
H
X
X
X
AutoRefresh
Idle
H
H
X
X
X
X
L
L
L
H
SelfRefresh Entry
Idle
H
L
X
X
X
X
L
L
L
H
SelfRefresh Exit
Idle
L
H
X
X
X
X
H
X
X
X
(SelfRefresh)
L
H
H
H
Clock Suspend Mode Entry
Active
H
L
X
X
X
X
H
X
X
X
L
V
V
V
Power Down Mode Entry
Any(5)
H
L
X
X
X
X
H
X
X
X
L
H
H
H
Clock Suspend Mode Exit
Active
L
H
X
X
X
X
X
X
X
X
Power Down Mode Exit
Any
L
H
X
X
X
X
H
X
X
X
(PowerDown)
L
H
H
H
Data Write/Output Enable
Active
H
X
L
X
X
X
X
X
X
X
Data Mask/Output Disable
Active
H
X
H
X
X
X
X
X
X
X
Note:
1. V=Valid, X=Don't Care, L=Low level, H=High level
2. CKEn signal is input level when commands are provided.
CKEn-1 signal is input level one clock cycle before the commands are provided.
3. These are states of bank designated by A11 signal.
4. Device state is 1, 2, 4, 8, and full page burst operation.
5. Power Down Mode can not enter in the burst operation.
When this command is asserted in the burst cycle, device state is clock suspend mode.
6. LDQM and UDQM


Similar Part No. - AS4C1M16S-6TIN

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS4C1M16S-6TIN ALSC-AS4C1M16S-6TIN Datasheet
1Mb / 54P
   1M x 16 bit Synchronous DRAM (SDRAM)
More results

Similar Description - AS4C1M16S-6TIN

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS4C8M16S ALSC-AS4C8M16S Datasheet
1Mb / 55P
   Programmable Mode registers
AS4C16M16S ALSC-AS4C16M16S Datasheet
2Mb / 54P
   Programmable Mode registers
AS4C4M32S ALSC-AS4C4M32S Datasheet
1Mb / 46P
   Programmable Mode
logo
Siemens Semiconductor G...
HYB39S13620TQ- SIEMENS-HYB39S13620TQ- Datasheet
563Kb / 70P
   Special Mode Registers Two color registers Burst Read with Single Write Operation
logo
NXP Semiconductors
74F399 PHILIPS-74F399 Datasheet
88Kb / 10P
   Registers
1999 Jan 08
74F651A PHILIPS-74F651A Datasheet
168Kb / 14P
   Transceivers/registers
1999 Jun 23
logo
Fairchild Semiconductor
74F652 FAIRCHILD-74F652 Datasheet
71Kb / 8P
   Transceivers/Registers
logo
National Semiconductor ...
54F651SDM NSC-54F651SDM Datasheet
188Kb / 10P
   Transceivers/Registers
logo
Texas Instruments
SN54AHCT594 TI-SN54AHCT594_08 Datasheet
701Kb / 19P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH OUTPUT REGISTERS
logo
Fairchild Semiconductor
74F651 FAIRCHILD-74F651 Datasheet
73Kb / 8P
   Transceivers/Registers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com