Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS4C4M16D1A-5TAN Datasheet(PDF) 10 Page - Alliance Semiconductor Corporation

Part # AS4C4M16D1A-5TAN
Description  AEC-Q100 Compliant
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS4C4M16D1A-5TAN Datasheet(HTML) 10 Page - Alliance Semiconductor Corporation

Back Button AS4C4M16D1A-5TAN Datasheet HTML 6Page - Alliance Semiconductor Corporation AS4C4M16D1A-5TAN Datasheet HTML 7Page - Alliance Semiconductor Corporation AS4C4M16D1A-5TAN Datasheet HTML 8Page - Alliance Semiconductor Corporation AS4C4M16D1A-5TAN Datasheet HTML 9Page - Alliance Semiconductor Corporation AS4C4M16D1A-5TAN Datasheet HTML 10Page - Alliance Semiconductor Corporation AS4C4M16D1A-5TAN Datasheet HTML 11Page - Alliance Semiconductor Corporation AS4C4M16D1A-5TAN Datasheet HTML 12Page - Alliance Semiconductor Corporation AS4C4M16D1A-5TAN Datasheet HTML 13Page - Alliance Semiconductor Corporation AS4C4M16D1A-5TAN Datasheet HTML 14Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 54 page
background image
• Test Mode Field (A8~A7)
These two bits are used to enter the test mode and must be programmed to "00" in normal operation.
Table 9. Test Mode
A8
A7
Test Mode
0
0
Normal mode
1
0
DLL Reset
X
1
Test mode
• (BA0, BA1)
Table 10. MRS/EMRS
BA1
BA0
A11 ~ A0
RFU
0
MRS Cycle
RFU
1
Extended Functions (EMRS)
AS4C4M16D1A-5TAN
Confidential
- 10/54 -
Rev.1.0 Dec 2015


Similar Part No. - AS4C4M16D1A-5TAN

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS4C4M16D1A-5TCN ALSC-AS4C4M16D1A-5TCN Datasheet
1Mb / 54P
   Internal pipeline architecture
AS4C4M16D1A-5TIN ALSC-AS4C4M16D1A-5TIN Datasheet
1Mb / 54P
   Internal pipeline architecture
More results

Similar Description - AS4C4M16D1A-5TAN

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS4C128M16D3LA-12BAN ALSC-AS4C128M16D3LA-12BAN Datasheet
2Mb / 83P
   AEC-Q100 Compliant
4GB-AUTO-AS4C512M8D3 ALSC-4GB-AUTO-AS4C512M8D3 Datasheet
4Mb / 83P
   AEC-Q100 Compliant
logo
Rohm
BD16936EFV-M ROHM-BD16936EFV-M Datasheet
1Mb / 23P
   AEC-Q100 Qualified
BD2268G-M ROHM-BD2268G-M Datasheet
486Kb / 26P
   AEC-Q100 Qualified
BU97530KVT-M ROHM-BU97530KVT-M Datasheet
976Kb / 59P
   AEC-Q100 Qualified
BD82006FVJ-M ROHM-BD82006FVJ-M Datasheet
1Mb / 26P
   AEC-Q100 Qualified
BU97550KV-M ROHM-BU97550KV-M Datasheet
2Mb / 72P
   AEC-Q100 Qualified
BU97600XXX ROHM-BU97600XXX Datasheet
1Mb / 63P
   AEC-Q100 Qualified
BD83732HFP-M ROHM-BD83732HFP-M Datasheet
1Mb / 32P
   AEC-Q100 Qualified
logo
IXYS Corporation
IXD_609SI IXYS-IXD_609SI Datasheet
255Kb / 11P
   AEC Q100 Qualified
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com