Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS4C4M16D1-5TIN Datasheet(PDF) 10 Page - Alliance Semiconductor Corporation

Part # AS4C4M16D1-5TIN
Description  Fully synchronous operation
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS4C4M16D1-5TIN Datasheet(HTML) 10 Page - Alliance Semiconductor Corporation

Back Button AS4C4M16D1-5TIN Datasheet HTML 6Page - Alliance Semiconductor Corporation AS4C4M16D1-5TIN Datasheet HTML 7Page - Alliance Semiconductor Corporation AS4C4M16D1-5TIN Datasheet HTML 8Page - Alliance Semiconductor Corporation AS4C4M16D1-5TIN Datasheet HTML 9Page - Alliance Semiconductor Corporation AS4C4M16D1-5TIN Datasheet HTML 10Page - Alliance Semiconductor Corporation AS4C4M16D1-5TIN Datasheet HTML 11Page - Alliance Semiconductor Corporation AS4C4M16D1-5TIN Datasheet HTML 12Page - Alliance Semiconductor Corporation AS4C4M16D1-5TIN Datasheet HTML 13Page - Alliance Semiconductor Corporation AS4C4M16D1-5TIN Datasheet HTML 14Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 52 page
background image
AS4C4M16D1
Alliance Memory, lnc. Confidential
10
Rev. 1.0
May /2011
Table 12. Absolute Maximum Rating
Symbol
Item
Rating
Unit
Note
-5
VIN, VOUT
I/O Pins Voltage
- 0.5~VDDQ + 0.5
V
1,2
VIN
VREF and Inputs Voltage
- 1~3.6
V
1,2
VDD, VDDQ Power Supply Voltage
- 1~3.6
V
1,2
TA
Ambient Temperature
Commercial
0~70
°C
1
Industrial
-40~85
°C
1
TSTG
Storage Temperature
- 55~150
°C
1
TSOLDER
Soldering Temperature
260
°C
1
PD
Power Dissipation
1
W
1
IOS
Short Circuit Output Current
50
mA
1
Note1. Stress greater than those listed under “Absolute Maximum Ratings” may cause permanent damage of
the devices
Note2. All voltages are referenced to VSS.
Table 13. Recommended D.C. Operating Conditions (VDD = 2.5V  0.2V, TA = -40~85 C)
Symbol
Parameter
Min.
Max.
Unit
Note
VDD
Power Supply Voltage
2.3
2.7
V
VDDQ
Power Supply Voltage (for I/O Buffer)
2.3
2.7
V
VREF
Input Reference Voltage
0.49* VDDQ
0.51* VDDQ
V
VTT
Termination Voltage
VREF - 0.04
VREF + 0.04
V
VIH (DC)
Input High Voltage (DC)
VREF + 0.15
VDD + 0.3
V
VIL (DC)
Input Low Voltage (DC)
-0.3
VREF – 0.15
V
VIN (DC)
Input Voltage Level, CK and CK inputs
-0.3
VDDQ + 0.3
V
IIL
Input leakage current
-2
2
A
IOZ
Output leakage current
-5
5
A
IOH
Output High current
-16.2
-
mA
VOH = 1.95V
IOL
Output Low current
16.2
-
mA
VOL = 0.35V
Table 14. Capacitance (VDD = 2.5V±0.2V, f = 1MHz, TA = 25 C)
Symbol
Parameter
Min.
Max.
Delta
Unit
CIN1
Input Capacitance (CK, CK )
2
3
0.25
pF
CIN2
Input Capacitance (All other input-only pins)
2
3
0.5
pF
CI/O
DM, DQ, DQS Input/Output Capacitance
4
5
0.5
pF
Note. These parameters are guaranteed by design, periodically sampled and are not 100% tested.


Similar Part No. - AS4C4M16D1-5TIN

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS4C4M16D1A-5TAN ALSC-AS4C4M16D1A-5TAN Datasheet
2Mb / 54P
   AEC-Q100 Compliant
AS4C4M16D1A-5TCN ALSC-AS4C4M16D1A-5TCN Datasheet
1Mb / 54P
   Internal pipeline architecture
AS4C4M16D1A-5TIN ALSC-AS4C4M16D1A-5TIN Datasheet
1Mb / 54P
   Internal pipeline architecture
More results

Similar Description - AS4C4M16D1-5TIN

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
1GB-AUTO-AS4C128M8D3 ALSC-1GB-AUTO-AS4C128M8D3 Datasheet
2Mb / 84P
   Fully synchronous operation
AS4C4M16SA-CI ALSC-AS4C4M16SA-CI Datasheet
1Mb / 55P
   Fully synchronous operation
AS4C8M16D1 ALSC-AS4C8M16D1 Datasheet
1Mb / 64P
   Fully synchronous operation
AS4C256M16D3A-12BIN ALSC-AS4C256M16D3A-12BIN Datasheet
2Mb / 83P
   Fully synchronous operation
AS4C8M32S ALSC-AS4C8M32S Datasheet
1Mb / 55P
   Fully synchronous operation
AS4C8M32S-6TIN ALSC-AS4C8M32S-6TIN Datasheet
1Mb / 54P
   Fully synchronous operation
AS4C16M16D1 ALSC-AS4C16M16D1 Datasheet
1Mb / 67P
   Fully synchronous operation
AS4C16M16SA ALSC-AS4C16M16SA Datasheet
1Mb / 54P
   Fully synchronous operation
AS4C128M8D3A-12BIN ALSC-AS4C128M8D3A-12BIN Datasheet
1Mb / 84P
   Fully synchronous operation
AS4C64M16D1A-6TIN ALSC-AS4C64M16D1A-6TIN Datasheet
2Mb / 62P
   Fully synchronous operation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com