Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74FCT574T Datasheet(PDF) 2 Page - Integrated Device Technology

Part # 74FCT574T
Description  FAST CMOS OCTAL D REGISTERS (3-STATE)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

74FCT574T Datasheet(HTML) 2 Page - Integrated Device Technology

  74FCT574T Datasheet HTML 1Page - Integrated Device Technology 74FCT574T Datasheet HTML 2Page - Integrated Device Technology 74FCT574T Datasheet HTML 3Page - Integrated Device Technology 74FCT574T Datasheet HTML 4Page - Integrated Device Technology 74FCT574T Datasheet HTML 5Page - Integrated Device Technology 74FCT574T Datasheet HTML 6Page - Integrated Device Technology 74FCT574T Datasheet HTML 7Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
MILITARYANDINDUSTRIALTEMPERATURERANGES
2
IDT54/74FCT574T/AT/CT
FASTCMOSOCTALDREGISTERS(3-STATE)
PIN CONFIGURATION
Symbol
Description
Max
Unit
VTERM(2) Terminal Voltage with Respect to GND
–0.5 to +7
V
VTERM(3) Terminal Voltage with Respect to GND
–0.5 to VCC+0.5
V
TSTG
Storage Temperature
–65 to +150
°C
IOUT
DC Output Current
–60 to +120
mA
ABSOLUTE MAXIMUM RATINGS(1)
NOTES:
1. Stresses greater than those listed under ABSOLUTE MAXIMUM RATINGS may cause
permanent damage to the device. This is a stress rating only and functional operation
of the device at these or any other conditions above those indicated in the operational
sections of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect reliability. No terminal voltage may exceed
Vcc by +0.5V unless otherwise noted.
2. Inputs and Vcc terminals only.
3. Output and I/O terminals only.
Symbol
Parameter(1)
Conditions
Typ.
Max.
Unit
CIN
Input Capacitance
VIN = 0V
6
10
pF
COUT
Output Capacitance
VOUT = 0V
8
12
pF
CAPACITANCE (TA = +25°C, F = 1.0MHz)
NOTE:
1. This parameter is measured at characterization but not tested.
2
3
1
16
15
14
11
19
18
20
17
13
12
5
6
7
4
8
9
10
OE
D0
D1
VCC
D3
D4
D5
D7
GND
Q0
Q3
Q1
Q2
Q4
Q7
Q5
Q6
CP
D2
D6
1
2
3
4
5
7
9
6
8
10
11
12
13
14
15
16
17
18
19
20
Q3
Q1
Q2
Q4
Q5
INDEX
D6
D2
D5
D3
D4
CERDIP/ SOIC/ TSSOP
TOP VIEW
LCC
TOP VIEW
NOTE:
1. H = HIGH Voltage Level
X = Don’t Care
L = LOW Voltage Level
Z = High Impedance
NC = No Change
↑ = LOW-to-HIGH transition
FUNCTION TABLE(1)
Inputs
Outputs
Internal
Function
OE
CP
Dx
Qx
Qx
High-Z
H
L
X
Z
N C
HH
X
Z
N C
Load
L
LL
H
Register
L
HH
L
H
LZ
H
H
HZ
L
Pin Names
Description
Dx
D flip-flop data inputs
CP
Clock Pulse for the register. Enters data on LOW-to-
HIGH transition.
Q x
3-State Outputs (TRUE)
Q x
3-State Outputs (INVERTED)
OE
Active LOW 3-State Output Enable Input
PIN DESCRIPTION


Similar Part No. - 74FCT574T

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
74FCT574 NSC-74FCT574 Datasheet
145Kb / 7P
   Octal D-Type Flip-Flop with TRI-STATE Outputs
More results

Similar Description - 74FCT574T

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT5474FCT374A IDT-IDT5474FCT374A Datasheet
91Kb / 7P
   FAST CMOS OCTAL D REGISTERS (3-STATE)
IDT54 IDT-IDT54 Datasheet
57Kb / 7P
   FAST CMOS OCTAL D REGISTERS (3-STATE)
logo
Pericom Semiconductor C...
PI74FCT374T PERICOM-PI74FCT374T Datasheet
163Kb / 9P
   Fast CMOS Octal D Registers (3-State)
logo
Integrated Device Techn...
IDT74FCT574 IDT-IDT74FCT574 Datasheet
144Kb / 7P
   FAST CMOS OCTAL D REGISTERS (3-STATE)
IDT54FCT374DB IDT-IDT54FCT374DB Datasheet
88Kb / 7P
   FAST CMOS OCTAL D REGISTERS (3-STATE)
7130LA55P IDT-7130LA55P Datasheet
88Kb / 7P
   FAST CMOS OCTAL D REGISTERS (3-STATE)
IDT74FCT646T IDT-IDT74FCT646T Datasheet
189Kb / 9P
   FAST CMOS OCTAL TRANSCEIVER/ REGISTERS (3-STATE)
IDT74FCT3574 IDT-IDT74FCT3574 Datasheet
108Kb / 7P
   3.3V CMOS OCTAL D REGISTERS (3-STATE)
IDT74FCT2374AT IDT-IDT74FCT2374AT Datasheet
74Kb / 7P
   FAST CMOS OCTAL D REGISTER (3-STATE)
logo
Renesas Technology Corp
IDT74FCT2374AT RENESAS-IDT74FCT2374AT Datasheet
244Kb / 8P
   FAST CMOS OCTAL D REGISTER (3-STATE)
SEPTEMBER 2009
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com