Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACS754 Datasheet(PDF) 6 Page - Allegro MicroSystems

Part # ACS754
Description  Monolithic Hall IC for high reliability
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ACS754 Datasheet(HTML) 6 Page - Allegro MicroSystems

  ACS754 Datasheet HTML 1Page - Allegro MicroSystems ACS754 Datasheet HTML 2Page - Allegro MicroSystems ACS754 Datasheet HTML 3Page - Allegro MicroSystems ACS754 Datasheet HTML 4Page - Allegro MicroSystems ACS754 Datasheet HTML 5Page - Allegro MicroSystems ACS754 Datasheet HTML 6Page - Allegro MicroSystems ACS754 Datasheet HTML 7Page - Allegro MicroSystems ACS754 Datasheet HTML 8Page - Allegro MicroSystems ACS754 Datasheet HTML 9Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Fully Integrated, Hall Effect-Based Linear Current Sensor IC
with High Voltage Isolation and a Low-Resistance Current Conductor
ACS754xCB-200
5
Allegro MicroSystems, Inc.
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
Sensitivity (Sens). The change in device output in response to a
1A change through the primary conductor. The sensitivity is the
product of the magnetic circuit sensitivity (G /A) and the linear
IC amplifier gain (mV/G). The linear IC amplifier gain is pro-
grammed at the factory to optimize the sensitivity (mV/A) for the
full-scale current of the device.
Noise (VNOISE). The product of the linear IC amplifier gain
(mV/G) and the noise floor for the Allegro Hall effect linear IC
(≈1 G). The noise floor is derived from the thermal and shot
noise observed in Hall elements. Dividing the noise (mV) by the
sensitivity (mV/A) provides the smallest current that the device is
able to resolve.
Linearity (ELIN). The degree to which the voltage output from
the IC varies in direct proportion to the primary current through
its full-scale amplitude. Nonlinearity in the output can be attrib-
uted to the saturation of the flux concentrator approaching the
full-scale current. The following equation is used to derive the
linearity:
where
∆ gain = the gain variation as a function of temperature
changes from 25ºC,
% sat = the percentage of saturation of the flux concentra-
tor, which becomes significant as the current being sampled
approaches full-scale ±IP , and
VIOUT_full-scale amperes = the output voltage (V) when the
sampled current approximates full-scale ±IP .
Symmetry (ESYM). The degree to which the absolute voltage
output from the IC varies in proportion to either a positive or
negative full-scale primary current. The following equation is
used to derive symmetry:
Quiescent output voltage (VIOUT(Q)). The output of the device
when the primary current is zero. For a unipolar supply voltage,
it nominally remains at VCC⁄ 2. Thus, VCC = 5 V translates into
VIOUT(Q) = 2.5 V. Variation in VOUT(Q) can be attributed to the res-
olution of the Allegro linear IC quiescent voltage trim, magnetic
hysteresis, and thermal drift.
Electrical offset voltage (VOE). The deviation of the device out-
put from its ideal quiescent value of VCC⁄ 2 due to nonmagnetic
causes.
Magnetic offset error (IERROM). The magnetic offset is due to
the residual magnetism (remnant field) of the core material. The
magnetic offset error is highest when the magnetic circuit has
been saturated, usually when the device has been subjected to a
full-scale or high-current overload condition. The magnetic offset
is largely dependent on the material used as a flux concentrator.
The larger magnetic offsets are observed at the lower operating
temperatures.
Accuracy (ETOT). The accuracy represents the maximum devia-
tion of the actual output from its ideal value. This is also known
as the total output error. The accuracy is illustrated graphically in
the output voltage versus current chart on the following page.
Accuracy is divided into four areas:
 0 A at 25°C. Accuracy at the zero current flow at 25°C, with-
out the effects of temperature.
 0 A over Δ temperature. Accuracy at the zero current flow
including temperature effects.
 Full-scale current at 25°C. Accuracy at the the full-scale current
at 25°C, without the effects of temperature.
 Full-scale current over Δ temperature. Accuracy at the full-
scale current flow including temperature effects.
Definitions of Accuracy Characteristics
100 1–
[
{
[ {
VIOUT_full-scale amperes – VIOUT(Q)
Δ gain × % sat (
)
2 (VIOUT_half-scale amperes – VIOUT(Q) )
100
VIOUT_+ full-scale amperes – VIOUT(Q)
VIOUT(Q) – VIOUT_–full-scale amperes



Similar Part No. - ACS754

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
ACS754KCB-150-PFF ALLEGRO-ACS754KCB-150-PFF Datasheet
448Kb / 11P
   Current Sensor
ACS754KCB-150-PSF ALLEGRO-ACS754KCB-150-PSF Datasheet
448Kb / 11P
   Current Sensor
ACS754KCB-150-PSS ALLEGRO-ACS754KCB-150-PSS Datasheet
448Kb / 11P
   Current Sensor
ACS754LCB-050-PFF ALLEGRO-ACS754LCB-050-PFF Datasheet
508Kb / 11P
   Current Sensor
ACS754LCB-050-PSF ALLEGRO-ACS754LCB-050-PSF Datasheet
508Kb / 11P
   Current Sensor
More results

Similar Description - ACS754

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
ACS755XCB-200 ALLEGRO-ACS755XCB-200 Datasheet
477Kb / 9P
   Monolithic Hall IC for high reliability
logo
IXYS Corporation
CPC7591 IXYS-CPC7591 Datasheet
243Kb / 17P
   Monolithic IC Reliability
CPC7583 IXYS-CPC7583 Datasheet
256Kb / 19P
   Monolithic IC reliability
logo
Nanjing Ouzhuo Technolo...
OH413 OHHALLSENSOR-OH413 Datasheet
142Kb / 2P
   Hall Effect Latch IC For High Temperature
OH443 OHHALLSENSOR-OH443 Datasheet
143Kb / 2P
   Hall Effect Unipolar IC For High Temperature
logo
OPTEK Technologies
OMH360B OPTEK-OMH360B Datasheet
496Kb / 2P
   High Reliability Hallogic Hall Effect Sensor
OMH3019B OPTEK-OMH3019B Datasheet
122Kb / 2P
   High Reliability Hallogic Hall Effect Sensor
OMH3040B OPTEK-OMH3040B Datasheet
488Kb / 2P
   High Reliability Hallogic Hall Effect Sensor
OMH3131 OPTEK-OMH3131 Datasheet
244Kb / 7P
   High Reliability Hallogic Hall-Effect Sensors
logo
Mitsumi Electronics, Co...
MM1424 MITSUMI-MM1424 Datasheet
59Kb / 5P
   IC for XO Monolithic IC
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com