Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACS756XCB Datasheet(PDF) 2 Page - Allegro MicroSystems

Part # ACS756XCB
Description  Small package size, with easy mounting capability
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ACS756XCB Datasheet(HTML) 2 Page - Allegro MicroSystems

  ACS756XCB Datasheet HTML 1Page - Allegro MicroSystems ACS756XCB Datasheet HTML 2Page - Allegro MicroSystems ACS756XCB Datasheet HTML 3Page - Allegro MicroSystems ACS756XCB Datasheet HTML 4Page - Allegro MicroSystems ACS756XCB Datasheet HTML 5Page - Allegro MicroSystems ACS756XCB Datasheet HTML 6Page - Allegro MicroSystems ACS756XCB Datasheet HTML 7Page - Allegro MicroSystems ACS756XCB Datasheet HTML 8Page - Allegro MicroSystems ACS756XCB Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Fully Integrated, Hall Effect-Based Linear Current Sensor IC
with 3 kVRMS Voltage Isolation and a Low-Resistance Current Conductor
ACS756xCB
2
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
Selection Guide
Part Number [1]
TOP
(°C)
Primary Sampled Cur-
rent , IP
(A)
Packing [2]
ACS756SCA-050B-PFF-T [3]
–20 to 85
±50
34 per tube
ACS756SCB-050B-PFF-T
–20 to 85
±50
ACS756SCA-100B-PFF-T [3]
–20 to 85
±100
ACS756SCB-100B-PFF-T
–20 to 85
±100
ACS756KCA-050B-PFF-T [3]
–40 to 125
±50
ACS756KCB-050B-PFF-T
–40 to 125
±50
1
Additional leadform options available for qualified volumes
2
Contact Allegro for additional packing options.
3
Part variant is discontinued. Samples are no longer available. For new customers or new applications, please contact Allegro.
Date of status change: December 5, 2016.
(pins 1 through 3). This allows the ACS756 family of sensor ICs to
be used in applications requiring electrical isolation without the use
of opto-isolators or other costly isolation techniques.
The device is fully calibrated prior to shipment from the factory.
TheACS75x family is lead (Pb) free.All leads are plated with 100%
matte tin, and there is no Pb inside the package. The heavy gauge
leadframe is made of oxygen-free copper.
Description (continued)
Absolute Maximum Ratings
Characteristic
Symbol
Notes
Rating
Units
Forward Supply Voltage
VCC
8
V
Reverse Supply Voltage
VRCC
–0.5
V
Forward Output Voltage
VIOUT
28
V
Reverse Output Voltage
VRIOUT
–0.5
V
Working Voltage for Reinforced Isolation
VWORKING-R
Voltage applied between pins 1-3 and 4-5; tested at 3000
VAC for 1 minute according to
UL standard 60950-1
353
VDC/Vpk
Working Voltage for Basic Isolation
VWORKING-B
Voltage applied between pins 1-3 and 4-5; tested at 3000
VAC for 1 minute according to
UL standard 60950-1
500
VDC/Vpk
Output Source Current
IOUT(Source)
VIOUT to GND
3
mA
Output Sink Current
IOUT(Sink)
VCC to VIOUT
1
mA
Nominal Operating Ambient Temperature
TOP
Range K
–40 to 125
ºC
Range S
–20 to 85
ºC
Maximum Junction
TJ(max)
165
ºC
Storage Temperature
Tstg
–65 to 165
ºC
SPECIFICATIONS


Similar Part No. - ACS756XCB

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
ACS756 ALLEGRO-ACS756 Datasheet
357Kb / 11P
   The Allegro ACS756 family of current sensor ICs provides economical and precise solutions for AC or DC current sensing in industrial, automotive, commercial, and communications systems.
ACS756KCA-050B-PFF-T ALLEGRO-ACS756KCA-050B-PFF-T Datasheet
357Kb / 11P
   The Allegro ACS756 family of current sensor ICs provides economical and precise solutions for AC or DC current sensing in industrial, automotive, commercial, and communications systems.
ACS756SCA-050B-PFF-T ALLEGRO-ACS756SCA-050B-PFF-T Datasheet
357Kb / 11P
   The Allegro ACS756 family of current sensor ICs provides economical and precise solutions for AC or DC current sensing in industrial, automotive, commercial, and communications systems.
ACS756SCA-100B-PFF-T ALLEGRO-ACS756SCA-100B-PFF-T Datasheet
357Kb / 11P
   The Allegro ACS756 family of current sensor ICs provides economical and precise solutions for AC or DC current sensing in industrial, automotive, commercial, and communications systems.
ACS756 ALLEGRO-ACS756_16 Datasheet
632Kb / 11P
   Fully Integrated, Hall Effect-Based Linear Current Sensor IC
More results

Similar Description - ACS756XCB

ManufacturerPart #DatasheetDescription
logo
MAKO SEMICONDUCTOR CO.,...
2SB1119 MAKOSEMI-2SB1119 Datasheet
113Kb / 2P
   Very small size making it easy to provide
2SC4272 MAKOSEMI-2SC4272 Datasheet
112Kb / 2P
   Small size making it easy to provide high-density,small-sized
logo
List of Unclassifed Man...
RL-EB24-16FK-R1 ETC2-RL-EB24-16FK-R1 Datasheet
354Kb / 3P
   Easy installation with Eisberg mounting kit
logo
Vishay Siliconix
981HE VISHAY-981HE Datasheet
495Kb / 6P
   Easy mounting principle
Revision: 27-Mar-15
logo
KODENSHI_AUK CORP.
KSM-50X KODENSHI-KSM-50X Datasheet
87Kb / 2P
   4.3mmX5.2mm Small Size SMD Package Remocon
logo
Leshan Radio Company
L2SA1235FLT1G LRC-L2SA1235FLT1G Datasheet
819Kb / 3P
   General Purpose Transistor Super mini package for easy mounting
logo
P-tec Corporation
PLH3535-WCUV01 P-TEC-PLH3535-WCUV01 Datasheet
923Kb / 8P
   Easy mounting on PCB
PLH3535-WCUV03 P-TEC-PLH3535-WCUV03 Datasheet
794Kb / 9P
   Easy mounting on PCB
logo
NEC
UB23SNUL NEC-UB23SNUL Datasheet
129Kb / 12P
   Super-compact size, Slim-package, Surface mounting type
logo
Laird Tech Smart Techno...
CMX1211 LSTD-CMX1211 Datasheet
3Mb / 2P
   Small size with high current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com