Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACS780KLRTR-150B-T Datasheet(PDF) 3 Page - Allegro MicroSystems

Part # ACS780KLRTR-150B-T
Description  Core-less, micro-sized, 100 A continuous current package
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ACS780KLRTR-150B-T Datasheet(HTML) 3 Page - Allegro MicroSystems

  ACS780KLRTR-150B-T Datasheet HTML 1Page - Allegro MicroSystems ACS780KLRTR-150B-T Datasheet HTML 2Page - Allegro MicroSystems ACS780KLRTR-150B-T Datasheet HTML 3Page - Allegro MicroSystems ACS780KLRTR-150B-T Datasheet HTML 4Page - Allegro MicroSystems ACS780KLRTR-150B-T Datasheet HTML 5Page - Allegro MicroSystems ACS780KLRTR-150B-T Datasheet HTML 6Page - Allegro MicroSystems ACS780KLRTR-150B-T Datasheet HTML 7Page - Allegro MicroSystems ACS780KLRTR-150B-T Datasheet HTML 8Page - Allegro MicroSystems ACS780KLRTR-150B-T Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
High-Precision Linear Hall-Effect-Based
Current Sensor IC With 200 µΩ Current Conductor
ACS780xLR
3
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
TYPICAL OVERCURRENT CAPABILITIES1,2
Characteristic
Symbol
Notes
Rating
Unit
Overcurrent
IPOC
TA = 25°C, 1 s on time, 60 s off time
285
A
TA = 85°C, 1 s on time, 35 s off time
225
A
TA = 125°C, 1 s on time, 30 s off time
170
A
TA = 150°C, 1 s on time, 10 s off time
95
A
1
Test was done with Allegro evaluation board (85-0807-001). The maximum allowed current is limited by TJ(max) only.
2
For more overcurrent profiles, please see FAQ on the Allegro website, www.allegromicro.com.
THERMAL CHARACTERISTICS: May require derating at maximum conditions
Characteristic
Symbol
Test Conditions*
Value
Unit
Package Thermal Resistance
RθJA
Mounted on the Allegro evaluation board ASEK780
85-0807-001 with FR4 substrate and 8 layers of 2 oz.
copper (with an area of 1530 mm2 per layer) connected to
the primary leadframe and with thermal vias connecting
the copper layers. Performance is based on current flow-
ing through the primary leadframe and includes the power
consumed by the PCB.
18
ºC/W
*Additional thermal information available on the Allegro website
ABSOLUTE MAXIMUM RATINGS
Characteristic
Symbol
Notes
Rating
Unit
Forward Supply Voltage
VCC
6
V
Reverse Supply Voltage
VRCC
–0.5
V
Forward Output Voltage
VOUT
25
V
Reverse Output Voltage
VRIOUT
–0.5
V
Output Source Current
IOUT(Source)
VOUT to GND
2.8
mA
Output Sink Current
IOUT(Sink)
Minimum pull-up resistor of 500 Ω
10
mA
Nominal Operating Ambient Temperature
TOP
Range K
–40 to 125
ºC
Range L
–40 to 150
ºC
Maximum Junction
TJ(max)
165
ºC
Storage Temperature
Tstg
–65 to 165
ºC
SPECIFICATIONS


Similar Part No. - ACS780KLRTR-150B-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
ACS780 ALLEGRO-ACS780 Datasheet
1Mb / 24P
   High-Precision Linear Hall-Effect-Based Current Sensor IC With 200 關廓 Current Conductor
More results

Similar Description - ACS780KLRTR-150B-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
ACS781XLR ALLEGRO-ACS781XLR Datasheet
1Mb / 22P
   Core-less, micro-sized, 100 A continuous current package
logo
WAGO Kontakttechnik Gmb...
855-4001-100-001 WAGO-855-4001-100-001 Datasheet
214Kb / 5P
   Split-core current transformer; Primary rated current: 100 A
855-3001-100-003 WAGO-855-3001-100-003 Datasheet
200Kb / 5P
   Split-core current transformer; Primary rated current: 100 A
logo
STANLEY ELECTRIC CO.,LT...
VFSY1112GS-3CY2D-TR STANLEY-VFSY1112GS-3CY2D-TR Datasheet
747Kb / 24P
   Small-sized, high-brightness package
logo
Shenzhen Sunnyway Batte...
SWT121200 SUNNYWAY-SWT121200 Datasheet
577Kb / 1P
   Initial Charging Current less than 35 A
logo
STANLEY ELECTRIC CO.,LT...
VFSR1112GS-3CX2A-TR STANLEY-VFSR1112GS-3CX2A-TR Datasheet
711Kb / 24P
   Small-sized, high-brightness package
logo
Tyco Electronics
1308028-2 MACOM-1308028-2 Datasheet
349Kb / 6P
   Limiting continuous current 32 A at 85째C
logo
PACELEADER INDUSTRIAL
SS0335BCN-181 PACELEADER-SS0335BCN-181 Datasheet
1Mb / 6P
   Continuous Forward Current
SS0335RCN-151 PACELEADER-SS0335RCN-151 Datasheet
165Kb / 7P
   Continuous Forward Current
SS0335YCN-041 PACELEADER-SS0335YCN-041 Datasheet
190Kb / 6P
   Continuous Forward Current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com