Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

843442AGILFT Datasheet(PDF) 10 Page - Integrated Device Technology

Part # 843442AGILFT
Description  FemtoClock SAS/SATA Clock Generator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

843442AGILFT Datasheet(HTML) 10 Page - Integrated Device Technology

Back Button 843442AGILFT Datasheet HTML 6Page - Integrated Device Technology 843442AGILFT Datasheet HTML 7Page - Integrated Device Technology 843442AGILFT Datasheet HTML 8Page - Integrated Device Technology 843442AGILFT Datasheet HTML 9Page - Integrated Device Technology 843442AGILFT Datasheet HTML 10Page - Integrated Device Technology 843442AGILFT Datasheet HTML 11Page - Integrated Device Technology 843442AGILFT Datasheet HTML 12Page - Integrated Device Technology 843442AGILFT Datasheet HTML 13Page - Integrated Device Technology 843442AGILFT Datasheet HTML 14Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
843442AG REVISION B 08/21/2015
10
©2015 Integrated Device Technology, Inc.
843442 Data Sheet
FEMTOCLOCK™ SAS/SATA Clock Generator
3. Calculations and Equations.
The purpose of this section is to derive the power dissipated into the load.
LVPECL output driver circuit and termination are shown in Figure 4.
Figure 4. LVPECL Driver Circuit and Termination
To calculate worst case power dissipation into the load, use the following equations which assume a 50 load, and a termination voltage of
VCC – 2V.
For logic high, VOUT = VOH_MAX = VCC_MAX – 0.9V
(VCC_MAX – VOH_MAX) = 0.9V
For logic low, VOUT = VOL_MAX = VCC_MAX – 1.7V
(VCC_MAX – VOL_MAX) = 1.7V
Pd_H is power dissipation when the output drives high.
Pd_L is the power dissipation when the output drives low.
Pd_H = [(VOH_MAX – (VCC_MAX – 2V))/RL] * (VCC_MAX – VOH_MAX) = [(2V – (VCC_MAX – VOH_MAX))/RL] * (VCC_MAX – VOH_MAX) =
[(2V – 0.9V)/50
] * 0.9V = 19.8mW
Pd_L = [(VOL_MAX – (VCC_MAX – 2V))/RL] * (VCC_MAX – VOL_MAX) = [(2V – (VCC_MAX – VOL_MAX))/RL] * (VCC_MAX – VOL_MAX) =
[(2V – 1.7V)/50
] * 1.7V = 10.2mW
Total Power Dissipation per output pair = Pd_H + Pd_L = 30mW
V
OUT
V
CC
V
CC - 2V
Q1
RL
50
Ω


Similar Part No. - 843442AGILFT

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
843442AGILFT IDT-843442AGILFT Datasheet
715Kb / 13P
   FemtoClock??SAS/SATA Clock Generator
843442AGILFT IDT-843442AGILFT Datasheet
201Kb / 14P
   FemtoClock??SAS/SATA Clock Generator
logo
Renesas Technology Corp
843442AGILFT RENESAS-843442AGILFT Datasheet
393Kb / 15P
   FemtoClock™ SAS/SATA Clock Generator
2019
More results

Similar Description - 843442AGILFT

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
844441 IDT-844441 Datasheet
356Kb / 15P
   FemtoClock SAS/ SATA Clock Generator
ICS843442I IDT-ICS843442I Datasheet
715Kb / 13P
   FemtoClock??SAS/SATA Clock Generator
843751 IDT-843751 Datasheet
217Kb / 17P
   FemtoClock??SAS/SATA Clock Generator
843442 IDT-843442 Datasheet
201Kb / 14P
   FemtoClock??SAS/SATA Clock Generator
logo
Renesas Technology Corp
843751 RENESAS-843751 Datasheet
412Kb / 18P
   FemtoClock™ SAS/SATA Clock Generator
08.21.15
843442 RENESAS-843442 Datasheet
393Kb / 15P
   FemtoClock™ SAS/SATA Clock Generator
2019
844441 RENESAS-844441 Datasheet
637Kb / 16P
   FemtoClock® SAS/ SATA Clock Generator
November 2, 2016
843441 RENESAS-843441 Datasheet
492Kb / 18P
   FemtoClock® SAS/SATA Clock Generator
June 30, 2016
ICS843241 RENESAS-ICS843241 Datasheet
607Kb / 19P
   FEMTOCLOCKS™ SAS/SATA CLOCK GENERATOR
AUGUST 20, 2008
RC22112A RENESAS-RC22112A Datasheet
2Mb / 48P
   FemtoClock Clock Generator
Oct 3, 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com