Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTE1016 Datasheet(PDF) 1 Page - NTE Electronics

Part # NTE1016
Description  Integrated Circuit AF Small-Signal Amplifier for Tape Recorder
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE1016 Datasheet(HTML) 1 Page - NTE Electronics

  NTE1016 Datasheet HTML 1Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
NTE1016
Integrated Circuit
AF Small–Signal Amplifier for Tape Recorder
Absolute Maximum Ratings: (TA = +25°C unless otherwise specified)
Maximum Supply Voltage, VCCmax
20V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Maximum Supply Current, ICCmax
20mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Maximum Power Dissipation, Pdmax
300mW
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating Temperature Range, Topr
–20
° to +80°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage Temperature Range, Tstg
–20
° to +100°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Recommended Operating Conditions: (TA = +25°C unless otherwise specified)
Supply Voltage, VCC
15V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Electrical Characteristics: (TA = +25°C, VCC = 15V, Vin = 2mV, f = 1kHz unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Output Voltage
VO
0.42
0.90
V
Distortion
KF
3.0
%
VCC
Pin Connection Diagram
(Front View)
Input 1
Output 1
Input 2
GND
7
6
5
Output 2
Bypass
4
Feedback
3
Bypass
2
1
8
9
.532 (13.5)
.400
(10.16)
.158 (4.0) Max
.418 (10.6)
Max
.158 (4.0
Min
.300
(7.62)
.050 (1.27) Typ
.100 (2.54) Typ
.020
(.508)
Typ
135
7
9
24
6
8


Similar Part No. - NTE1016

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE1012 NTE-NTE1012 Datasheet
74Kb / 1P
   Integrated Circuit Module − Hybrid, 27MHz OSC AM IF
NTE1014 NTE-NTE1014 Datasheet
16Kb / 2P
   Integrated Circuit Module - Hybrid, RF Amp/OSC
NTE1019 NTE-NTE1019 Datasheet
17Kb / 2P
   Integrated Circuit Module, Hybrid, Low Noise Equalizer Amp
More results

Similar Description - NTE1016

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE1463 NTE-NTE1463 Datasheet
72Kb / 2P
   Integrated Circuit AF Power Amp for Tape Recorder
NTE1043 NTE-NTE1043 Datasheet
19Kb / 2P
   Integrated Circuit Audio Amplifier for Tape Recorder
NTE1472 NTE-NTE1472 Datasheet
20Kb / 2P
   Integrated Circuit Audio Power Amplifier, 1W for Tape Recorder
NTE1651 NTE-NTE1651 Datasheet
24Kb / 3P
   Integrated Circuit Dual Preamp for Tape Recorder
logo
Sanyo Semicon Device
LA4555 SANYO-LA4555 Datasheet
345Kb / 10P
   2-Channel AF Power Amplifier for Radio, Tape Recorder Use
logo
Sony Corporation
CXA1262N SONY-CXA1262N Datasheet
203Kb / 10P
   PRE-AMPLIFIER/ POWER-AMPLIFIER FOR TAPE RECORDER
logo
Toshiba Semiconductor
TA7628P TOSHIBA-TA7628P Datasheet
501Kb / 12P
   AMPLIFIER SYSTEM FOR CASSETTE TAPE RECORDER
logo
Sanyo Semicon Device
LA4190 SANYO-LA4190 Datasheet
49Kb / 1P
   2-CHANNEL AF POWER AMP FOR TAPE RECORDER RADIO
logo
Unisonic Technologies
TA7738P UTC-TA7738P Datasheet
83Kb / 5P
   AMPLIFIER SYSTEM FOR CASSETTE TAPE RECORDER
UTCTA7668BP UTC-UTCTA7668BP Datasheet
88Kb / 4P
   DUAL PRE-AMPLIFIER FOR TAPE RECORDER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com