Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GRM188R71H103J Datasheet(PDF) 9 Page - Integrated Device Technology

Part # GRM188R71H103J
Description  Voltage Variable RF Attenuator
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

GRM188R71H103J Datasheet(HTML) 9 Page - Integrated Device Technology

Back Button GRM188R71H103J Datasheet HTML 5Page - Integrated Device Technology GRM188R71H103J Datasheet HTML 6Page - Integrated Device Technology GRM188R71H103J Datasheet HTML 7Page - Integrated Device Technology GRM188R71H103J Datasheet HTML 8Page - Integrated Device Technology GRM188R71H103J Datasheet HTML 9Page - Integrated Device Technology GRM188R71H103J Datasheet HTML 10Page - Integrated Device Technology GRM188R71H103J Datasheet HTML 11Page - Integrated Device Technology GRM188R71H103J Datasheet HTML 12Page - Integrated Device Technology GRM188R71H103J Datasheet HTML 13Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
F2258
Rev 1 01/20/2017
9
Voltage Variable RF Attenuator
TYPICAL OPERATING CONDITIONS [S2P VS. ATTENUATION & TEMPERATURE] (- 4 -)
RF1 Return Loss vs. Attenuation
RF2 Return Loss vs. Attenuation
Insertion Phase Δ vs. Attenuation
RF1 Return Loss vs. Attenuation
RF2 Return Loss vs. Attenuation
Insertion Phase Δ vs. Attenuation
-40
-35
-30
-25
-20
-15
-10
-5
0
0
4
8
12
16
20
24
28
32
36
Attenuation (dB)
0.4GHz
0.7GHz
1.5GHz
2.7GHz
4.0GHz
5.0GHz
6.0GHz
-40
-35
-30
-25
-20
-15
-10
-5
0
0
4
8
12
16
20
24
28
32
36
Attenuation (dB)
0.4GHz
0.7GHz
1.5GHz
2.7GHz
4.0GHz
5.0GHz
6.0GHz
-10
0
10
20
30
40
50
60
70
0
4
8
12
16
20
24
28
32
36
Attenuation (dB)
0.4GHz
0.7GHz
1.5GHz
2.7GHz
4.0GHz
5.0GHz
6.0GHz
-40
-35
-30
-25
-20
-15
-10
-5
0
0
4
8
12
16
20
24
28
32
36
Attenuation (dB)
-40C / 0.9GHz
-40C / 2.0GHz
-40C / 3.0GHz
25C / 0.9GHz
25C / 2.0GHz
25C / 3.0GHz
105C / 0.9GHz
105C / 2.0GHz
105C / 3.0GHz
-40
-35
-30
-25
-20
-15
-10
-5
0
0
4
8
12
16
20
24
28
32
36
Attenuation (dB)
-40C / 0.9GHz
-40C / 2.0GHz
-40C / 3.0GHz
25C / 0.9GHz
25C / 2.0GHz
25C / 3.0GHz
105C / 0.9GHz
105C / 2.0GHz
105C / 3.0GHz
0
5
10
15
20
25
30
35
40
45
50
0
4
8
12
16
20
24
28
32
36
Attenuation (dB)
-40C / 0.9GHz
-40C / 2.0GHz
-40C / 3.0GHz
25C / 0.9GHz
25C / 2.0GHz
25C / 3.0GHz
105C / 0.9GHz
105C / 2.0GHz
105C / 3.0GHz
(positive phase = electrically shorter)
(positive phase = electrically shorter)


Similar Part No. - GRM188R71H103J

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
GRM188R71H103J RENESAS-GRM188R71H103J Datasheet
6Mb / 24P
   7-Bit 0.25 dB Wideband Digital Step Attenuator
GRM188R71H103J RENESAS-GRM188R71H103J Datasheet
2Mb / 25P
   Voltage Variable RF Attenuator
GRM188R71H103JA01D RENESAS-GRM188R71H103JA01D Datasheet
5Mb / 25P
   High Linearity Broadband SP2T 5MHz to 10GHz
GRM188R71H103JA01D RENESAS-GRM188R71H103JA01D Datasheet
4Mb / 25P
   High Linearity Broadband SP2T 5MHz to 10GHz
More results

Similar Description - GRM188R71H103J

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDTF2255NLGK IDT-IDTF2255NLGK_18 Datasheet
2Mb / 26P
   Voltage Variable RF Attenuator
F2250 IDT-F2250 Datasheet
2Mb / 24P
   Voltage Variable RF Attenuator
F2250NLGK IDT-F2250NLGK Datasheet
2Mb / 24P
   Voltage Variable RF Attenuator
logo
Renesas Technology Corp
IDTF2258NLGK RENESAS-IDTF2258NLGK Datasheet
2Mb / 25P
   Voltage Variable RF Attenuator
logo
Integrated Device Techn...
IDTF2258NLGK IDT-IDTF2258NLGK Datasheet
2Mb / 24P
   Voltage Variable RF Attenuator
IDTF2255NLGK IDT-IDTF2255NLGK Datasheet
2Mb / 24P
   Voltage Variable RF Attenuator
logo
Renesas Technology Corp
F2251 RENESAS-F2251 Datasheet
2Mb / 23P
   Voltage Variable RF Attenuator 50MHz to 6000MHz
F2255 RENESAS-F2255 Datasheet
2Mb / 27P
   Voltage Variable RF Attenuator 1MHz to 3000MHz
May 7, 2021
logo
Merrimac Industries, In...
VVA-MCM-1.9G-A MERRIMAC-VVA-MCM-1.9G-A Datasheet
124Kb / 2P
   VOLTAGE VARIABLE ATTENUATOR
logo
Mini-Circuits
EVA-1500 MINI-EVA-1500 Datasheet
402Kb / 3P
   Voltage Variable Attenuator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com