Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

853S54AKILFT Datasheet(PDF) 4 Page - Integrated Device Technology

Part # 853S54AKILFT
Description  Dual 2:1, 1:2 Differential-to-LVPECL/ECL Multiplexer
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

853S54AKILFT Datasheet(HTML) 4 Page - Integrated Device Technology

  853S54AKILFT Datasheet HTML 1Page - Integrated Device Technology 853S54AKILFT Datasheet HTML 2Page - Integrated Device Technology 853S54AKILFT Datasheet HTML 3Page - Integrated Device Technology 853S54AKILFT Datasheet HTML 4Page - Integrated Device Technology 853S54AKILFT Datasheet HTML 5Page - Integrated Device Technology 853S54AKILFT Datasheet HTML 6Page - Integrated Device Technology 853S54AKILFT Datasheet HTML 7Page - Integrated Device Technology 853S54AKILFT Datasheet HTML 8Page - Integrated Device Technology 853S54AKILFT Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
ICS853S54AKI May 27, 2017
4
©2017 Integrated Device Technology, Inc.
ICS853S54I Data Sheet
DUAL 2:1, 1:2 DIFFERENTIAL-TO-LVPECL/ECL MULTIPLEXER
Table 4D. LVPECL DC Characteristics, VCC = 2.375V to 3.465V, VEE = 0V, TA = -40°C to 85°C
NOTE 1: VIL should not be less than -0.3V.
NOTE 2: Common mode input voltage is defined as VIH.
NOTE 3: Outputs terminated with 50
 to VCC – 2V.
AC Electrical Characteristics
Table 5. AC Characteristics, VCC = 2.375V to 3.465V, VEE = 0V or VCC = 0V, VEE = -3.465V to -2.375V, TA = -40°C to 85°C
NOTE: Electrical parameters are guaranteed over the specified ambient operating temperature range, which is established when the device
is mounted in a test socket with maintained transverse airflow greater than 500 lfpm. The device will meet specifications after thermal
equilibrium has been reached under these conditions.
NOTE: All parameters are measured
 1GHz unless otherwise noted.
NOTE 1: Measured from the differential input crossing point to the differential output crossing point.
NOTE 2: Defined as skew between outputs on different devices operating at the same supply voltage, same temperature, same frequency
and with equal load conditions. Using the same type of inputs on each device, the outputs are measured at the differential cross points.
NOTE 3: This parameter is defined in accordance with JEDEC Standard 65.
NOTE 4: Measured using clock input at 622.08MHz.
NOTE 5: Q/nQ output measured differentially. See Parameter Measurement Information for MUX Isolation diagram.
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
IIH
Input
High Current
PCLKA[0:1], PCLKB
VCC = VIN
200
μA
nPCLKA[0:1], nPCLKB
VCC = VIN
200
μA
IIL
Input
Low Current
PCLKA[0:1], PCLKB
VCC = 3.465V, VIN = 0V
-200
μA
nPCLKA[0:1], nPCLKB
VCC = 3.465V, VIN = 0V
-200
μA
VPP
Peak-to-Peak Input Voltage; NOTE 1
0.15
1.2
V
VCMR
Common Mode Input Voltage;
NOTE 1, 2
1.2
VCC
V
VOH
Output High Current; NOTE 3
VCC – 1.125
VCC – 1.005
VCC – 0.875
V
VOL
Output Low Current; NOTE 3
VCC – 1.895
VCC – 1.78
VCC – 1.62
V
VSWING
Peak-to-Peak Output Voltage Swing
0.6
1.0
V
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
fOUT
Output Frequency
2.5
GHz
tPD
Propagation Delay;
NOTE 1
QA, nQA
225
335
445
ps
QBx, nQBx
195
305
420
ps
t
sk(pp)
Part-to-Part Skew; NOTE 2, 3
200
ps
t
jit
Buffer Additive Phase Jitter, RMS;
refer to Additive Phase Jitter
Section; NOTE 4
622.08MHz Integration
Range: 12kHz - 20MHz
0.035
ps
MUX_ISOLATION MUX Isolation; NOTE 5
ƒOUT = 622.08MHz,
VPP = 800mV
65
dB
tR / tF
Output Rise/Fall Time
20% to 80%
75
155
250
ps


Similar Part No. - 853S54AKILFT

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
853S54AKILFT RENESAS-853S54AKILFT Datasheet
519Kb / 22P
   Dual 2:1, 1:2 Differential-to-LVPECL/ECL Multiplexer
2019
More results

Similar Description - 853S54AKILFT

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS85354 ICST-ICS85354 Datasheet
222Kb / 16P
   DUAL 2:1/1:2 DIFFERENTIAL -TO-LVPECL/ECL MULTIPLEXER
logo
Renesas Technology Corp
853S54I-01 RENESAS-853S54I-01 Datasheet
708Kb / 21P
   Dual 2:1, 1:2 Differential-to-LVPECL/ ECL Multiplexer
June 16, 2017
logo
Integrated Device Techn...
853S54I-01 IDT-853S54I-01 Datasheet
334Kb / 20P
   Dual 2:1, 1:2 Differential-to-LVPECL/ ECL Multiplexer
853S54I-01 IDT-853S54I-01_17 Datasheet
324Kb / 20P
   Dual 2:1, 1:2 Differential-to-LVPECL ECL Multiplexer
logo
Renesas Technology Corp
ICS853S54I RENESAS-ICS853S54I Datasheet
519Kb / 22P
   Dual 2:1, 1:2 Differential-to-LVPECL/ECL Multiplexer
2019
85356 RENESAS-85356 Datasheet
807Kb / 16P
   2:1, Differential-to-3.3V Dual LVPECL/ECL Clock Multiplexer
2019
logo
Integrated Circuit Syst...
ICS85356I ICST-ICS85356I Datasheet
238Kb / 14P
   2:1, DIFFERENTIAL-TO-3.3V DUAL LVPECL / ECL CLOCK MULTIPLEXER
logo
ON Semiconductor
MC10EP56 ONSEMI-MC10EP56_14 Datasheet
127Kb / 11P
   ECL Dual Differential 2:1 Multiplexer
April, 2014 ??Rev. 17
logo
Renesas Technology Corp
853S01 RENESAS-853S01 Datasheet
683Kb / 24P
   2:1 Differential-to-LVPECL Multiplexer
Revision B, March 4, 2016
logo
Integrated Circuit Syst...
ICS85301 ICST-ICS85301 Datasheet
301Kb / 19P
   2:1 DIFFERENTIAL-TO-LVPECL MULTIPLEXER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com