Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT74CBTLV3251PY Datasheet(PDF) 3 Page - Integrated Device Technology

Part # IDT74CBTLV3251PY
Description  LOW-VOLTAGE 8:1 MULTIPLEXER/ DEMULTIPLEXER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT74CBTLV3251PY Datasheet(HTML) 3 Page - Integrated Device Technology

  IDT74CBTLV3251PY Datasheet HTML 1Page - Integrated Device Technology IDT74CBTLV3251PY Datasheet HTML 2Page - Integrated Device Technology IDT74CBTLV3251PY Datasheet HTML 3Page - Integrated Device Technology IDT74CBTLV3251PY Datasheet HTML 4Page - Integrated Device Technology IDT74CBTLV3251PY Datasheet HTML 5Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
IDT74CBTLV3251
LOW-VOLTAGE8:1MULTIPLEXER/DEMULTIPLEXER
INDUSTRIALTEMPERATURERANGE
DC ELECTRICAL CHARACTERISTICS OVER OPERATING RANGE
Following Conditions Apply Unless Otherwise Specified:
Operating Condition: TA = – 40°C to +85°C
Symbol
Parameter
Test Conditions
Min.
Typ. (1)
Max.
Unit
VIK
Control Inputs, Data I/O
VCC = 3V, II =
−18mA
– 1.2
V
II
Control Inputs, Data I/O
VCC = 3.6V, VI = VCC or GND
±1
µA
IOZ
Data I/O
VCC = 3.6V, VO = 0 or 3.6V, switch disabled
20
µA
IOFF
VCC = 0, VI or VO = 0 to 3.6V
50
µA
ICC
VCC = 3.6V, IO = 0, VI = VCC or GND
10
µA
∆ICC (2)
Control Inputs
VCC = 3.6V, One input at 3V, Other inputs at VCC or GND
300
µA
CI
Control Inputs
VI = 3V or 0
4
pF
CIO(OFF)
A port
VO = 3V or 0,
OE = VCC = 3.3V
40.5
pF
B port
—6
Max at VCC = 2.3V
VI = 0
IO = 64mA
5
8
Typ at VCC = 2.5V
IO = 24ma
5
8
RON (3)
VI = 1.7V
IO = 15mA
27
40
VI = 0
IO = 64mA
5
7
VCC = 3V
IO = 24mA
5
7
VI = 2.4V
IO = 15mA
10
15
NOTES:
1.
Typical values are at VCC = 3.3V, +25°C ambient.
2.
The increase in supply current is attributable to each output that is at the specified voltage level rather than VCC or GND.
3.
This is measured by the voltage drop between the A and B terminals at the indicated current through the switch. On-state resistance is determined
by the lower of the voltages of the two (A or B) terminals.
SWITCHING CHARACTERISTICS
VCC = 2.5V ± 0.2V
VCC = 3.3V ± 0.3V
Symbol
Parameter
Min.
Max.
Min.
Max.
Unit
tPD(1)
Propagation Delay
A to B or B to A
0.15
0.25
ns
tSEL
Select Time
S to A or B
1
4.8
1
4.5
ns
tEN
Enable Time
S to B
1
4.8
1
4.5
ns
tDIS
Disable Time
S to B
1
5.1
1
5.3
ns
tEN
Enable Time
OE to A or B
15
1
4.8
ns
tDIS
Disable Time
OE to A or B
15.5
1
6
ns
NOTE:
1. The propagation delay is the calculated RC time constant of the typical on-state resistance of the switch and the specified load capacitance when
driven by an ideal voltage source (zero output impedance).


Similar Part No. - IDT74CBTLV3251PY

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74CBTLV3251 IDT-IDT74CBTLV3251 Datasheet
107Kb / 5P
   LOW-VOLTAGE 8:1 MULTIPLEXER/ DEMULTIPLEXER
IDT74CBTLV3251 IDT-IDT74CBTLV3251_14 Datasheet
107Kb / 5P
   LOW-VOLTAGE 8:1 MULTIPLEXER/ DEMULTIPLEXER
More results

Similar Description - IDT74CBTLV3251PY

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74CBTLV3251 IDT-IDT74CBTLV3251_14 Datasheet
107Kb / 5P
   LOW-VOLTAGE 8:1 MULTIPLEXER/ DEMULTIPLEXER
logo
Renesas Technology Corp
74CBTLV3251 RENESAS-74CBTLV3251 Datasheet
280Kb / 6P
   LOW-VOLTAGE 8:1 MULTIPLEXER/ DEMULTIPLEXER
MAY 2019
logo
Texas Instruments
SN74CBTLV3251 TI-SN74CBTLV3251_07 Datasheet
739Kb / 17P
[Old version datasheet]   LOW-VOLTAGE 1-OF-8 FET MULTIPLEXER/DEMULTIPLEXER
74CBTLV3251PWRG4 TI-74CBTLV3251PWRG4 Datasheet
911Kb / 19P
[Old version datasheet]   LOW-VOLTAGE 1-OF-8 FET MULTIPLEXER/DEMULTIPLEXER
SN74CBTLV3251 TI-SN74CBTLV3251 Datasheet
380Kb / 12P
[Old version datasheet]   LOW-VOLTAGE 1-OF-8 FET MULTIPLEXER/DEMULTIPLEXER
logo
Unisonic Technologies
U74CBTLV3251 UTC-U74CBTLV3251 Datasheet
321Kb / 7P
   LOW-VOLTAGE 1-OF-8 FET MULTIPLEXER/DEMULTIPLEXER
logo
ON Semiconductor
74FST3251 ONSEMI-74FST3251 Datasheet
86Kb / 8P
   8:1 Multiplexer/Demultiplexer Bus Switch
January, 2002 ??Rev. 1
logo
Texas Instruments
SN74CBT3251 TI-SN74CBT3251 Datasheet
365Kb / 12P
[Old version datasheet]   1-OF-8 FET MULTIPLEXER/DEMULTIPLEXER
logo
Unisonic Technologies
U74CBT3251 UTC-U74CBT3251 Datasheet
196Kb / 6P
   1-OF-8 FET MULTIPLEXER / DEMULTIPLEXER
logo
Toshiba Semiconductor
TC7MB3251FK TOSHIBA-TC7MB3251FK Datasheet
94Kb / 7P
   1-of-8 FET Multiplexer/Demultiplexer
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com