Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDTF1912NCGI Datasheet(PDF) 8 Page - Integrated Device Technology

Part # IDTF1912NCGI
Description  6 Bit Digital Step Attenuator
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDTF1912NCGI Datasheet(HTML) 8 Page - Integrated Device Technology

Back Button IDTF1912NCGI_17 Datasheet HTML 4Page - Integrated Device Technology IDTF1912NCGI_17 Datasheet HTML 5Page - Integrated Device Technology IDTF1912NCGI_17 Datasheet HTML 6Page - Integrated Device Technology IDTF1912NCGI_17 Datasheet HTML 7Page - Integrated Device Technology IDTF1912NCGI_17 Datasheet HTML 8Page - Integrated Device Technology IDTF1912NCGI_17 Datasheet HTML 9Page - Integrated Device Technology IDTF1912NCGI_17 Datasheet HTML 10Page - Integrated Device Technology IDTF1912NCGI_17 Datasheet HTML 11Page - Integrated Device Technology IDTF1912NCGI_17 Datasheet HTML 12Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
6 Bit Digital Step Attenuator
1 MHz to 4000 MHz
Glitch-FreeTM, Digital Step Attenuator
8
Rev 1, May 2017
IDTF1912NCGI
Datasheet
Serial Mode Default Startup Condition:
When the device is first powered up it will default to the Maximum Attenuation of 31.5 dB independent of the
VMODE and parallel pin [D5:D0] conditions.
Table 4 - Default Control Word for the Serial Mode
D5
(MSB)
D4
D3
D2
D1
D0
(LSB)
Attenuation
(dB)
1
1
1
1
1
1
31.5
PARALLEL CONTROL MODE
For the F1912 the user has the option of running in one of two parallel modes. Direct Parallel Mode or
Latched Parallel Mode.
Direct Parallel Mode:
Direct Parallel Mode is selected when VMODE (pin 13) is less than VIL and LE (pin 5) is greater than VIH. In this
mode the device will immediately react to any voltage changes to the parallel control pins [pins 1, 15, 16, 17,
19, 20]. Use direct parallel mode for the fastest settling time.
Latched Parallel Mode:
Latched Parallel Mode is selected when VMODE is less than VIL and LE (pin 5) is toggled from less than VIL to
greater than VIH. To utilize Latched Parallel Mode:
 Set LE < VIL
 Adjust pins [pins 1, 15, 16, 17, 19, 20] to the desired attenuation setting. (Note the device will not
react to these pins while LE < VIL.)
 Pull LE > VIH. The device will then transition to the attenuation settings reflected by pins D5 – D0.
Latched Parallel Mode implies a default state for when the device is first powered up with VMODE < VIL and
LE < VIL. In this case the default setting is MAXIMUM Attenuation.
Table 5 - Truth Table for the Parallel Control Word
D5
D4
D3
D2
D1
D0
Attenuation
(dB)
0
0
0
0
0
0
0
0
0
0
0
0
1
0.5
0
0
0
0
1
0
1
0
0
0
1
0
0
2
0
0
1
0
0
0
4
0
1
0
0
0
0
8
1
0
0
0
0
0
16
1
1
1
1
1
1
31.5


Similar Part No. - IDTF1912NCGI_17

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDTF1912NCGI8 RENESAS-IDTF1912NCGI8 Datasheet
2Mb / 23P
   Serial and 6 bit Parallel Interface
More results

Similar Description - IDTF1912NCGI_17

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDTF1912NCGI IDT-IDTF1912NCGI Datasheet
2Mb / 20P
   6 Bit Digital Step Attenuator
IDTF1953 IDT-IDTF1953 Datasheet
1Mb / 17P
   6-bit Digital Step Attenuator
F1978 IDT-F1978 Datasheet
4Mb / 26P
   6-Bit, 75 Digital Step Attenuator
IDTF1951 IDT-IDTF1951 Datasheet
2Mb / 17P
   6-bit 0.5 dB Digital Step Attenuator
F1951 IDT-F1951 Datasheet
1Mb / 20P
   6-bit 0.5 dB Digital Step Attenuator
logo
M/A-COM Technology Solu...
MAAD-011021-000DIE MA-COM-MAAD-011021-000DIE_16 Datasheet
987Kb / 9P
   Digital Attenuator, 6-Bit, 0.5 dB LSB step
MAAD-011021-000DIE MA-COM-MAAD-011021-000DIE Datasheet
945Kb / 8P
   Digital Attenuator, 6-Bit, 0.5 dB LSB step
logo
NXP Semiconductors
MMT20303H NXP-MMT20303H Datasheet
374Kb / 14P
   3-Bit Digital Step Attenuator
Rev. 0, 12/2015
logo
TriQuint Semiconductor
TQP4M9072 TRIQUINT-TQP4M9072_15 Datasheet
579Kb / 12P
   High Linearity 6-Bit, 31.5 dB Digital Step Attenuator
logo
Renesas Technology Corp
F1978 RENESAS-F1978 Datasheet
3Mb / 27P
   6-Bit, 75Ω Digital Step Attenuator 5MHz to 3GHz
August 28, 2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com