Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F2258NLGI8 Datasheet(PDF) 2 Page - Integrated Device Technology

Part # F2258NLGI8
Description  PRODUCT/PROCESS CHANGE NOTICE (PCN)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

F2258NLGI8 Datasheet(HTML) 2 Page - Integrated Device Technology

  F2258NLGI8 Datasheet HTML 1Page - Integrated Device Technology F2258NLGI8 Datasheet HTML 2Page - Integrated Device Technology F2258NLGI8 Datasheet HTML 3Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Integrated Device Technology, Inc.
6024 Silver Creek Valley Road, San Jose, CA 95138
PRODUCT/PROCESS CHANGE NOTICE (PCN)
PCN Type:
Datasheet change
Data Sheet Change:
Yes
Detail of Change:
Table 1: Changes in Datasheet Limits
New Limits
Device F2250
Existing Limits
ATTACHMENT I - PCN #: TB1701-02
Ictrl Min no change Max 14uA
Ictrl Min -0.1uA Max 10uA
Production testing of F2250, F2255, F2258 is experiencing low yield. Adjustments to datasheet limits is required
to improve yield.
There is no change to the die/package technology or manufacturing. The change in datasheet is shown in Table 1.
The Datasheet revision with changes to the limits is available on request.
Device F2258
Existing Limits
New Limits
Datasheet Limits
Ictrl Min -1.0uA Max 10uA
Idd Min 0.9mA Max 1.4mA
Ictrl Min no change Max 14uA
Idd Min 0.5mA Max 2mA
Device F2255
Existing Limits
New Limits
Datasheet Limits
Ictrl Min -1.0uA Max 10uA
Imode Min -1.0uA Max 24uA
Idd Min 0.8mA Max 1.5mA
Ictrl Min no change Max 14uA
Imode Min no change Max 38uA
Idd Min 0.5mA Max 2mA
g
Imode Min no change Max 38uA
Idd Min 0.5mA Max 2mA
Datasheet Limits
Imode Min -0.1uA Max 24uA
Idd Min 0.9mA Max 1.4mA
Page2of 3
Page 2 of 3


Similar Part No. - F2258NLGI8

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
F2258NLGK IDT-F2258NLGK Datasheet
2Mb / 24P
   Voltage Variable RF Attenuator
logo
Renesas Technology Corp
F2258NLGK RENESAS-F2258NLGK Datasheet
2Mb / 25P
   Voltage Variable RF Attenuator
More results

Similar Description - F2258NLGI8

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EC05E1220202 ETC-EC05E1220202 Datasheet
144Kb / 4P
   Product Change Notice
June 8, 2020
logo
Diodes Incorporated
DCS-1078 DIODES-DCS-1078 Datasheet
74Kb / 17P
   PRODUCT CHANGE NOTICE
PCN-1078_Rev 1
logo
Aavid, Thermal Division...
241202B91200 AAVID-241202B91200 Datasheet
235Kb / 2P
   Product Process Change
341600F00000G AAVID-341600F00000G Datasheet
497Kb / 2P
   Product Process Change
PCN001476-042987 AAVID-PCN001476-042987 Datasheet
39Kb / 2P
   Product Process Change
PCN017628-033580 AAVID-PCN017628-033580 Datasheet
38Kb / 2P
   Product Process Change
PCN002132-041538 AAVID-PCN002132-041538 Datasheet
39Kb / 2P
   Product Process Change
PCN002238-042261 AAVID-PCN002238-042261 Datasheet
55Kb / 2P
   Product Process Change
PCN002329-042819 AAVID-PCN002329-042819 Datasheet
55Kb / 2P
   Product Process Change
PCN017339-041550 AAVID-PCN017339-041550 Datasheet
39Kb / 2P
   Product Process Change
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com