Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ERJ-2GEJ103X Datasheet(PDF) 8 Page - Integrated Device Technology

Part # ERJ-2GEJ103X
Description  Wireless Power Receiver for 15W Applications
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ERJ-2GEJ103X Datasheet(HTML) 8 Page - Integrated Device Technology

Back Button ERJ-2GEJ103X Datasheet HTML 4Page - Integrated Device Technology ERJ-2GEJ103X Datasheet HTML 5Page - Integrated Device Technology ERJ-2GEJ103X Datasheet HTML 6Page - Integrated Device Technology ERJ-2GEJ103X Datasheet HTML 7Page - Integrated Device Technology ERJ-2GEJ103X Datasheet HTML 8Page - Integrated Device Technology ERJ-2GEJ103X Datasheet HTML 9Page - Integrated Device Technology ERJ-2GEJ103X Datasheet HTML 10Page - Integrated Device Technology ERJ-2GEJ103X Datasheet HTML 11Page - Integrated Device Technology ERJ-2GEJ103X Datasheet HTML 12Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 35 page
background image
P9221-R Datasheet
© 2017 Integrated Device Technology, Inc.
8
April 4, 2017
3. Absolute Maximum Ratings
Stresses greater than those listed as absolute maximum ratings in Table 2 could cause permanent damage to the device. These are stress
ratings only, and functional operation of the device at these or any other conditions above those indicated in the operational sections of this
specification is not implied. Exposure to absolute maximum rating conditions for extended periods might affect reliability.
Table 2.
Absolute Maximum Ratings
Pins[a]
Rating[b]
Units
AC1[c], AC2[c], COMM1, COMM2
-0.3 to 20
V
EN
̅̅̅̅
-0.3 to 28
V
SINK, VRECT
-0.3 to 24
V
DEN, ILIM, RPPG, RPPO, VDD18, VOSET
-0.3 to 2
V
ALIGNX, ALIGNY, INT
̅̅̅̅, SCL, SDA, TS, VDD5V
-0.3 to 6
V
BST1, BST2
-0.3 to AC1+6, AC2+6
V
OUT
-0.3 to 14.4
V
Maximum Current on SINK
1
A
Maximum RMS Current on COMM1, COMM2
500
mA
Maximum RMS Current from AC1, AC2
2
A
[a] Absolute maximum ratings are not provided for reserved pins (RSV1, RSV2, RSV3, RSV4, RSV5, and DEN). These pins
are not used in the application.
[b] All voltages are referred to ground unless otherwise noted.
[c] During synchronous rectifier dead time, the voltage on the AC1 and AC2 pins is developed by current across the power
FET’s body diodes, and it might be lower than -0.3 V. This is a normal behavior and does not negatively impact the
functionality or reliability of the product.
Table 3.
ESD Information
Test Model
Pins
Ratings
Units
HBM
All pins except RSV2 and RSV3
2
kV
RSV2, RSV3 pins
1
kV
CDM
All pins
500
V


Similar Part No. - ERJ-2GEJ103X

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ERJ-2GEJ103X PANASONIC-ERJ-2GEJ103X Datasheet
118Kb / 3P
   Thick Film Chip Resistors
More results

Similar Description - ERJ-2GEJ103X

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
P9221-R RENESAS-P9221-R Datasheet
1Mb / 38P
   Wireless Power Receiver for 15W Applications
October 10, 2017
P9242-R RENESAS-P9242-R Datasheet
1Mb / 38P
   Wireless Power Transmitter for 15W Applications
January 16, 2018
logo
STMicroelectronics
STWLC38 STMICROELECTRONICS-STWLC38 Datasheet
728Kb / 5P
   Qi-compliant dual mode wireless power receiver for up to 15W applications
Rev 2 - June 2022
logo
Renesas Technology Corp
P9027LP-R RENESAS-P9027LP-R Datasheet
2Mb / 28P
   Wireless Power Receiver for ≤ 3W Applications
April 28, 2016
logo
Kinetic Technologies.
KTE7001 KINETIC-KTE7001 Datasheet
207Kb / 2P
   15W Wireless Power Receiver for WPC/Qi BPP/EPP
September 2021 - Revision 04d
logo
Renesas Technology Corp
P9222-R RENESAS-P9222-R Datasheet
3Mb / 58P
   Wireless Power Receiver for Low Power Applications
May 5, 2022
P9415-R RENESAS-P9415-R Datasheet
1Mb / 62P
   15W Wireless Power Receiver with WattShare™ Mode
May 4, 2021
P9225-R RENESAS-P9225-R Datasheet
1Mb / 35P
   Dual-Mode Wireless Power Receiver for 5W Applications
November 12, 2018
logo
Integrated Device Techn...
P9260 IDT-P9260 Datasheet
158Kb / 2P
   15W Wireless Power Transmitter
logo
Renesas Technology Corp
RAA457100GBM RENESAS-RAA457100GBM Datasheet
867Kb / 27P
   Wireless Charging System Receiver IC for Low Power Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com