Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRFU3303 Datasheet(PDF) 1 Page - International Rectifier

Part # IRFU3303
Description  HEXFET Power MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFU3303 Datasheet(HTML) 1 Page - International Rectifier

  IRFU3303 Datasheet HTML 1Page - International Rectifier IRFU3303 Datasheet HTML 2Page - International Rectifier IRFU3303 Datasheet HTML 3Page - International Rectifier IRFU3303 Datasheet HTML 4Page - International Rectifier IRFU3303 Datasheet HTML 5Page - International Rectifier IRFU3303 Datasheet HTML 6Page - International Rectifier IRFU3303 Datasheet HTML 7Page - International Rectifier IRFU3303 Datasheet HTML 8Page - International Rectifier IRFU3303 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
IRFR/U3303
HEXFET® Power MOSFET
VDSS = 30V
RDS(on) = 0.031Ω
ID = 33A
…
8/25/97
Parameter
Typ.
Max.
Units
RθJC
Junction-to-Case
–––
2.2
RθJA
Junction-to-Ambient (PCB mount)**
–––
50
°C/W
RθJA
Junction-to-Ambient
–––
110
Thermal Resistance
D - P a k
TO - 2 52 A A
I- P a k
TO - 251A A
l Ultra Low On-Resistance
l Surface Mount (IRFR3303)
l Straight Lead (IRFU3033)
l Advanced Process Technology
l Fast Switching
l Fully Avalanche Rated
Description
Parameter
Max.
Units
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V
33
…
ID @ TC = 100°C
Continuous Drain Current, VGS @ 10V
21
…
A
IDM
Pulsed Drain Current

120
PD @TC = 25°C
Power Dissipation
57
W
Linear Derating Factor
0.45
W/°C
VGS
Gate-to-Source Voltage
± 20
V
EAS
Single Pulse Avalanche Energy
‚
95
mJ
IAR
Avalanche Current

18
A
EAR
Repetitive Avalanche Energy

5.7
mJ
dv/dt
Peak Diode Recovery dv/dt
ƒ
5.0
V/ns
TJ
Operating Junction and
-55 to + 150
TSTG
Storage Temperature Range
Soldering Temperature, for 10 seconds
300 (1.6mm from case )
°C
Absolute Maximum Ratings
Fifth Generation HEXFETs from International Rectifier
utilize advanced processing techniques to achieve
extremely low on-resistance per silicon area. This benefit,
combined with the fast switching speed and ruggedized
device design that HEXFET Power MOSFETs are well
known for, provides the designer with an extremely efficient
and reliable device for use in a wide variety of applications.
The D-Pak is designed for surface mounting using vapor
phase, infrared, or wave soldering techniques. The straight
lead version (IRFU series) is for through-hole mounting
applications. Power dissipation levels up to 1.5 watts are
possible in typical surface mount applications.
S
D
G
PD - 9.1642A


Similar Part No. - IRFU3303

ManufacturerPart #DatasheetDescription
logo
Kersemi Electronic Co.,...
IRFU3303 KERSEMI-IRFU3303 Datasheet
876Kb / 10P
   Ultra Low On-Resistance
logo
International Rectifier
IRFU3303PBF IRF-IRFU3303PBF Datasheet
251Kb / 10P
   HEXFET Power MOSFET
IRFU3303PBF IRF-IRFU3303PBF Datasheet
256Kb / 11P
   Ultra Low On-Resistance
logo
Kersemi Electronic Co.,...
IRFU3303PBF KERSEMI-IRFU3303PBF Datasheet
3Mb / 10P
   ULTRA LOW ON-RESISTANCE
More results

Similar Description - IRFU3303

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7316 IRF-IRF7316 Datasheet
237Kb / 7P
   HEXFET POWER MOSFET
IRF6215 IRF-IRF6215 Datasheet
125Kb / 8P
   HEXFET Power MOSFET
IRF530NS IRF-IRF530NS Datasheet
618Kb / 10P
   HEXFET Power MOSFET
IRLMS2002 IRF-IRLMS2002 Datasheet
95Kb / 8P
   HEXFET Power MOSFET
IRFH5301PBF IRF-IRFH5301PBF Datasheet
309Kb / 8P
   HEXFET Power MOSFET
IRLR8726PBF IRF-IRLR8726PBF_09 Datasheet
360Kb / 11P
   HEXFET Power MOSFET
IRLML2502GPBF IRF-IRLML2502GPBF Datasheet
180Kb / 8P
   HEXFET Power MOSFET
IRF7304QPBF IRF-IRF7304QPBF_10 Datasheet
248Kb / 9P
   HEXFET POWER MOSFET
IRFS3107-7PPBF IRF-IRFS3107-7PPBF Datasheet
320Kb / 9P
   HEXFET Power MOSFET
IRFH5106PBF IRF-IRFH5106PBF Datasheet
339Kb / 8P
   HEXFET Power MOSFET
IRFH5406PBF IRF-IRFH5406PBF Datasheet
305Kb / 8P
   HEXFET Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com