Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MDF10N65BTH Datasheet(PDF) 6 Page - MagnaChip Semiconductor.

Part # MDF10N65BTH
Description  N-Channel MOSFET 650V, 10.0A, 1.0(ohm)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MGCHIP [MagnaChip Semiconductor.]
Direct Link  http://www.magnachip.co.kr
Logo MGCHIP - MagnaChip Semiconductor.

MDF10N65BTH Datasheet(HTML) 6 Page - MagnaChip Semiconductor.

  MDF10N65BTH Datasheet HTML 1Page - MagnaChip Semiconductor. MDF10N65BTH Datasheet HTML 2Page - MagnaChip Semiconductor. MDF10N65BTH Datasheet HTML 3Page - MagnaChip Semiconductor. MDF10N65BTH Datasheet HTML 4Page - MagnaChip Semiconductor. MDF10N65BTH Datasheet HTML 5Page - MagnaChip Semiconductor. MDF10N65BTH Datasheet HTML 6Page - MagnaChip Semiconductor.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Jun. 2010 Version 1.2
MagnaChip Semiconductor Ltd.
6
DISCLAIMER:
The Products are not designed for use in hostile environments, including, without limitation, aircraft, nuclear power
generation, medical appliances, and devices or systems in which malfunction of any Product can reasonably be
expected to result in a personal injury.
Seller’s customers using or selling Seller’s products for use in such
applications do so at their own risk and agree to fully defend and indemnify Seller.
MagnaChip reserves the right to change the specifications and circuitry without notice at any time. MagnaChip does not consider responsibility
for use of any circuitry other than circuitry entirely included in a MagnaChip product.
is a registered trademark of MagnaChip
Semiconductor Ltd.


Similar Part No. - MDF10N65BTH

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
MDF10N65BTH ISC-MDF10N65BTH Datasheet
322Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - MDF10N65BTH

ManufacturerPart #DatasheetDescription
logo
MagnaChip Semiconductor...
MMF65R190P MGCHIP-MMF65R190P Datasheet
1Mb / 10P
   650V 0.19(ohm) N-channel MOSFET
MMP65R190P MGCHIP-MMP65R190P Datasheet
1Mb / 10P
   650V 0.19(ohm) N-channel MOSFET
MMFT65R195P MGCHIP-MMFT65R195P Datasheet
1Mb / 10P
   650V 0.195(ohm) N-channel MOSFET
MDF11N65B MGCHIP-MDF11N65B Datasheet
787Kb / 6P
   N-Channel MOSFET 650V, 12A, 0.65(ohm)
MDI6N65B MGCHIP-MDI6N65B Datasheet
935Kb / 6P
   N-Channel MOSFET 650V, 5.7A, 1.45(ohm)
MDF7N65B MGCHIP-MDF7N65B Datasheet
820Kb / 6P
   N-Channel MOSFET 650V, 7.0A, 1.35(ohm)
MDFS11N65B MGCHIP-MDFS11N65B Datasheet
895Kb / 6P
   N-Channel MOSFET 650V, 12A, 0.65(ohm)
MDF13N65B MGCHIP-MDF13N65B Datasheet
835Kb / 6P
   N-Channel MOSFET 650V, 14A, 0.46(ohm)
MDF8N60 MGCHIP-MDF8N60 Datasheet
751Kb / 6P
   N-Channel MOSFET 600V, 8A, 1.0(ohm)
MDP8N60 MGCHIP-MDP8N60 Datasheet
997Kb / 6P
   N-Channel MOSFET 600V, 8A, 1.0(ohm)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com