Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AC0603GFX7R9BN Datasheet(PDF) 11 Page - YAGEO Corporation

Part # AC0603GFX7R9BN
Description  SURFACE MOUNT MULTILAYER CERAMIC CAPACITORS
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

AC0603GFX7R9BN Datasheet(HTML) 11 Page - YAGEO Corporation

Back Button AC0603GFX7R9BN Datasheet HTML 7Page - YAGEO Corporation AC0603GFX7R9BN Datasheet HTML 8Page - YAGEO Corporation AC0603GFX7R9BN Datasheet HTML 9Page - YAGEO Corporation AC0603GFX7R9BN Datasheet HTML 10Page - YAGEO Corporation AC0603GFX7R9BN Datasheet HTML 11Page - YAGEO Corporation AC0603GFX7R9BN Datasheet HTML 12Page - YAGEO Corporation AC0603GFX7R9BN Datasheet HTML 13Page - YAGEO Corporation AC0603GFX7R9BN Datasheet HTML 14Page - YAGEO Corporation AC0603GFX7R9BN Datasheet HTML 15Page - YAGEO Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
Automotive grade
NP0
/X7R 6.3 V to 630 V
www.yageo.com
Mar. 31, 2017 V.6
Surface-Mount Ceramic Multilayer Capacitors
11
24
Product specification
CAPACITANCE RANGE & THICKNESS FOR 4C-ARRAY
Table 11 Temperature characteristic material from NP0
CAPACITANCE
0508 (4 x 0402)
0612 (4 x 0603)
50 V
50 V
10 pF
0.6± 0.1
0.8± 0.1
15 pF
0.6± 0.1
0.8± 0.1
18 pF
0.6± 0.1
0.8± 0.1
22 pF
0.6± 0.1
0.8± 0.1
33 pF
0.6± 0.1
0.8± 0.1
39 pF
0.6± 0.1
0.8± 0.1
47 pF
0.6± 0.1
0.8± 0.1
56 pF
0.6± 0.1
0.8± 0.1
68 pF
0.6± 0.1
0.8± 0.1
82 pF
0.6± 0.1
0.8± 0.1
100 pF
0.6± 0.1
0.8± 0.1
120 pF
0.8± 0.1
150 pF
0.8± 0.1
180 pF
0.8± 0.1
220 pF
0.8± 0.1
270 pF
0.8± 0.1
330 pF
0.8± 0.1
390 pF
0.8± 0.1
470 pF
0.8± 0.1
560 pF
680 pF
820 pF
1.0 nF
NOTE
Values in shaded cells indicate thickness class in mm


Similar Part No. - AC0603GFX7R9BN

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
AC0603 YAGEO-AC0603 Datasheet
345Kb / 11P
   THICK FILM CHIP RESISTORS Automotive grade
AC0603 YAGEO-AC0603 Datasheet
312Kb / 10P
   THICK FILM CHIP RESISTORS Automotive grade
AC0603BRE07100R YAGEO-AC0603BRE07100R Datasheet
529Kb / 7P
   THICK FILM CHIP RESISTORS Automotive Precision grade
AC0603BRE0710R YAGEO-AC0603BRE0710R Datasheet
529Kb / 7P
   THICK FILM CHIP RESISTORS Automotive Precision grade
AC0603BRE071K YAGEO-AC0603BRE071K Datasheet
529Kb / 7P
   THICK FILM CHIP RESISTORS Automotive Precision grade
More results

Similar Description - AC0603GFX7R9BN

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
1489800 YAGEO-1489800 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC1206JRNPOBBN100 YAGEO-CC1206JRNPOBBN100 Datasheet
395Kb / 15P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0402KRX7R9BB332 YAGEO-CC0402KRX7R9BB332 Datasheet
518Kb / 21P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0402KRX7R9BB221 YAGEO-CC0402KRX7R9BB221 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0402JRNPO9BN330 YAGEO-CC0402JRNPO9BN330 Datasheet
395Kb / 15P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0603KRX7R9BB332 YAGEO-CC0603KRX7R9BB332 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0805KRX7R0BB102 YAGEO-CC0805KRX7R0BB102 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0201BRNPO7BN121 YAGEO-CC0201BRNPO7BN121 Datasheet
1Mb / 14P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CA0508JRNPO7BN121 YAGEO-CA0508JRNPO7BN121 Datasheet
985Kb / 17P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0603CRNPO9BN1R0 YAGEO-CC0603CRNPO9BN1R0 Datasheet
395Kb / 15P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC1206KRX7RABB103 YAGEO-CC1206KRX7RABB103 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com