Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MDF12N50 Datasheet(PDF) 7 Page - MagnaChip Semiconductor.

Part # MDF12N50
Description  N-Channel MOSFET 500V, 11.5 A, 0.65(ohm)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MGCHIP [MagnaChip Semiconductor.]
Direct Link  http://www.magnachip.co.kr
Logo MGCHIP - MagnaChip Semiconductor.

MDF12N50 Datasheet(HTML) 7 Page - MagnaChip Semiconductor.

  MDF12N50 Datasheet HTML 1Page - MagnaChip Semiconductor. MDF12N50 Datasheet HTML 2Page - MagnaChip Semiconductor. MDF12N50 Datasheet HTML 3Page - MagnaChip Semiconductor. MDF12N50 Datasheet HTML 4Page - MagnaChip Semiconductor. MDF12N50 Datasheet HTML 5Page - MagnaChip Semiconductor. MDF12N50 Datasheet HTML 6Page - MagnaChip Semiconductor. MDF12N50 Datasheet HTML 7Page - MagnaChip Semiconductor. MDF12N50 Datasheet HTML 8Page - MagnaChip Semiconductor.  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Dec 2009. Version 1.2
MagnaChip Semiconductor Ltd
.
7
Worldwide Sales Support Locations
U.S.A
Sunnyvale Office
787 N. Mary Ave. Sunnyvale
CA 94085 U.S.A
Tel : 1-408-636-5200
Fax : 1-408-213-2450
E-Mail : usasales@magnachip.com
U.K
Knyvett House The Causeway,
Staines Middx, TW18 3BA,U.K.
Tel : +44 (0) 1784-895-000
Fax : +44 (0) 1784-895-115
E-Mail : uksales@magnachip.com
Japan
Osaka Office
3F, Shin-Osaka MT-2 Bldg 3-5-36
Miyahara Yodogawa-Ku
Osaka, 532-0003 Japan
Tel : 81-6-6394-9160
Fax : 81-6-6394-9150
E-Mail : osakasales@magnachip.com
Taiwan R.O.C
2F, No.61, Chowize Street, Nei Hu
Taipei,114 Taiwan R.O.C
Tel : 886-2-2657-7898
Fax : 886-2-2657-8751
E-Mail : taiwansales@magnachip.com
China
Hong Kong Office
Suite 1024, Ocean Centre 5 Canton Road,
Tsim Sha Tsui Kowloon, Hong Kong
Tel : 852-2828-9700
Fax : 852-2802-8183
E-Mail : chinasales@magnachip.com
Shenzhen Office
Room 2003B, 20/F
International Chamber of Commerce Tower
Fuhua Road3 CBD, Futian District, China
Tel : 86-755-8831-5561
Fax : 86-755-8831-5565
E-Mail : chinasales@magnachip.com
Shanghai Office
Room E, 8/F, Liaoshen International Building 1068
Wuzhong Road, (C) 201103
Shanghai, China
Tel : 86-21-6405-1521
Fax : 86-21-6505-1523
E-Mail : chinasales@magnachip.com
Korea
891, Daechi-Dong, Kangnam-Gu
Seoul, 135-738 Korea
Tel : 82-2-6903-3451
Fax : 82-2-6903-3668 ~9
Email : koreasales@magnachip.com
DISCLAIMER:
The Products are not designed for use in hostile environments, including, without limitation, aircraft, nuclear power
generation, medical appliances, and devices or systems in which malfunction of any Product can reasonably be
expected to result in a personal injury. Seller’s customers using or selling Seller’s products for use in such
applications do so at their own risk and agree to fully defend and indemnify Seller.
\
MagnaChip reserves the right to change the specifications and circuitry without notice at any time. MagnaChip does not consider responsibility
for use of any circuitry other than circuitry entirely included in a MagnaChip product.
is a registered trademark of MagnaChip
Semiconductor Ltd.


Similar Part No. - MDF12N50

ManufacturerPart #DatasheetDescription
logo
MagnaChip Semiconductor...
MDF12N50B MGCHIP-MDF12N50B Datasheet
1Mb / 8P
   N-Channel MOSFET 500V, 11.5A, 0.65(ohm)
MDF12N50BTH MGCHIP-MDF12N50BTH Datasheet
1Mb / 8P
   N-Channel MOSFET 500V, 11.5A, 0.65(ohm)
logo
Inchange Semiconductor ...
MDF12N50BTH ISC-MDF12N50BTH Datasheet
322Kb / 2P
   isc N-Channel MOSFET Transistor
logo
MagnaChip Semiconductor...
MDF12N50F MGCHIP-MDF12N50F Datasheet
1Mb / 8P
   N-Channel MOSFET 500V, 11.5A, 0.75ohm
MDF12N50FTH MGCHIP-MDF12N50FTH Datasheet
1Mb / 8P
   N-Channel MOSFET 500V, 11.5A, 0.75ohm
More results

Similar Description - MDF12N50

ManufacturerPart #DatasheetDescription
logo
MagnaChip Semiconductor...
MDP12N50 MGCHIP-MDP12N50 Datasheet
772Kb / 6P
   N-Channel MOSFET 500V, 11.5 A, 0.65(ohm)
MDP12N50B MGCHIP-MDP12N50B Datasheet
1Mb / 8P
   N-Channel MOSFET 500V, 11.5A, 0.65(ohm)
logo
Fairchild Semiconductor
FDB12N50TM FAIRCHILD-FDB12N50TM Datasheet
366Kb / 9P
   N-Channel MOSFET 500V, 11.5A, 0.65廓
FDP12N50 FAIRCHILD-FDP12N50 Datasheet
381Kb / 10P
   N-Channel MOSFET 500V, 11.5A, 0.65廓
FDP12N50 FAIRCHILD-FDP12N50_12 Datasheet
538Kb / 10P
   N-Channel MOSFET 500V, 11.5A, 0.65廓
logo
MagnaChip Semiconductor...
MMF80R650P MGCHIP-MMF80R650P Datasheet
1Mb / 10P
   800V 0.65(ohm) N-channel MOSFET
logo
Fairchild Semiconductor
FQT1N60CTF-WS FAIRCHILD-FQT1N60CTF-WS Datasheet
1Mb / 8P
   N-Channel QFET MOSFET 600V, 0.2 A, 11.5 Ohm
logo
MagnaChip Semiconductor...
MDP9N50B MGCHIP-MDP9N50B Datasheet
1Mb / 8P
   N-Channel MOSFET 500V, 9.0 A, 0.85(ohm)
MDP5N50B MGCHIP-MDP5N50B Datasheet
1Mb / 8P
   N-Channel MOSFET 500V, 5.0 A, 1.4(ohm)
MDP7N50 MGCHIP-MDP7N50 Datasheet
741Kb / 6P
   N-Channel MOSFET 500V, 7.0 A, 0.9(ohm)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com