Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRM7001 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # IRM7001
Description  SIR Modulator/Demodulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

IRM7001 Datasheet(HTML) 1 Page - Vishay Siliconix

  IRM7001 Datasheet HTML 1Page - Vishay Siliconix IRM7001 Datasheet HTML 2Page - Vishay Siliconix IRM7001 Datasheet HTML 3Page - Vishay Siliconix IRM7001 Datasheet HTML 4Page - Vishay Siliconix IRM7001 Datasheet HTML 5Page - Vishay Siliconix IRM7001 Datasheet HTML 6Page - Vishay Siliconix IRM7001 Datasheet HTML 7Page - Vishay Siliconix IRM7001 Datasheet HTML 8Page - Vishay Siliconix IRM7001 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Document Number: 82576
www.vishay.com
Revision 17-August-01
1
Figure 1. IRM7001 pin out
Figure 2. IRM7001 Block Diagram
IRM - 7001
1
2
3
4
5
6
7
8
1
9
TXD
A0
A1
A2
CLK_SEL
GND
VCC
OSCIN
OSCOUT
PWR DN
PLS MOD
IR_TXD
16XCLK
RCV
IR_RCV
NRST
16
14
13
12
11
10
15
SIR
ENCODE
SIR
DECODE
TXD
IR_TXD
RCV
IR_RCV
A0
A1
A2
16XCLK
PULSEMOD
CLK_SEL
INT_CLOCK
CLOCK
DIVIDE
/NRST
IRM7001
SIR Modulator/Demodulator
FEATURES
• Compliant with IrDA 1.0 Physical Layer Specifications
• Interfaces with IrDA 1.0 Compliant IR Transceivers
• Used in conjunction with Standard 16550 UART
• Transmits/Receives either 1.6
µs or 3/16 Pulse Mode
• Internal or External Clock Mode
• Programmable Baud Rate
• 2.7–5.5 V Operation
• 16 Pin SOIC Package
APPLICATIONS
• Interfaces with IR Transceivers in:
- Computer Applications:
PDAs
Dongle or other RS232 Adapter
- Telecom Application:
Modems
Fax Machines
Pagers
- Handheld Data Collection:
Industrial
Medical
Transportation
DESCRIPTION
The IRM7001 SIR-Encoder/Decoder is a CMOS modulator/
demodulator chip that is used to both encode and decode
information as per the IrDA® SIR (Serial InfraRed) signal mod-
ulation and demodulation scheme. This chip is designed to
work with Infineon IrDA compatible transceivers and all other
IrDA compatible transceivers. The chip contains a clock
divider circuit used to generate the 16X clock internally. This
makes it very suitable for microcontroller-based embedded
system design.
.393 (10.0)
.386 (9.8)
.244 (6.2)
.229 (5.8)
R x 45
°
7
°
A
B
9
8
16
1
T
.157 (4.0)
.150 (3.8)
.009 (.25)
.008 (.19)
.016 (.40)
.049 (1.25)
.050 (1.27) BSC
.014 (.35)
.019 (.49)
.004 (0.1)
.009 (.25)
.068 (1.75)
.054 (1.35)
Dimensions in inches (mm)
Notes:
1. Dimensions A and B are datums and T is a datum surface.
2. Dimensioning and tolerancing per ansi Y14.5M, 1982
3. Controlling dimension: millimeter.
4. Dimension A and B do not include mold protrusion.
5. Maximum mold protrusion 0.15 (0.005) per side.
SOIC Package


Similar Part No. - IRM7001

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
IRM-01 MEANWELL-IRM-01 Datasheet
103Kb / 4P
   UNIVERSAL AC INPUT/FULL RANGE
logo
DIWELL Electronics Co.,...
IRM-01 DIWELL-IRM-01 Datasheet
497Kb / 4P
   1w Output Switching series Power Supply
logo
Mean Well Enterprises C...
IRM-01-12 MEANWELL-IRM-01-12 Datasheet
103Kb / 4P
   UNIVERSAL AC INPUT/FULL RANGE
IRM-01-15 MEANWELL-IRM-01-15 Datasheet
103Kb / 4P
   UNIVERSAL AC INPUT/FULL RANGE
IRM-01-24 MEANWELL-IRM-01-24 Datasheet
103Kb / 4P
   UNIVERSAL AC INPUT/FULL RANGE
More results

Similar Description - IRM7001

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD630 AD-AD630 Datasheet
288Kb / 8P
   Balanced Modulator/Demodulator
REV. C
AD630 AD-AD630_15 Datasheet
519Kb / 13P
   Balanced Modulator/Demodulator
REV. E
logo
National Semiconductor ...
LM1596 NSC-LM1596 Datasheet
164Kb / 8P
   Balanced Modulator-Demodulator
logo
RF Micro Devices
RF2713 RFMD-RF2713_1 Datasheet
337Kb / 16P
   QUADRATURE MODULATOR/DEMODULATOR
logo
Analog Devices
AD630ARZ AD-AD630ARZ Datasheet
494Kb / 13P
   Balanced Modulator/Demodulator
REV. E
AD630ADZ AD-AD630ADZ Datasheet
488Kb / 13P
   Balanced Modulator/Demodulator
REV. E
logo
RF Micro Devices
RF2713 RFMD-RF2713 Datasheet
135Kb / 12P
   QUADRATURE MODULATOR/DEMODULATOR
RF2713 RFMD-RF2713_06 Datasheet
177Kb / 14P
   QUADRATURE MODULATOR/DEMODULATOR
logo
Analog Devices
AD630 AD-AD630_V01 Datasheet
570Kb / 20P
   Balanced Modulator/Demodulator
Rev. G
logo
Exar Corporation
XR-210 EXAR-XR-210 Datasheet
140Kb / 2P
   FSK MODULATOR / DEMODULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com