Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS4C8M16S Datasheet(PDF) 2 Page - Alliance Semiconductor Corporation

Part # AS4C8M16S
Description  Programmable Mode registers
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS4C8M16S Datasheet(HTML) 2 Page - Alliance Semiconductor Corporation

  AS4C8M16S Datasheet HTML 1Page - Alliance Semiconductor Corporation AS4C8M16S Datasheet HTML 2Page - Alliance Semiconductor Corporation AS4C8M16S Datasheet HTML 3Page - Alliance Semiconductor Corporation AS4C8M16S Datasheet HTML 4Page - Alliance Semiconductor Corporation AS4C8M16S Datasheet HTML 5Page - Alliance Semiconductor Corporation AS4C8M16S Datasheet HTML 6Page - Alliance Semiconductor Corporation AS4C8M16S Datasheet HTML 7Page - Alliance Semiconductor Corporation AS4C8M16S Datasheet HTML 8Page - Alliance Semiconductor Corporation AS4C8M16S Datasheet HTML 9Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 55 page
background image
AS4C8M16S
Confidential
2
Rev. 2
Feb. /2014
Figure 1.1 Pin Assignment (Top View)
1
54
VDD
VSS
2
53
DQ0
DQ15
3
52
VDDQ
VSSQ
4
51
DQ1
DQ14
5
50
DQ2
DQ13
6
49
VSSQ
VDDQ
7
48
DQ3
DQ12
8
47
DQ4
DQ11
9
46
VDDQ
VSSQ
10
45
DQ5
DQ10
11
44
DQ6
DQ9
12
43
VSSQ
VDDQ
13
42
DQ7
DQ8
14
41
VDD
VSS
15
40
LDQM
NC/RFU
16
39
WE#
UDQM
17
38
CAS#
CLK
18
37
RAS#
CKE
19
36
CS#
NC
20
35
BA0
A11
21
34
BA1
A9
22
33
A10/AP
A8
23
32
A0
A7
24
31
A1
A6
25
30
A2
A5
26
29
A3
A4
27
28
VDD
VSS
Figure 1.2 Ball Assignment (Top View)
1
2
7
8
A
B
C
D
E
F
G
H
J
3
VSS
DQ15
DQ14
DQ13
DQ12
DQ11
DQ10
DQ9
DQ8
NC
UDQM
CLK
NC
A11
A8
A7
VSS
A5
VSSQ
VDDQ
VSSQ
VDDQ
VSS
CKE
A9
A6
A4
VDDQ
DQ0
VSSQ
DQ2
VDDQ
DQ4
VSSQ
DQ6
VDD
LDQM
CAS#
RAS#
BA0
BA1
A0
A1
A3
A2
VDD
DQ1
DQ3
DQ5
DQ7
WE#
CS#
A10
VDD
9


Similar Part No. - AS4C8M16S

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS4C8M16SA ALSC-AS4C8M16SA Datasheet
1Mb / 54P
   Fully synchronous operation
AS4C8M16SA-6BAN ALSC-AS4C8M16SA-6BAN Datasheet
1Mb / 55P
   128M ??(8M x 16 bit) Synchronous DRAM (SDRAM)
AS4C8M16SA-6BAN ALSC-AS4C8M16SA-6BAN Datasheet
1Mb / 55P
   Auto Refresh and Self Refresh
AS4C8M16SA-6BIN ALSC-AS4C8M16SA-6BIN Datasheet
1Mb / 54P
   128M - 8M x 16 bit Synchronous DRAM (SDRAM)
AS4C8M16SA-6BIN ALSC-AS4C8M16SA-6BIN Datasheet
1Mb / 54P
   Fully synchronous operation
More results

Similar Description - AS4C8M16S

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS4C1M16S-CI ALSC-AS4C1M16S-CI Datasheet
1Mb / 54P
   Programmable Mode registers
AS4C16M16S ALSC-AS4C16M16S Datasheet
2Mb / 54P
   Programmable Mode registers
AS4C4M32S ALSC-AS4C4M32S Datasheet
1Mb / 46P
   Programmable Mode
logo
Siemens Semiconductor G...
HYB39S13620TQ- SIEMENS-HYB39S13620TQ- Datasheet
563Kb / 70P
   Special Mode Registers Two color registers Burst Read with Single Write Operation
logo
NXP Semiconductors
74F399 PHILIPS-74F399 Datasheet
88Kb / 10P
   Registers
1999 Jan 08
74F651A PHILIPS-74F651A Datasheet
168Kb / 14P
   Transceivers/registers
1999 Jun 23
logo
Fairchild Semiconductor
74F652 FAIRCHILD-74F652 Datasheet
71Kb / 8P
   Transceivers/Registers
logo
National Semiconductor ...
54F651SDM NSC-54F651SDM Datasheet
188Kb / 10P
   Transceivers/Registers
logo
Texas Instruments
SN54AHCT594 TI-SN54AHCT594_08 Datasheet
701Kb / 19P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH OUTPUT REGISTERS
logo
Fairchild Semiconductor
74F651 FAIRCHILD-74F651 Datasheet
73Kb / 8P
   Transceivers/Registers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com