Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS4C8M16SA-6TCN Datasheet(PDF) 11 Page - Alliance Semiconductor Corporation

Part # AS4C8M16SA-6TCN
Description  Fully synchronous operation
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS4C8M16SA-6TCN Datasheet(HTML) 11 Page - Alliance Semiconductor Corporation

Back Button AS4C8M16SA-6TCN Datasheet HTML 7Page - Alliance Semiconductor Corporation AS4C8M16SA-6TCN Datasheet HTML 8Page - Alliance Semiconductor Corporation AS4C8M16SA-6TCN Datasheet HTML 9Page - Alliance Semiconductor Corporation AS4C8M16SA-6TCN Datasheet HTML 10Page - Alliance Semiconductor Corporation AS4C8M16SA-6TCN Datasheet HTML 11Page - Alliance Semiconductor Corporation AS4C8M16SA-6TCN Datasheet HTML 12Page - Alliance Semiconductor Corporation AS4C8M16SA-6TCN Datasheet HTML 13Page - Alliance Semiconductor Corporation AS4C8M16SA-6TCN Datasheet HTML 14Page - Alliance Semiconductor Corporation AS4C8M16SA-6TCN Datasheet HTML 15Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 54 page
background image
AS4C8M16SA
Confidential
11
Rev. 2.2
Mar /2014
CLK
COMMAND
T0
T1
T2
T3
T4
T5
T6
NOP
WRITE A
READ B
NOP
NOP
NOP
NOP
NOP
T7
T8
NOP
CAS# Latency=2
tCK2, DQ
CAS# Latency=3
tCK3, DQ
DOUT B0
DOUT B1
DOUT B2
DOUT B3
DOUT B0
DOUT B1
DOUT B2
DOUT B3
DIN A0
don’t care
DIN A0
don’t care
don’t care
Input data must be removed from the DQ at
least one clock cycle before the Read data
appears on the outputs to avoid data contention
Figure 12. Write Interrupted by a Read (Burst Length = 4, CAS# Latency = 2, 3)
The BankPrecharge/PrechargeAll command that interrupts a write burst without the auto precharge
function should be issued m cycles after the clock edge in which the last data-in element is registered,
where m equals tWR/tCK rounded up to the next whole number. In addition, the DQM signals must be used
to mask input data, starting with the clock edge following the last data-in element and ending with the
clock edge on which the BankPrecharge/PrechargeAll command is entered (refer to the following figure).
CLK
COMMAND
T0
T1
T2
T3
T4
T5
T6
WRITE
NOP
NOP
Precharge
NOP
NOP
Activate
NOP
T7
DQM
Don’t Care
ADDRESS
Bank
Col n
Bank (s)
ROW
tRP
DIN
n
DIN
N+1
tWR
DQ
Note: The DQMs can remain low in this example if the length of the write burst is 1 or 2.
Figure 13. Write to Precharge
7
Write and AutoPrecharge command (RAS# = "H", CAS# = "L", WE# = "L", BAs = Bank, A10 = "H", A0-A8
= Column Address)
The Write and AutoPrecharge command performs the precharge operation automatically after the
write operation. Once this command is given, any subsequent command can not occur within a time delay
of {(burst length -1) + tWR + tRP (min.)}. At full-page burst, only the write operation is performed in this
command and the auto precharge function is ignored.


Similar Part No. - AS4C8M16SA-6TCN

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS4C8M16SA-6TCN ALSC-AS4C8M16SA-6TCN Datasheet
1Mb / 54P
   128M - 8M x 16 bit Synchronous DRAM (SDRAM)
More results

Similar Description - AS4C8M16SA-6TCN

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
1GB-AUTO-AS4C128M8D3 ALSC-1GB-AUTO-AS4C128M8D3 Datasheet
2Mb / 84P
   Fully synchronous operation
AS4C4M16D1 ALSC-AS4C4M16D1 Datasheet
1Mb / 52P
   Fully synchronous operation
AS4C4M16SA-CI ALSC-AS4C4M16SA-CI Datasheet
1Mb / 55P
   Fully synchronous operation
AS4C8M16D1 ALSC-AS4C8M16D1 Datasheet
1Mb / 64P
   Fully synchronous operation
AS4C256M16D3A-12BIN ALSC-AS4C256M16D3A-12BIN Datasheet
2Mb / 83P
   Fully synchronous operation
AS4C8M32S ALSC-AS4C8M32S Datasheet
1Mb / 55P
   Fully synchronous operation
AS4C8M32S-6TIN ALSC-AS4C8M32S-6TIN Datasheet
1Mb / 54P
   Fully synchronous operation
AS4C16M16D1 ALSC-AS4C16M16D1 Datasheet
1Mb / 67P
   Fully synchronous operation
AS4C16M16SA ALSC-AS4C16M16SA Datasheet
1Mb / 54P
   Fully synchronous operation
AS4C128M8D3A-12BIN ALSC-AS4C128M8D3A-12BIN Datasheet
1Mb / 84P
   Fully synchronous operation
AS4C64M16D1A-6TIN ALSC-AS4C64M16D1A-6TIN Datasheet
2Mb / 62P
   Fully synchronous operation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com