Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MDI1752TH Datasheet(PDF) 6 Page - MagnaChip Semiconductor.

Part # MDI1752TH
Description  N-Channel Trench MOSFET 40V, 50A, 8.0m(ohm)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MGCHIP [MagnaChip Semiconductor.]
Direct Link  http://www.magnachip.co.kr
Logo MGCHIP - MagnaChip Semiconductor.

MDI1752TH Datasheet(HTML) 6 Page - MagnaChip Semiconductor.

  MDI1752TH Datasheet HTML 1Page - MagnaChip Semiconductor. MDI1752TH Datasheet HTML 2Page - MagnaChip Semiconductor. MDI1752TH Datasheet HTML 3Page - MagnaChip Semiconductor. MDI1752TH Datasheet HTML 4Page - MagnaChip Semiconductor. MDI1752TH Datasheet HTML 5Page - MagnaChip Semiconductor. MDI1752TH Datasheet HTML 6Page - MagnaChip Semiconductor.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
June 2008. Version 1.0
MagnaChip Semiconductor Ltd
.
6
Worldwide Sales Support Locations
U.S.A
Sunnyvale Office
787 N. Mary Ave. Sunnyvale
CA 94085 U.S.A
Tel : 1-408-636-5200
Fax : 1-408-213-2450
E-Mail : americasales@magnachip.com
Chicago Office
2300 Barrington Road, Suite 330
Hoffman Estates, IL 60195 U.S.A
Tel : 1-847-882-0951
Fax :1-847-882-0998
U.K
Knyvett House The Causeway,
Staines Middx, TW18 3BA,U.K.
Tel : +44 (0) 1784-898-8000
Fax : +44 (0) 1784-895-115
E-Mail : europesales@magnachip.com
Japan
Tokyo Office
Shinbashi 2-chome MT bldg
4F 2-5-5 Shinbashi, Minato-ku
Tokyo, 105-0004 Japan
Tel : 81-3-3595-0632
Fax : 81-3-3595-0671
E-Mail : japansales@magnachip.com
Osaka Office
3F, Shin-Osaka MT-2 Bldg
3-5-36 Miyahara Yodogawa-Ku
Osaka, 532-0003 Japan
Tel : 81-6-6394-8224
Fax : 81-6-6394-8282
E-Mail : osakasales@magnachip.com
Taiwan R.O.C
2F, No.61, Chowize Street, Nei Hu
Taipei,114 Taiwan R.O.C
Tel : 886-2-2657-7898
Fax : 886-2-2657-8751
E-Mail : taiwansales@magnachip.com
China
Hong Kong Office
Office 03, 42/F, Office Tower Convention Plaza
1 Harbour Road, Wanchai, Hong Kong
Tel : 852-2828-9700
Fax : 852-2802-8183
E-Mail : chinasales@magnachip.com
Shenzhen Office
Room 1803, 18/F
International Chamber of Commerce Tower
Fuhua 3Road, Futian District
ShenZhen, China
Tel : 86-755-8831-5561
Fax : 86-755-8831-5565
Shanghai Office
Ste 1902, 1 Huaihai Rd. (C) 20021
Shanghai, China
Tel : 86-21-6373-5181
Fax : 86-21-6373-6640
Korea
891, Daechi-Dong, Kangnam-Gu
Seoul, 135-738 Korea
Tel : 82-2-6903-3451
Fax : 82-2-6903-3668 ~9
Email : koreasales@magnachip.com
DISCLAIMER:
The Products are not designed for use in hostile environments, including, without limitation, aircraft, nuclear power
generation, medical appliances, and devices or systems in which malfunction of any Product can reasonably be
expected to result in a personal injury. Seller’s customers using or selling Seller’s products for use in such
applications do so at their own risk and agree to fully defend and indemnify Seller.
MagnaChip reserves the right to change the specifications and circuitry without notice at any time. MagnaChip does not consider responsibility
for use of any circuitry other than circuitry entirely included in a MagnaChip product.
is a registered trademark of MagnaChip
Semiconductor Ltd.


Similar Part No. - MDI1752TH

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
MDI1752TH ISC-MDI1752TH Datasheet
363Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - MDI1752TH

ManufacturerPart #DatasheetDescription
logo
MagnaChip Semiconductor...
MDD1752 MGCHIP-MDD1752 Datasheet
1Mb / 7P
   N-Channel Trench MOSFET 40V, 50A, 8.0m(ohm)
MDF1752 MGCHIP-MDF1752 Datasheet
1Mb / 6P
   N-Channel Trench MOSFET 40V, 50A, 8.0m(ohm)
MDE1752 MGCHIP-MDE1752 Datasheet
671Kb / 6P
   N-Channel Trench MOSFET 40V, 66A, 8.0m(ohm)
MDD1754 MGCHIP-MDD1754 Datasheet
678Kb / 6P
   N-Channel Trench MOSFET, 40V, 20.5A, 27m(ohm)
MDS1754 MGCHIP-MDS1754 Datasheet
655Kb / 6P
   N-Channel Trench MOSFET, 40V, 7.6A, 29m(ohm)
MDD06N100 MGCHIP-MDD06N100 Datasheet
958Kb / 6P
   Single N-channel Trench MOSFET 60V, 50A, 10m(ohm)
MDP1723 MGCHIP-MDP1723 Datasheet
1Mb / 6P
   Single N-channel Trench MOSFET 40V, 120A, 2.3m(ohm)
MDU04N010 MGCHIP-MDU04N010 Datasheet
1Mb / 6P
   Single N-channel Trench MOSFET 40V, 100A, 1.0m(ohm)
MDU1721 MGCHIP-MDU1721 Datasheet
983Kb / 6P
   Single N-channel Trench MOSFET 40V, 100A, 1.4m(ohm)
MDU1722 MGCHIP-MDU1722 Datasheet
981Kb / 6P
   Single N-channel Trench MOSFET 40V, 100A, 2.2m(ohm)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com