Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MDIS3N40TH Datasheet(PDF) 5 Page - MagnaChip Semiconductor.

Part # MDIS3N40TH
Description  N-Channel MOSFET 400V, 2.0A, 3.4(ohm)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MGCHIP [MagnaChip Semiconductor.]
Direct Link  http://www.magnachip.co.kr
Logo MGCHIP - MagnaChip Semiconductor.

MDIS3N40TH Datasheet(HTML) 5 Page - MagnaChip Semiconductor.

  MDIS3N40TH Datasheet HTML 1Page - MagnaChip Semiconductor. MDIS3N40TH Datasheet HTML 2Page - MagnaChip Semiconductor. MDIS3N40TH Datasheet HTML 3Page - MagnaChip Semiconductor. MDIS3N40TH Datasheet HTML 4Page - MagnaChip Semiconductor. MDIS3N40TH Datasheet HTML 5Page - MagnaChip Semiconductor. MDIS3N40TH Datasheet HTML 6Page - MagnaChip Semiconductor.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Feb. 2014. Version 1.1
MagnaChip Semiconductor Ltd.
5
Physical Dimension
TO-251-VS (IPAK-VS)
Dimensions are in millimeters, unless otherwise specified


Similar Part No. - MDIS3N40TH

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
MDIS3N40TH ISC-MDIS3N40TH Datasheet
364Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - MDIS3N40TH

ManufacturerPart #DatasheetDescription
logo
MagnaChip Semiconductor...
MDD3N40 MGCHIP-MDD3N40 Datasheet
1Mb / 7P
   N-Channel MOSFET 400V, 2.0A, 3.4(ohm)
MDHT3N40 MGCHIP-MDHT3N40 Datasheet
1Mb / 6P
   N-Channel MOSFET 400V, 1.5A, 3.4(ohm)
MDIS5N40 MGCHIP-MDIS5N40 Datasheet
1Mb / 6P
   N-Channel MOSFET 400V, 3.4 A, 1.6(ohm)
MDX5N40 MGCHIP-MDX5N40 Datasheet
871Kb / 7P
   N-Channel MOSFET 400V, 3.4 A, 1.6(ohm)
logo
Intersil Corporation
IRF710 INTERSIL-IRF710 Datasheet
56Kb / 7P
   2.0A, 400V, 3.600 Ohm, N-Channel Power MOSFET
logo
MagnaChip Semiconductor...
MDI5N40 MGCHIP-MDI5N40 Datasheet
871Kb / 7P
   N-Channel MOSFET 400V, 3.4 A, 1.6ohm
MDD9N40 MGCHIP-MDD9N40 Datasheet
840Kb / 6P
   N-Channel MOSFET 400V, 6A, 0.85(ohm)
logo
Intersil Corporation
IRF614 INTERSIL-IRF614 Datasheet
45Kb / 7P
   2.0A, 250V, 2.0 Ohm, N-Channel Power MOSFET
IRF730 INTERSIL-IRF730 Datasheet
54Kb / 7P
   5.5A, 400V, 1.000 Ohm, N-Channel Power MOSFET
July 1999
logo
Unisonic Technologies
UF730 UTC-UF730 Datasheet
167Kb / 6P
   5.5A, 400V, 1.0 OHM, N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com