Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IXFM10N100 Datasheet(PDF) 2 Page - IXYS Corporation

Part # IXFM10N100
Description  HiPerFET Power MOSFETs
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXFM10N100 Datasheet(HTML) 2 Page - IXYS Corporation

  IXFM10N100 Datasheet HTML 1Page - IXYS Corporation IXFM10N100 Datasheet HTML 2Page - IXYS Corporation IXFM10N100 Datasheet HTML 3Page - IXYS Corporation IXFM10N100 Datasheet HTML 4Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2 - 4
© 2000 IXYS All rights reserved
TO-247 AD (IXFH) Outline
Dim. Millimeter
Inches
Min.
Max.
Min.
Max.
A
19.81 20.32
0.780 0.800
B
20.80 21.46
0.819 0.845
C
15.75 16.26
0.610 0.640
D
3.55
3.65
0.140 0.144
E
4.32
5.49
0.170 0.216
F
5.4
6.2
0.212 0.244
G
1.65
2.13
0.065 0.084
H
-
4.5
-
0.177
J
1.0
1.4
0.040 0.055
K
10.8
11.0
0.426 0.433
L
4.7
5.3
0.185 0.209
M
0.4
0.8
0.016 0.031
N
1.5
2.49
0.087 0.102
TO-204 AA (IXFM) Outline
Dim.
Millimeter
Inches
Min.
Max.
Min.
Max.
A
38.61 39.12
1.520 1.540
B
19.43 19.94
- 0.785
C
6.40
9.14
0.252 0.360
D
0.97
1.09
0.038 0.043
E
1.53
2.92
0.060 0.115
F
30.15
BSC
1.187
BSC
G
10.67 11.17
0.420 0.440
H
5.21
5.71
0.205 0.225
J
16.64 17.14
0.655 0.675
K
11.18 12.19
0.440 0.480
Q
3.84
4.19
0.151 0.165
R
25.16 25.90
0.991 1.020
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C, unless otherwise specified)
min.
typ.
max.
g
fs
V
DS
= 10 V; I
D = 0.5 • ID25, pulse test
6
10
S
C
iss
4000
pF
C
oss
V
GS
= 0 V, V
DS = 25 V, f = 1 MHz
310
pF
C
rss
70
pF
t
d(on)
21
50
ns
t
r
V
GS
= 10 V, V
DS = 0.5 • VDSS, ID = 0.5 • ID25
33
50
ns
t
d(off)
R
G = 2 W (External),
62
100
ns
t
f
32
50
ns
Q
g(on)
122
155
nC
Q
gs
V
GS
= 10 V, V
DS = 0.5 • VDSS, ID = 0.5 • ID25
30
45
nC
Q
gd
50
80
nC
R
thJC
0.42
K/W
R
thCK
0.25
K/W
Source-Drain Diode
Characteristic Values
(T
J = 25°C, unless otherwise specified)
Symbol
Test Conditions
min.
typ.
max.
I
S
V
GS = 0 V
10N100
10
A
12N100
12
A
13N100
12.5
A
I
SM
Repetitive;
10N100
40
A
pulse width limited by T
JM
12N100
48
A
13N100
50
A
V
SD
I
F = IS, VGS = 0 V,
1.5
V
Pulse test, t
£ 300 ms, duty cycle d £ 2 %
t
rr
T
J =25°C
250
ns
T
J = 125°C
400
ns
Q
RM
T
J =25°C1
mC
T
J = 125°C2
mC
I
RM
T
J =25°C10
A
T
J = 125°C15
A
I
F = IS
-di/dt = 100 A/
ms,
V
R = 100 V
IXFH 10N100
IXFH 12N100
IXFH 13N100
IXFM 10N100
IXFM 12N100
IXYS MOSFETS and IGBTs are covered by one or more of the following U.S. patents:
4,835,592
4,881,106
5,017,508
5,049,961
5,187,117
5,486,715
4,850,072
4,931,844
5,034,796
5,063,307
5,237,481
5,381,025


Similar Part No. - IXFM10N100

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXFM10N100 IXYS-IXFM10N100 Datasheet
295Kb / 8P
   HIPERFET Power MOSFTETs
logo
Inchange Semiconductor ...
IXFM10N100 ISC-IXFM10N100 Datasheet
316Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - IXFM10N100

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXFH21N50 IXYS-IXFH21N50 Datasheet
562Kb / 4P
   HiPerFET Power MOSFETs MOSFETs
IXFH10N90 IXYS-IXFH10N90 Datasheet
85Kb / 4P
   HiPerFET Power MOSFETs
IXFH36N55Q2 IXYS-IXFH36N55Q2 Datasheet
562Kb / 5P
   HiPerFET Power MOSFETs
IXFK25N90 IXYS-IXFK25N90 Datasheet
118Kb / 4P
   HiPerFET Power MOSFETs
IXFA3N80 IXYS-IXFA3N80 Datasheet
100Kb / 2P
   HiPerFET Power MOSFETs
IXFH88N20Q IXYS-IXFH88N20Q Datasheet
194Kb / 4P
   HiPerFET Power MOSFETs
IXFN20N120 IXYS-IXFN20N120 Datasheet
572Kb / 4P
   HiPerFET Power MOSFETs
IXFH7N80 IXYS-IXFH7N80 Datasheet
78Kb / 4P
   HiPerFET Power MOSFETs
IXFH13N50 IXYS-IXFH13N50 Datasheet
82Kb / 4P
   HiPerFET Power MOSFETs
IXFJ40N30 IXYS-IXFJ40N30 Datasheet
37Kb / 2P
   HiPerFET Power MOSFETs
IXFK27N80 IXYS-IXFK27N80 Datasheet
157Kb / 4P
   HiPerFET Power MOSFETs
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com