Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IXFM12N100 Datasheet(PDF) 3 Page - IXYS Corporation

Part # IXFM12N100
Description  HiPerFET Power MOSFETs
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXFM12N100 Datasheet(HTML) 3 Page - IXYS Corporation

  IXFM12N100 Datasheet HTML 1Page - IXYS Corporation IXFM12N100 Datasheet HTML 2Page - IXYS Corporation IXFM12N100 Datasheet HTML 3Page - IXYS Corporation IXFM12N100 Datasheet HTML 4Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3 - 4
© 2000 IXYS All rights reserved
IXFH 10N100
IXFH 12N100
IXFH 13N100
IXFM 10N100
IXFM 12N100
Fig. 1 Output Characteristics
Fig. 2 Input Admittance
Fig. 5 Drain Current vs.
Fig. 6 Temperature Dependence of
Case Temperature
Breakdown and Threshold Voltage
Fig. 3
R
DS(on) vs. Drain Current
Fig. 4
Temperature Dependence
of Drain to Source Resistance
T
J - Degrees C
-50
-25
0
25
50
75
100 125 150
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
BV
DSS
V
GS(th)
T
C - Degrees C
-50
-25
0
25
50
75
100 125 150
0
2
4
6
8
10
12
14
16
18
20
10N100
T
J - Degrees C
-50
-25
0
25
50
75
100 125 150
0.50
0.75
1.00
1.25
1.50
1.75
2.00
2.25
2.50
I
D - Amperes
0
5
10
15
20
25
0.9
1.0
1.1
1.2
1.3
1.4
1.5
V
GS = 10V
V
GS - Volts
0
123
456
789
10
0
2
4
6
8
10
12
14
16
18
20
V
DS - Volts
0
5
10
15
20
0
2
4
6
8
10
12
14
16
18
20
6V
7V
V
GS = 10V
12N100
I
D = 6A
V
GS = 15V
5V
T
J = 25°C
T
J = 25°C
T
J = 25°C


Similar Part No. - IXFM12N100

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXFM12N100 IXYS-IXFM12N100 Datasheet
295Kb / 8P
   HIPERFET Power MOSFTETs
logo
Inchange Semiconductor ...
IXFM12N100 ISC-IXFM12N100 Datasheet
317Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - IXFM12N100

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXFH21N50 IXYS-IXFH21N50 Datasheet
562Kb / 4P
   HiPerFET Power MOSFETs MOSFETs
IXFH10N90 IXYS-IXFH10N90 Datasheet
85Kb / 4P
   HiPerFET Power MOSFETs
IXFH36N55Q2 IXYS-IXFH36N55Q2 Datasheet
562Kb / 5P
   HiPerFET Power MOSFETs
IXFK25N90 IXYS-IXFK25N90 Datasheet
118Kb / 4P
   HiPerFET Power MOSFETs
IXFA3N80 IXYS-IXFA3N80 Datasheet
100Kb / 2P
   HiPerFET Power MOSFETs
IXFH88N20Q IXYS-IXFH88N20Q Datasheet
194Kb / 4P
   HiPerFET Power MOSFETs
IXFN20N120 IXYS-IXFN20N120 Datasheet
572Kb / 4P
   HiPerFET Power MOSFETs
IXFH7N80 IXYS-IXFH7N80 Datasheet
78Kb / 4P
   HiPerFET Power MOSFETs
IXFH13N50 IXYS-IXFH13N50 Datasheet
82Kb / 4P
   HiPerFET Power MOSFETs
IXFJ40N30 IXYS-IXFJ40N30 Datasheet
37Kb / 2P
   HiPerFET Power MOSFETs
IXFK27N80 IXYS-IXFK27N80 Datasheet
157Kb / 4P
   HiPerFET Power MOSFETs
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com