Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPL7407LA Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TPL7407LA
Description  30-V 7-Channel Low Side Driver
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPL7407LA Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPL7407LA Datasheet HTML 4Page - Texas Instruments TPL7407LA Datasheet HTML 5Page - Texas Instruments TPL7407LA Datasheet HTML 6Page - Texas Instruments TPL7407LA Datasheet HTML 7Page - Texas Instruments TPL7407LA Datasheet HTML 8Page - Texas Instruments TPL7407LA Datasheet HTML 9Page - Texas Instruments TPL7407LA Datasheet HTML 10Page - Texas Instruments TPL7407LA Datasheet HTML 11Page - Texas Instruments TPL7407LA Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
8
TPL7407LA
SLRS073 – MAY 2017
www.ti.com
Product Folder Links: TPL7407LA
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Device Functional Modes (continued)
7.4.3 ON State Input Current
The current into the INx pins is defined in the electrical characteristics table for input voltages from 1.5 V to 5 V.
At higher voltages, this leakage increases, and the input current can be estimated using the approximate clamp
voltage for the OVP diode, 6.4 V. Equation 1 shows how to approximate input current for input voltages greater
than 6.4 V:
IIN(ON) = VIN / 1MΩ + (VIN - 6.4V) / 50kΩ
where
VIN is the input voltage
1 MΩ is the input pull-down resistance
50 kΩ is the input series resistance
6.8 V is the approximate clamp voltage for the OVP diode
(1)


Similar Part No. - TPL7407LA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPL7407LA TI1-TPL7407LA Datasheet
1Mb / 25P
[Old version datasheet]   30-V 7-Channel Low Side Driver
TPL7407LA TI1-TPL7407LA Datasheet
478Kb / 21P
[Old version datasheet]   30-V 7-Channel Low Side Driver
TPL7407LA-Q1 TI1-TPL7407LA-Q1 Datasheet
478Kb / 21P
[Old version datasheet]   30-V 7-Channel Low Side Driver
TPL7407LAD TI1-TPL7407LAD Datasheet
1Mb / 25P
[Old version datasheet]   30-V 7-Channel Low Side Driver
TPL7407LADR TI1-TPL7407LADR Datasheet
1Mb / 25P
[Old version datasheet]   30-V 7-Channel Low Side Driver
More results

Similar Description - TPL7407LA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPL7407LA-Q1 TI1-TPL7407LA-Q1 Datasheet
478Kb / 21P
[Old version datasheet]   30-V 7-Channel Low Side Driver
TPL7407LA TI1-TPL7407LA_18 Datasheet
1Mb / 25P
[Old version datasheet]   30-V 7-Channel Low Side Driver
TPL7407L TI-TPL7407L_15 Datasheet
844Kb / 23P
[Old version datasheet]   TPL7407L 40-V 7-Channel Low Side Driver
TPL7407L TI1-TPL7407L_16 Datasheet
919Kb / 23P
[Old version datasheet]   TPL7407L 40-V 7-Channel Low Side Driver
UCC27624 TI-UCC27624 Datasheet
2Mb / 31P
[Old version datasheet]   UCC27624 Dual Channel 30-V, 5-A High-Speed Low-Side Gate Driver
AUGUST 2021
UCC27614 TI-UCC27614_V01 Datasheet
3Mb / 39P
[Old version datasheet]   UCC27614 30-V, 10-A Single Channel Low Side Gate Driver with ??0-V Input Capability
JANUARY 2022
UCC27614 TI-UCC27614 Datasheet
2Mb / 36P
[Old version datasheet]   UCC27614 30-V, 10-A Single Channel Low Side Gate Driver with ??0-V Input Capability
NOVEMBER 2021
UCC27624 TI-UCC27624_V01 Datasheet
2Mb / 33P
[Old version datasheet]   UCC27624 30-V, 5-A Dual-Channel Low-Side Gate Driver with ??0-V Input Capability
DECEMBER 2021
UCC27624 TI-UCC27624_V02 Datasheet
3Mb / 37P
[Old version datasheet]   UCC27624 30-V, 5-A Dual-Channel Low-Side Gate Driver with –10-V Input Capability
REVISED DECEMBER 2021
logo
IXYS Corporation
IXRFD630 IXYS-IXRFD630 Datasheet
255Kb / 8P
   30 A Low-Side RF MOSFET Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com