Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS543B20 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TPS543B20
Description  4 Vin to 19 Vin, 25-A Stackable, Synchronous Step-down SWIFT Converter with Adaptive Internal Compensation
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS543B20 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS543B20 Datasheet HTML 4Page - Texas Instruments TPS543B20 Datasheet HTML 5Page - Texas Instruments TPS543B20 Datasheet HTML 6Page - Texas Instruments TPS543B20 Datasheet HTML 7Page - Texas Instruments TPS543B20 Datasheet HTML 8Page - Texas Instruments TPS543B20 Datasheet HTML 9Page - Texas Instruments TPS543B20 Datasheet HTML 10Page - Texas Instruments TPS543B20 Datasheet HTML 11Page - Texas Instruments TPS543B20 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 33 page
background image
8
TPS543B20
SLUSCR1 – MAY 2017
www.ti.com
Product Folder Links: TPS543B20
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Electrical Characteristics (continued)
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SOFT START
tSS
Soft-Start time
VO rising from 0 V
to 95% of final set
point
RSS = 0 kΩ
0.5
ms
RSS = 8.66 kΩ
1
RSS = 15.4 kΩ
2
RSS = Open
4
RSS = 23.7 kΩ
5
RSS = 34.8 kΩ
8
RSS = 51.1 kΩ
12
RSS = 78.7 kΩ
16
RSS = 121 kΩ
24
RSS = 187 kΩ
32
POWER ON DELAY
tPODLY
Power-on delay time
Delay from enable to switching
512
µs
PGOOD COMPARATOR
VPG(thresh)
OV warning threshold on RSP
pin, PGOOD fault threshold on
rising
VREF=600 mV
108
112
116
%VREF
UV warning threshold on RSP
pin, PGOOD fault threshold on
falling
VREF=600 mV
84
88
92
VPGD(rise)
PGOOD threshold on rising and
UV warning threshold de-
assertion threshold at RSP pin
VREF=600 mV
95
%VREF
VPGD(fall)
PGOOD threshold on falling and
OV warning threshold de-
assertion threshold at RSP pin
VREF=600 mV
105
%VREF
RPGD
PGOOD pulldown resistance
IPGOOD = 5 mA, VRSP=0V
30
45
60
Ω
tPGDLY
PGOOD delay time
Delay for PGOOD going in
1.024
ms
Delay for PGOOD coming out
2
µs
VPGD(OL)
PGOOD output low level voltage
at no supply voltage
VDD=0, IPGOOD = 80 µA
0.8
V
IPGLK
PGOOD leakage current
VPGOOD = 5.0 V
15
µA


Similar Part No. - TPS543B20

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS543B22 TI-TPS543B22 Datasheet
779Kb / 8P
[Old version datasheet]   TPS543B22 4-V to 18-V Input, 20-A Synchronous SWIFT™ Step-Down Converter with Internally Compensated Advanced Current Mode Control
AUGUST 2022
TPS543B22RYSR TI-TPS543B22RYSR Datasheet
779Kb / 8P
[Old version datasheet]   TPS543B22 4-V to 18-V Input, 20-A Synchronous SWIFT™ Step-Down Converter with Internally Compensated Advanced Current Mode Control
AUGUST 2022
TPS543B25 TI-TPS543B25 Datasheet
1Mb / 43P
[Old version datasheet]   TPS543B25 4-V to 18-V Input, 25-A, Synchronous, SWIFT™ Step-Down Converter with Internally Compensated, Advanced, Current Mode Control
MAY 2023
TPS543B25RYSR TI-TPS543B25RYSR Datasheet
1Mb / 43P
[Old version datasheet]   TPS543B25 4-V to 18-V Input, 25-A, Synchronous, SWIFT™ Step-Down Converter with Internally Compensated, Advanced, Current Mode Control
MAY 2023
TPS543B25T TI-TPS543B25T Datasheet
2Mb / 43P
[Old version datasheet]   TPS543B25T 4-V to 18-V Input, 25-A, Synchronous, SWIFT™ Step-Down Converter With Internally Compensated, Advanced Current Mode Control in Thermally Enhanced Package
JUNE 2023
More results

Similar Description - TPS543B20

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS543C20 TI1-TPS543C20 Datasheet
7Mb / 48P
[Old version datasheet]   4 Vin to 16 Vin, 40-A Stackable, Synchronous Step-down SWIFT Converter with Adaptive Internal Compensation
TPS543C20A TI1-TPS543C20A Datasheet
5Mb / 44P
[Old version datasheet]   4-VIN to 16-VIN, 40-A Stackable, Synchronous Step-Down SWIFT Converter With Adaptive Internal Compensation
TPS54J060 TI-TPS54J060 Datasheet
2Mb / 37P
[Old version datasheet]   TPS54J060 4-VIN to 16-VIN, 6-A, Synchronous Step-Down Converter with D-CAP3??Control and 0.9-V Reference
TPS54J061 TI-TPS54J061 Datasheet
2Mb / 38P
[Old version datasheet]   TPS54J061 4-VIN to 16-VIN, 6-A, Synchronous Step-Down Converter with D-CAP3??Control and 0.6-V Reference
TPS548B22 TI1-TPS548B22 Datasheet
4Mb / 45P
[Old version datasheet]   1.5-V to 18-V VIN, 4.5-V to 22-V VDD, 25-A SWIFT Synchronous Step-Down Converter with Full Differential Sense
TPS541620 TI-TPS541620 Datasheet
4Mb / 53P
[Old version datasheet]   TPS541620 4.5-V to 15-V, Dual 6-A / Single 12-A, Synchronous Step-Down SWIFT??Converter With Internal Compensation
TPS548A20 TI1-TPS548A20 Datasheet
1Mb / 36P
[Old version datasheet]   15-A Synchronous Step-Down SWIFT Converter
TPS549B22 TI1-TPS549B22 Datasheet
5Mb / 68P
[Old version datasheet]   1.5-V to 18-V VIN, 4.5-V to 22-V VDD, 25-A SWIFT Synchronous Step-Down Converter With Full Differential Sense and PMBus
TPS50601-DIE TI1-TPS50601-DIE Datasheet
198Kb / 7P
[Old version datasheet]   6-A Synchronous Step Down SWIFT Converter
logo
Maxim Integrated Produc...
MAX17504 MAXIM-MAX17504 Datasheet
1Mb / 18P
   Step-Down DC-DC Converter with Internal Compensation
Rev 1; 2/14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com