Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS2547 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2547
Description  USB Charging Port Controller and 3-Amp Power Switch With Load Detection
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2547 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS2547 Datasheet HTML 4Page - Texas Instruments TPS2547 Datasheet HTML 5Page - Texas Instruments TPS2547 Datasheet HTML 6Page - Texas Instruments TPS2547 Datasheet HTML 7Page - Texas Instruments TPS2547 Datasheet HTML 8Page - Texas Instruments TPS2547 Datasheet HTML 9Page - Texas Instruments TPS2547 Datasheet HTML 10Page - Texas Instruments TPS2547 Datasheet HTML 11Page - Texas Instruments TPS2547 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 42 page
background image
8
TPS2547
SLVSE11A – MAY 2017 – REVISED MAY 2017
www.ti.com
Product Folder Links: TPS2547
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Electrical Characteristics: Charging Controller (continued)
Unless otherwise noted: –40
≤ TJ ≤ 125°C, 4.5 V ≤ VIN ≤ 5.5 V, VEN = VIN, VILIM_SEL = VIN, VCTL1 = 0 V, VCTL2 = VCTL3 = VIN.
RFAULT = RSTATUS = 10 kΩ, RILIM_HI = 20 kΩ, RILIM_LO = 80.6 kΩ. Positive currents are into pins. Typical values are at 25°C. All
voltages are with respect to GND.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
LOAD DETECT – POWER WAKE
IOS_PW
Power wake short-circuit current limit
VCTL1 = VCTL2 = 0 V, VCTL3 = VIN
32
55
78
mA
IOUT falling power wake reset current
detection threshold
23
45
67
mA
Reset current hysteresis(1)
5
mA
Power wake reset time
10.7
15
20.6
s


Similar Part No. - TPS2547

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2540 TI-TPS2540 Datasheet
1,021Kb / 37P
[Old version datasheet]   USB Charging Port Power Switch and Controller
TPS2540 TI-TPS2540 Datasheet
1Mb / 40P
[Old version datasheet]   USB Charging Port Power Switch and Controller
TPS2540A TI-TPS2540A Datasheet
1Mb / 40P
[Old version datasheet]   USB Charging Port Power Switch and Controller
TPS2540ARTER TI-TPS2540ARTER Datasheet
1Mb / 40P
[Old version datasheet]   USB Charging Port Power Switch and Controller
TPS2540ARTET TI-TPS2540ARTET Datasheet
1Mb / 40P
[Old version datasheet]   USB Charging Port Power Switch and Controller
More results

Similar Description - TPS2547

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2546-Q1 TI1-TPS2546-Q1 Datasheet
1Mb / 43P
[Old version datasheet]   USB-Charging Port Controller and Power Switch With Load Detection
TPS2543 TI1-TPS2543 Datasheet
1Mb / 34P
[Old version datasheet]   USB Charging Port Controller and Power Switch with Load Detection
TPS2543-Q1 TI1-TPS2543-Q1 Datasheet
1Mb / 41P
[Old version datasheet]   USB Charging Port Controller and Power Switch with Load Detection
TPS2546 TI-TPS2546 Datasheet
1Mb / 40P
[Old version datasheet]   USB Charging Port Controller and Power Switch with Load Detection
logo
Pericom Semiconductor C...
PI5USB2544A PERICOM-PI5USB2544A Datasheet
905Kb / 31P
   USB Charging Port Controller and Load Detection Power Switch
PI5USB2549 PERICOM-PI5USB2549 Datasheet
334Kb / 13P
   USB Charging Port Controller and Load Detection Power Switch
logo
Diodes Incorporated
PI5USB2546AQ DIODES-PI5USB2546AQ Datasheet
1Mb / 30P
   USB Charging Port Controller and Load Detection Power Switch
July 2018
PI5USB2546Q DIODES-PI5USB2546Q Datasheet
1Mb / 29P
   USB Charging Port Controller and Load Detection Power Switch
09/24/15
PI5USB2546A DIODES-PI5USB2546A Datasheet
1Mb / 30P
   USB Charging Port Controller and Load Detection Power Switch
July 2018 Rev 1-2
PI5USB2546J DIODES-PI5USB2546J Datasheet
1Mb / 31P
   USB Charging Port Controller and Load Detection Power Switch
November 2020 Rev 1-2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com