Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS22971YZPR Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TPS22971YZPR
Description  3.6-V, 3-A, 7.5-m(ohm) On-Resistance Load Switch With Adjustable Fast Turnon and Power Good
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS22971YZPR Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS22971YZPR Datasheet HTML 6Page - Texas Instruments TPS22971YZPR Datasheet HTML 7Page - Texas Instruments TPS22971YZPR Datasheet HTML 8Page - Texas Instruments TPS22971YZPR Datasheet HTML 9Page - Texas Instruments TPS22971YZPR Datasheet HTML 10Page - Texas Instruments TPS22971YZPR Datasheet HTML 11Page - Texas Instruments TPS22971YZPR Datasheet HTML 12Page - Texas Instruments TPS22971YZPR Datasheet HTML 13Page - Texas Instruments TPS22971YZPR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
VIN
VIN
CT
ON
VOUT
VOUT
PG
GND
TPS22971
Power Supply
CIN
CT
PG
RPU
CL
RL
ON
OFF
Copyright © 2017, Texas Instruments Incorporated
VIN
VIN
CT
ON
VOUT
VOUT
PG
GND
TPS22971
Power Supply
CIN
CT
VIN
RPU
MCU
VIN
VIN
CT
ON
VOUT
VOUT
PG
GND
TPS22971
Power Supply
CIN
CT
VIN
RPU
Load 1
Load 2
Copyright © 2017, Texas Instruments Incorporated
10
TPS22971
SLVSDK7 – APRIL 2017
www.ti.com
Product Folder Links: TPS22971
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Application Information (continued)
Figure 3. Power Sequencing
9.2 Typical Application
Figure 4. Typical Application Circuit
9.2.1 Design Requirements
For this design example, below, use the input parameters shown in Table 2.


Similar Part No. - TPS22971YZPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS22970 TI1-TPS22970 Datasheet
856Kb / 22P
[Old version datasheet]   3.6-V, 4-A, 5.3-m(ohm) On-Resistance Load Switch
TPS22970YZPR TI1-TPS22970YZPR Datasheet
856Kb / 22P
[Old version datasheet]   3.6-V, 4-A, 5.3-m(ohm) On-Resistance Load Switch
TPS22970YZPT TI1-TPS22970YZPT Datasheet
856Kb / 22P
[Old version datasheet]   3.6-V, 4-A, 5.3-m(ohm) On-Resistance Load Switch
TPS22975 TI1-TPS22975 Datasheet
1Mb / 28P
[Old version datasheet]   5.7-V, 6-A, 16-m廓 On-Resistance Load Switch
TPS22975DSGR TI1-TPS22975DSGR Datasheet
1Mb / 28P
[Old version datasheet]   5.7-V, 6-A, 16-m廓 On-Resistance Load Switch
More results

Similar Description - TPS22971YZPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS22970 TI1-TPS22970 Datasheet
856Kb / 22P
[Old version datasheet]   3.6-V, 4-A, 5.3-m(ohm) On-Resistance Load Switch
TPS22925 TI1-TPS22925 Datasheet
629Kb / 25P
[Old version datasheet]   3.6-V, 3-A, 9Ohm On-Resistance Load Switch
TPS22959 TI1-TPS22959 Datasheet
7Mb / 29P
[Old version datasheet]   5.5-V, 15-A, 4.4-m(ohm) On-Resistance Load Switch
TPS22962 TI1-TPS22962 Datasheet
7Mb / 29P
[Old version datasheet]   5.5-V, 10-A, 4.4-m(ohm) On-Resistance Load Switch
TPS22918 TI1-TPS22918_16 Datasheet
1Mb / 30P
[Old version datasheet]   5.5-V, 2-A, 52-m(ohm) On-Resistance Load Switch
TPS22954 TI1-TPS22954 Datasheet
1Mb / 46P
[Old version datasheet]   5.7 V, 5 A, 14 m(ohm) On-Resistance Load Switch
TPS22918-Q1 TI1-TPS22918-Q1 Datasheet
1Mb / 30P
[Old version datasheet]   5.5-V, 2-A, 52-m(ohm) On-Resistance Load Switch
TPS22914B TI1-TPS22914B Datasheet
1Mb / 26P
[Old version datasheet]   5.5-V, 2-A, 37m(ohm) On-Resistance Load Switch
TPS22976 TI1-TPS22976 Datasheet
1Mb / 32P
[Old version datasheet]   5.7-V, 6-A, 14-m(ohm) On-Resistance Dual-Channel Load Switch
TPS22999 TI1-TPS22999_V01 Datasheet
877Kb / 27P
[Old version datasheet]   TPS22999 4.5-V, 1.5-A, 7.5-mΩ On-Resistance Fast Turn-On Load Switch With Regulated Inrush Current
REVISED NOVEMBER 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com