Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS4C32M16D1A-5TCN Datasheet(PDF) 9 Page - Alliance Semiconductor Corporation

Part # AS4C32M16D1A-5TCN
Description  Internal pipeline architecture
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS4C32M16D1A-5TCN Datasheet(HTML) 9 Page - Alliance Semiconductor Corporation

Back Button AS4C32M16D1A-5TCN Datasheet HTML 5Page - Alliance Semiconductor Corporation AS4C32M16D1A-5TCN Datasheet HTML 6Page - Alliance Semiconductor Corporation AS4C32M16D1A-5TCN Datasheet HTML 7Page - Alliance Semiconductor Corporation AS4C32M16D1A-5TCN Datasheet HTML 8Page - Alliance Semiconductor Corporation AS4C32M16D1A-5TCN Datasheet HTML 9Page - Alliance Semiconductor Corporation AS4C32M16D1A-5TCN Datasheet HTML 10Page - Alliance Semiconductor Corporation AS4C32M16D1A-5TCN Datasheet HTML 11Page - Alliance Semiconductor Corporation AS4C32M16D1A-5TCN Datasheet HTML 12Page - Alliance Semiconductor Corporation AS4C32M16D1A-5TCN Datasheet HTML 13Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 64 page
background image
AS4C32M16D1A-C&I
4
Rev. 1.0
Mar. /2015
Mode Register Set (MRS)
The Mode Register stores the data for controlling various operating modes of a DDR SDRAM. It programs CAS
Latency, Burst Type, and Burst Length to make the DDR SDRAM useful for a variety of applications. The default value
of the Mode Register is not defined; therefore the Mode Register must be written by the user. Values stored in the
register will be retained until the register is reprogrammed. The Mode Register is written by asserting Low on CS ,
RAS , CAS , WE , BA1 and BA0 (the device should have all banks idle with no bursts in progress prior to writing into
the mode register, and CKE should be High). The state of address pins A0~A12 and BA0, BA1 in the same cycle in
which CS , RAS , CAS and WE are asserted Low is written into the Mode Register. A minimum of two clock cycles,
tMRD, are required to complete the write operation in the Mode Register. The Mode Register is divided into various
fields depending on functionality. The Burst Length uses A0~A2, Burst Type uses A3, and CAS Latency (read latency
from column address) uses A4~A6. A logic 0 should be programmed to all the undefined addresses to ensure future
compatibility. Reserved states should not be used to avoid unknown device operation or incompatibility with future
versions. Refer to the table for specific codes for various burst lengths, burst types and CAS latencies.
Table 4. Mode Register Bitmap
BA1 BA0
A12
A11
A10
A9
A8
A7
A6
A5
A4
A3
A2
A1
A0
Address Field
0
0
RFU must be set to
“0”
T.M.
CAS Latency
BT
Burst Length
Mode Register
A8 A7
Test Mode
A6 A5 A4 CAS Latency
A3 Burst Type
A2 A1 A0 Burst Length
0
0
Normal mode
0
0
0
Reserved
0
Sequential
0
0
0
Reserved
1
0
DLL Reset
0
0
1
Reserved
1
Interleave
0
0
1
2
X
1
Test mode
0
1
0
2
0
1
0
4
0
1
1
3
0
1
1
8
BA0
Mode
1
0
0
Reserved
1
0
0
Reserved
0
MRS
1
0
1
Reserved
1
0
1
Reserved
1
EMRS
1
1
0
2.5
1
1
0
Reserved
1
1
1
Reserved
1
1
1
Reserved
 Burst Length Field (A2~A0)
This field specifies the data length of column access using the A2~A0 pins and selects the Burst Length to be 2, 4, 8.
Table 5. Burst Length
A2
A1
A0
Burst Length
0
0
0
Reserved
0
0
1
2
0
1
0
4
0
1
1
8
1
0
0
Reserved
1
0
1
Reserved
1
1
0
Reserved
1
1
1
Reserved


Similar Part No. - AS4C32M16D1A-5TCN

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS4C32M16D1A ALSC-AS4C32M16D1A Datasheet
1Mb / 64P
   32M x 16 bit DDR Synchronous DRAM
More results

Similar Description - AS4C32M16D1A-5TCN

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
128M-DDR1-AS4C8M16D1 ALSC-128M-DDR1-AS4C8M16D1 Datasheet
4Mb / 66P
   Internal pipeline architecture
4MX16-DDR1-AS4C4M16D1A ALSC-4MX16-DDR1-AS4C4M16D1A Datasheet
1Mb / 54P
   Internal pipeline architecture
logo
Cypress Semiconductor
MB91460H CYPRESS-MB91460H Datasheet
9Mb / 105P
   32-bit RISC, load/store architecture, five-stage pipeline
MB91F465KA CYPRESS-MB91F465KA Datasheet
2Mb / 86P
   32-bit RISC, load/store architecture, five-stage pipeline
MB91550 CYPRESS-MB91550 Datasheet
1Mb / 104P
   32-bit RISC, load/store architecture, 5-stage pipeline
MB9146D CYPRESS-MB9146D Datasheet
12Mb / 137P
   32-bit RISC, load/store architecture, five-stage pipeline
MB91460Q CYPRESS-MB91460Q Datasheet
14Mb / 153P
   32-bit RISC, load/store architecture, five-stage pipeline
MB91460T CYPRESS-MB91460T Datasheet
12Mb / 137P
   32-bit RISC, load/store architecture, five-stage pipeline
MB91570 CYPRESS-MB91570 Datasheet
3Mb / 163P
   32-bit RISC, load/store architecture, 5-stage pipeline
logo
Elite Semiconductor Mem...
M53D128168A-2E ESMT-M53D128168A-2E Datasheet
1Mb / 47P
   Internal pipelined double-data-rate architecture, two data
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com