Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS4C32M16MD1 Datasheet(PDF) 4 Page - Alliance Semiconductor Corporation

Part # AS4C32M16MD1
Description  Four internal banks for concurrent operation
Download  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS4C32M16MD1 Datasheet(HTML) 4 Page - Alliance Semiconductor Corporation

  AS4C32M16MD1 Datasheet HTML 1Page - Alliance Semiconductor Corporation AS4C32M16MD1 Datasheet HTML 2Page - Alliance Semiconductor Corporation AS4C32M16MD1 Datasheet HTML 3Page - Alliance Semiconductor Corporation AS4C32M16MD1 Datasheet HTML 4Page - Alliance Semiconductor Corporation AS4C32M16MD1 Datasheet HTML 5Page - Alliance Semiconductor Corporation AS4C32M16MD1 Datasheet HTML 6Page - Alliance Semiconductor Corporation AS4C32M16MD1 Datasheet HTML 7Page - Alliance Semiconductor Corporation AS4C32M16MD1 Datasheet HTML 8Page - Alliance Semiconductor Corporation AS4C32M16MD1 Datasheet HTML 9Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 75 page
background image
AS4C32M16MD1
Confidential
4
Rev. 2.0/February 2014
2. GENERAL DESCRIPTION
This device is 536,870,912 bits of double data rate synchronous DRAM organized as 4 banks of
8,388,608 words by 16 bits. The synchronous operation with Data Strobe allows extremely high
performance.
JSC is applied to reduce leakage and refresh currents while achieving very high speed.
I/O transactions are possible on both edges of the clock. The ranges of operating frequencies,
programmable burst length and programmable latencies allow the device to be useful for a variety of
high performance memory system applications.
Table 1. Speed Grade Information
Speed Grade – Data rate Clock Frequency
CAS Latency
tRCD (ns)
tRP (ns)
400Mbps (max)
200 MHz (max)
3
15
15
Table 2 – Ordering Information for ROHS Compliant Products
Product part No
Org
Temperature
Max Clock (MHz)
Package
AS4C32M16MD1-5BCN
32 x 16
-30°C to 85°C
200
60-ball FBGA


Similar Part No. - AS4C32M16MD1

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS4C32M16MD1A ALSC-AS4C32M16MD1A Datasheet
2Mb / 53P
   60 ball FBGA PACKAGE
AS4C32M16MD1A-5BCN ALSC-AS4C32M16MD1A-5BCN Datasheet
2Mb / 53P
   60 ball FBGA PACKAGE
More results

Similar Description - AS4C32M16MD1

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS43LD16160A ISSI-IS43LD16160A Datasheet
6Mb / 143P
   Four internal banks for concurrent operation
IS43LR32400G ISSI-IS43LR32400G Datasheet
1Mb / 43P
   Four internal banks for concurrent operation
IS43R16400B ISSI-IS43R16400B Datasheet
4Mb / 57P
   Four internal banks for concurrent operation
IS43LR16640A ISSI-IS43LR16640A Datasheet
1Mb / 43P
   Four internal banks for concurrent operation
IS43R32400D ISSI-IS43R32400D Datasheet
1Mb / 57P
   Four internal banks for concurrent operation
logo
Alliance Semiconductor ...
AS4C16M32MD1 ALSC-AS4C16M32MD1 Datasheet
2Mb / 58P
   Four internal banks for concurrent operation
logo
Integrated Silicon Solu...
IS43LR16400C ISSI-IS43LR16400C Datasheet
1Mb / 43P
   Four internal banks for concurrent operation
logo
Alliance Semiconductor ...
1GB-DDR3L-AS4C128M8D3L ALSC-1GB-DDR3L-AS4C128M8D3L Datasheet
3Mb / 88P
   internal banks for concurrent operation
AS4C256M16D3B-12BCN ALSC-AS4C256M16D3B-12BCN Datasheet
2Mb / 41P
   Eight internal banks for concurrent operation
2GB-AUTO-AS4C256M8D3 ALSC-2GB-AUTO-AS4C256M8D3 Datasheet
2Mb / 82P
   8 internal banks for concurrent operation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com