Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS4C32M16MS-7BCN Datasheet(PDF) 2 Page - Alliance Semiconductor Corporation

Part # AS4C32M16MS-7BCN
Description  Multiple Burst Read with Single Write Operation
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS4C32M16MS-7BCN Datasheet(HTML) 2 Page - Alliance Semiconductor Corporation

  AS4C32M16MS-7BCN Datasheet HTML 1Page - Alliance Semiconductor Corporation AS4C32M16MS-7BCN Datasheet HTML 2Page - Alliance Semiconductor Corporation AS4C32M16MS-7BCN Datasheet HTML 3Page - Alliance Semiconductor Corporation AS4C32M16MS-7BCN Datasheet HTML 4Page - Alliance Semiconductor Corporation AS4C32M16MS-7BCN Datasheet HTML 5Page - Alliance Semiconductor Corporation AS4C32M16MS-7BCN Datasheet HTML 6Page - Alliance Semiconductor Corporation AS4C32M16MS-7BCN Datasheet HTML 7Page - Alliance Semiconductor Corporation AS4C32M16MS-7BCN Datasheet HTML 8Page - Alliance Semiconductor Corporation AS4C32M16MS-7BCN Datasheet HTML 9Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 48 page
background image
Features
- 4 banks x 8Mbit x 16 organization
- 4 banks x 4Mbit x 32 organization
- High speed data transfer rates up to 166 MHz
- Full Synchronous Dynamic RAM, with all signals
referenced to clock rising edge
- Single Pulsed RAS Interface
- Data Mask for Read/Write Control
- Four Banks controlled by BA0 & BA1
- Programmable CAS Latency: 2, 3
- Programmable Wrap Sequence:
Sequential or Interleave
- Programmable Burst Length:
1, 2, 4, 8, Full page for Sequential Type
1, 2, 4, 8 for Interleave Type
- Multiple Burst Read with Single Write Operation
- Automatic and Controlled Precharge Command
- Random Column Address every CLK (1-N Rule)
- Power Down Mode and Clock Suspend Mode
- Auto Refresh and Self Refresh
- Refresh Interval:
8192 cycles/64 ms
- Available in 54-ball (32M x16) and 90-ball (16M x
32)FBGA
- VDD=1.8V, VDDQ=1.8V
- LVTTL Interface
- Drive Strength (DS) Option: Full, 1/2, 1/4 and 3/4
- Auto Temperature Compensated Self Refresh
(Auto TCSR)
- Partial Array Self Refresh (PASR) option: Full, 1/
2, 1/4, 1/8 and 1/16
- Deep Power Down (DPD) mode
- Programmable Power Reduction Feature by patial
array activation during Self-Refresh
- Operating Temperature Range
Commercial (-25
°C to 85°C)
Industrial (-40
°C to +85°C)
AS4C32M16MS-7BCN / AS4C32M16MS-6BIN
AS4C16M32MS-7BCN / AS4C16M32MS-6BIN
Confidential
- 2/48 -
Rev.1.0 June 2016
Table
2.OrderingInformation
Table 1. Key Specifications
AS4C32M16MS/AS4C16M32MS
-6/7
tCK(3)
Clock Cycle time(min.)
6/7.5 ns
tAC(3)
Access time from CLK (max.)
5/5.4 ns
tRAS
Row Active time(min.)
42/45 ns
tRC
Row Cycle time(min.)
60/67.5 ns
PartNumber
Org
Temperature
MaxClock(MHz)
Package
AS4C
32M16MS-7BCN
32Mx16
Com
mercial -25°Cto+85°C
133
54-ballFBGA
AS4C
32M16MS-6BIN
32Mx16
Industrial -40°Cto+85°C
166
54-ballFBGA
AS4C
16M32MS-7BCN
16Mx32
Commercial -25°Cto+85°C
133
90-ballFBGA
AS4C
16M32MS-6BIN
16Mx32
Industrial -40°Cto+85°C
166
90-ballFBGA


Similar Part No. - AS4C32M16MS-7BCN

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS4C32M16MD1 ALSC-AS4C32M16MD1 Datasheet
4Mb / 75P
   Four internal banks for concurrent operation
AS4C32M16MD1-5BCN ALSC-AS4C32M16MD1-5BCN Datasheet
4Mb / 75P
   Four internal banks for concurrent operation
AS4C32M16MD1A ALSC-AS4C32M16MD1A Datasheet
2Mb / 53P
   60 ball FBGA PACKAGE
AS4C32M16MD1A-5BCN ALSC-AS4C32M16MD1A-5BCN Datasheet
2Mb / 53P
   60 ball FBGA PACKAGE
More results

Similar Description - AS4C32M16MS-7BCN

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
HYB39S13620TQ- SIEMENS-HYB39S13620TQ- Datasheet
563Kb / 70P
   Special Mode Registers Two color registers Burst Read with Single Write Operation
logo
Integrated Silicon Solu...
IS61DDB42M18A ISSI-IS61DDB42M18A Datasheet
807Kb / 32P
   Synchronous pipeline read with late write operation
IS61DDB44M18A ISSI-IS61DDB44M18A Datasheet
814Kb / 31P
   Synchronous pipeline read with late write operation
IS61QDB42M18A ISSI-IS61QDB42M18A Datasheet
798Kb / 30P
   Synchronous pipeline read with late write operation
logo
SPANSION
S29NS-N SPANSION-S29NS-N Datasheet
1Mb / 86P
   Simultaneous Read/Write, Multiplexed, Burst Mode Flash Memory
logo
STMicroelectronics
L6000 STMICROELECTRONICS-L6000 Datasheet
279Kb / 24P
   SINGLE CHIP READ & WRITE CHANNEL
logo
Integrated Silicon Solu...
IS61DDSB22M18A ISSI-IS61DDSB22M18A Datasheet
940Kb / 29P
   Fixed 2-bit burst for read and write operations
IS61QDPB24M18A ISSI-IS61QDPB24M18A Datasheet
797Kb / 31P
   Fixed 2-bit burst for read and write operations
IS66WVC4M16ALL ISSI-IS66WVC4M16ALL Datasheet
1Mb / 67P
   Mixed Mode supports asynchronous write and synchronous read operation
IS61DDB21M18A ISSI-IS61DDB21M18A Datasheet
770Kb / 29P
   Fixed 2-bit burst for read and write operations
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com