Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS4C32M16SM-7TCN Datasheet(PDF) 8 Page - Alliance Semiconductor Corporation

Part # AS4C32M16SM-7TCN
Description  PC133-compliant
Download  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS4C32M16SM-7TCN Datasheet(HTML) 8 Page - Alliance Semiconductor Corporation

Back Button AS4C32M16SM-7TCN Datasheet HTML 4Page - Alliance Semiconductor Corporation AS4C32M16SM-7TCN Datasheet HTML 5Page - Alliance Semiconductor Corporation AS4C32M16SM-7TCN Datasheet HTML 6Page - Alliance Semiconductor Corporation AS4C32M16SM-7TCN Datasheet HTML 7Page - Alliance Semiconductor Corporation AS4C32M16SM-7TCN Datasheet HTML 8Page - Alliance Semiconductor Corporation AS4C32M16SM-7TCN Datasheet HTML 9Page - Alliance Semiconductor Corporation AS4C32M16SM-7TCN Datasheet HTML 10Page - Alliance Semiconductor Corporation AS4C32M16SM-7TCN Datasheet HTML 11Page - Alliance Semiconductor Corporation AS4C32M16SM-7TCN Datasheet HTML 12Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 73 page
background image
AS4C32M16SM
Confidential
8 | P a g e
R e v 1 . 0 , J u l y 2014
Temperature and Thermal Impedance
It is imperative that the SDRAM device’s temperature specifications, shown in Table 6(page 14), be maintained to
ensure the junction temperature is in the proper operating range to meet data sheet specifications. An important
step in maintaining the proper junction temperature is using the device’s thermal impedances correctly. The
thermal impedances are listed in Table 6 (page 14) for the applicable die revision and packages being made
available. These thermal impedance values vary according to the density, package, and particular design used for
each device.
Incorrectly using thermal impedances can produce significant errors. To ensure the compatibility of current and
future de-signs, contact Alliance Memory Applications Engineering to confirm thermal impedance values.
The SDRAM device’s safe junction temperature range can be maintained when the TC specification is not exceeded.
In applications where the device’s ambient temperature is too high, use of forced air and/or heat sinks may be
required to satisfy the case temperature specifications.
Table 5: Temperature Limits
Parameter
Symbol
Min
Max
Unit
Notes
Operating case temperature
Commercial
Tc
0
80
°C
1,2,3,4
Industrial
-40
90
Junction temperature
Commercial
TJ
0
85
°C
3
Industrial
-40
95
Ambient temperature
Commercial
Tᴀ
0
70
°C
3,5
Industrial
-40
85
Peak reflow temperature
TPEAK
-
260
°C
Notes:
1. MAX operating case temperature, TC, is measured in the center of the package on the top side of the device, as shown in
Figure 6 (page 14).
2. Device functionality is not guaranteed if the device exceeds maximum TC during operation.
3. All temperature specifications must be satisfied.
4. The case temperature should be measured by gluing a thermocouple to the top-center of the component. This should be
done with a 1mm bead of conductive epoxy, as de-fined by the JEDEC EIA/JESD51 standards. Take care to ensure that the
thermocouple bead is touching the case.
5. Operating ambient temperature surrounding the package.


Similar Part No. - AS4C32M16SM-7TCN

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS4C32M16SA ALSC-AS4C32M16SA Datasheet
1Mb / 54P
   Single Pulsed RAS Interface
AS4C32M16SA-7TCN ALSC-AS4C32M16SA-7TCN Datasheet
1Mb / 54P
   Single Pulsed RAS Interface
AS4C32M16SA-7TIN ALSC-AS4C32M16SA-7TIN Datasheet
1Mb / 54P
   Single Pulsed RAS Interface
AS4C32M16SB-6TIN ALSC-AS4C32M16SB-6TIN Datasheet
1Mb / 55P
   54pin TSOPII PACKAGE
AS4C32M16SB-6TIN ALSC-AS4C32M16SB-6TIN Datasheet
1Mb / 55P
   54pin TSOPII PACKAGE
More results

Similar Description - AS4C32M16SM-7TCN

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
DS_M366S2953MTS SAMSUNG-DS_M366S2953MTS Datasheet
135Kb / 9P
   PC133/PC100 Unbuffered DIMM
M464S6453CKS SAMSUNG-M464S6453CKS Datasheet
80Kb / 12P
   PC133/PC100 SODIMM
M366S1623DT0-C7A SAMSUNG-M366S1623DT0-C7A Datasheet
154Kb / 10P
   PC133 Unbuffered DIMM
M366S1623DT0-C75 SAMSUNG-M366S1623DT0-C75 Datasheet
154Kb / 10P
   PC133 Unbuffered DIMM
M366S1723DTS SAMSUNG-M366S1723DTS Datasheet
146Kb / 11P
   PC133/PC100 Unbuffered DIMM
M366S6453CTS SAMSUNG-M366S6453CTS Datasheet
172Kb / 11P
   PC133/PC100 Unbuffered DIMM
logo
Infineon Technologies A...
HYS72V16300GR INFINEON-HYS72V16300GR Datasheet
593Kb / 22P
   PC133 Registered SDRAM-Modules
2002-07-18
logo
Samsung semiconductor
M390S2858CTU SAMSUNG-M390S2858CTU Datasheet
244Kb / 12P
   PC133/PC100 Low Profile Registered DIMM
M390S2858DTU SAMSUNG-M390S2858DTU Datasheet
244Kb / 12P
   PC133/PC100 Low Profile Registered DIMM
M374S6453CTS SAMSUNG-M374S6453CTS Datasheet
165Kb / 11P
   M374S6453CTS PC133/PC100 Unbuffered SDRAM DIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com