Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS4C32M16SM-7TIN Datasheet(PDF) 2 Page - Alliance Semiconductor Corporation

Part # AS4C32M16SM-7TIN
Description  PC133-compliant
Download  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS4C32M16SM-7TIN Datasheet(HTML) 2 Page - Alliance Semiconductor Corporation

  AS4C32M16SM-7TIN Datasheet HTML 1Page - Alliance Semiconductor Corporation AS4C32M16SM-7TIN Datasheet HTML 2Page - Alliance Semiconductor Corporation AS4C32M16SM-7TIN Datasheet HTML 3Page - Alliance Semiconductor Corporation AS4C32M16SM-7TIN Datasheet HTML 4Page - Alliance Semiconductor Corporation AS4C32M16SM-7TIN Datasheet HTML 5Page - Alliance Semiconductor Corporation AS4C32M16SM-7TIN Datasheet HTML 6Page - Alliance Semiconductor Corporation AS4C32M16SM-7TIN Datasheet HTML 7Page - Alliance Semiconductor Corporation AS4C32M16SM-7TIN Datasheet HTML 8Page - Alliance Semiconductor Corporation AS4C32M16SM-7TIN Datasheet HTML 9Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 73 page
background image
AS4C32M16SM
Confidential
2 | P a g e
R e v 1 . 0 , J u l y 2014
512M (32M x 16) bit Synchronous DRAM (SDRAM)
Confidential
Preliminary (Rev. 1.0, July /2014)
Features
 PC133-compliant
 Configurations – 32 Meg x 16 (8 Meg x 16 x 4 banks)
 Fully synchronous; all signals registered on positive edge of system clock
 Internal, pipelined operation; column address can be changed every clock cycle
 Internal banks for hiding row access/precharge
 Programmable burst lengths: 1, 2, 4, 8, or full page
 Auto precharge, includes concurrent auto precharge and auto refresh modes
 Self refresh mode
 Auto refresh–64ms, 8192-cycle refresh (commercial and industrial)
 LVTTL-compatible inputs and outputs
 Single 3.3V ±0.3V power supply
 Operating temperature range
o Commercial (0˚C to +70˚C)
o Industrial (–40˚C to +85˚C)
 Timing – cycle time
o 7.5ns @ CL = 3 (PC133)
o 7.5ns @ CL = 2 (PC133)
 Plastic package – OCPL2
o 54-pin TSOP II (400 mil) Pb-free
 All parts ROHS Compliant
Table 1. Key Timing Parameters
Clock Frequency Set up time Hold time Access time
CL =3
tRCD (ns) tRP (ns)
133 MHz
1.5ns
0.8ns
5.4ns
13.75
13.75
CL = CAS (READ) latency
Table 2 – Ordering Information
Product part No
Org
Temperature
Package
AS4C32M16SM-7TCN
32M x 16
Commercial 0°C to 70°C
54-pin TSOP II (400mil)
AS4C32M16SM-7TIN
32M x 16
Industrial -40°C to 85°C
54-pin TSOP II (400mil)
Table 3 – Address Table
Parameter
32M x 16
Configuration
8 Meg x 16 x 4 banks
Refresh Count
8K
Row Addressing
8K A [12:0]
Bank Addressing
4 BA [1:0]
Column Addressing
1K A [9:0]


Similar Part No. - AS4C32M16SM-7TIN

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS4C32M16SA ALSC-AS4C32M16SA Datasheet
1Mb / 54P
   Single Pulsed RAS Interface
AS4C32M16SA-7TCN ALSC-AS4C32M16SA-7TCN Datasheet
1Mb / 54P
   Single Pulsed RAS Interface
AS4C32M16SA-7TIN ALSC-AS4C32M16SA-7TIN Datasheet
1Mb / 54P
   Single Pulsed RAS Interface
AS4C32M16SB-6TIN ALSC-AS4C32M16SB-6TIN Datasheet
1Mb / 55P
   54pin TSOPII PACKAGE
AS4C32M16SB-6TIN ALSC-AS4C32M16SB-6TIN Datasheet
1Mb / 55P
   54pin TSOPII PACKAGE
More results

Similar Description - AS4C32M16SM-7TIN

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
DS_M366S2953MTS SAMSUNG-DS_M366S2953MTS Datasheet
135Kb / 9P
   PC133/PC100 Unbuffered DIMM
M464S6453CKS SAMSUNG-M464S6453CKS Datasheet
80Kb / 12P
   PC133/PC100 SODIMM
M366S1623DT0-C7A SAMSUNG-M366S1623DT0-C7A Datasheet
154Kb / 10P
   PC133 Unbuffered DIMM
M366S1623DT0-C75 SAMSUNG-M366S1623DT0-C75 Datasheet
154Kb / 10P
   PC133 Unbuffered DIMM
M366S1723DTS SAMSUNG-M366S1723DTS Datasheet
146Kb / 11P
   PC133/PC100 Unbuffered DIMM
M366S6453CTS SAMSUNG-M366S6453CTS Datasheet
172Kb / 11P
   PC133/PC100 Unbuffered DIMM
logo
Infineon Technologies A...
HYS72V16300GR INFINEON-HYS72V16300GR Datasheet
593Kb / 22P
   PC133 Registered SDRAM-Modules
2002-07-18
logo
Samsung semiconductor
M390S2858CTU SAMSUNG-M390S2858CTU Datasheet
244Kb / 12P
   PC133/PC100 Low Profile Registered DIMM
M390S2858DTU SAMSUNG-M390S2858DTU Datasheet
244Kb / 12P
   PC133/PC100 Low Profile Registered DIMM
M374S6453CTS SAMSUNG-M374S6453CTS Datasheet
165Kb / 11P
   M374S6453CTS PC133/PC100 Unbuffered SDRAM DIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com