Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS4C32M32MD1-5BIN Datasheet(PDF) 9 Page - Alliance Semiconductor Corporation

Part # AS4C32M32MD1-5BIN
Description  Automatic and Controlled Precharge Command
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS4C32M32MD1-5BIN Datasheet(HTML) 9 Page - Alliance Semiconductor Corporation

Back Button AS4C32M32MD1-5BIN Datasheet HTML 5Page - Alliance Semiconductor Corporation AS4C32M32MD1-5BIN Datasheet HTML 6Page - Alliance Semiconductor Corporation AS4C32M32MD1-5BIN Datasheet HTML 7Page - Alliance Semiconductor Corporation AS4C32M32MD1-5BIN Datasheet HTML 8Page - Alliance Semiconductor Corporation AS4C32M32MD1-5BIN Datasheet HTML 9Page - Alliance Semiconductor Corporation AS4C32M32MD1-5BIN Datasheet HTML 10Page - Alliance Semiconductor Corporation AS4C32M32MD1-5BIN Datasheet HTML 11Page - Alliance Semiconductor Corporation AS4C32M32MD1-5BIN Datasheet HTML 12Page - Alliance Semiconductor Corporation AS4C32M32MD1-5BIN Datasheet HTML 13Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 43 page
background image
Data Strobe and Data Mask
Operation at Burst Reads
The Data Strobes provide a 3-state output signal to the receiver circuits of the controller during a read burst. The data
strobe signal goes 1 clock cycle low before data is driven by the mobile DDR and then toggles low to high and high to low
till the end of the burst. CAS latency is specified to the first low to high transition. The edges of the Output Data signals
and the edges of the data strobe signals during a read are nominally coincident with edges of the input clock.
The tolerance of these edges is specified by the parameters tAC and tDQSCK and is referenced to the crossing point of
the CLK and /CLK signal. The tDQSQ timing parameter describes the skew between the data strobe edge and the output
data edge.
The following table summarizes the mapping of LDQS, UDQS(DQS0 ~ DQS3) and LDM, UDM(DM0 ~ DM3) signals to
the data bus.
Mapping of DQS0~DQS3 and DM0~DM3
The minimum time during which the output data is valid is critical for the receiving device. This also applies to the Data
Strobe DQS during a read since it is tightly coupled to the output data. The parameters tQH and tDQSQ define the mini-
mum output data valid window. Prior to a burst of read data, given that the device is not currently in burst read mode,
the data strobe signals transit from Hi-Z to a valid logic low. This is referred to as the data strobe “read preamble” tRPRE.
This transition happens one clock prior to the first edge of valid data.
Once the burst of read data is concluded, given that no subsequent burst read operation is initiated, the data strobe sig-
nals transit from a valid logic low to Hi-Z. This is referred to as the data strobe “read postamble” tRPST.
Data strobe signal
Data mask signal
Controlled data bus
LDQS, DQS0
LDM, DM0
DQ7 .. DQ0
UDQS, DQS1
UDM, DM1
DQ8 .. DQ15
DQS2
DM2
DQ16 .. DQ23
DQS3
DM3
DQ24 .. DQ31
 
 
 
 
AS4C32M32MD1
Confidential
-9-
Rev.1.0 Sep.2014


Similar Part No. - AS4C32M32MD1-5BIN

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS4C32M32MD1A-5BIN ALSC-AS4C32M32MD1A-5BIN Datasheet
2Mb / 64P
   Low voltage power supply.
More results

Similar Description - AS4C32M32MD1-5BIN

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GTWV050C3A00PA ETC-GTWV050C3A00PA Datasheet
169Kb / 1P
   Command Controlled Touch TFT Module
MA8168A ETC2-MA8168A Datasheet
200Kb / 2P
   Automatic CRC7 generation for command and CRC7 verification for response on CMD
logo
Integrated Silicon Solu...
IS43R83200F ISSI-IS43R83200F Datasheet
1Mb / 32P
   Auto Precharge
IS42S32800 ISSI-IS42S32800 Datasheet
1Mb / 62P
   Concurrent auto precharge
logo
API Technologies Corp
BXMF1038 APITECH-BXMF1038 Datasheet
501Kb / 1P
   Automatic Gain Controlled Amplifier
BXMF1037 APITECH-BXMF1037 Datasheet
503Kb / 1P
   Automatic Gain Controlled Amplifier
BXMF1042 APITECH-BXMF1042 Datasheet
571Kb / 2P
   Automatic Gain Controlled Amplifier
BXMF1041 APITECH-BXMF1041 Datasheet
507Kb / 1P
   Automatic Gain Controlled Amplifier
BXMF1040 APITECH-BXMF1040 Datasheet
506Kb / 1P
   Automatic Gain Controlled Amplifier
BXMF1039 APITECH-BXMF1039 Datasheet
504Kb / 1P
   Automatic Gain Controlled Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com