Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSMP-386D Datasheet(PDF) 1 Page - Broadcom Corporation.

Part # HSMP-386D
Description  PIN Diode Diversity Switch
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

HSMP-386D Datasheet(HTML) 1 Page - Broadcom Corporation.

  HSMP-386D Datasheet HTML 1Page - Broadcom Corporation. HSMP-386D Datasheet HTML 2Page - Broadcom Corporation. HSMP-386D Datasheet HTML 3Page - Broadcom Corporation. HSMP-386D Datasheet HTML 4Page - Broadcom Corporation. HSMP-386D Datasheet HTML 5Page - Broadcom Corporation. HSMP-386D Datasheet HTML 6Page - Broadcom Corporation. HSMP-386D Datasheet HTML 7Page - Broadcom Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
HSMP-386D
PIN Diode Diversity Switch
Data Sheet
Description
The HSMP-386D is a low cost and high linearity diversity
switch designed to operate from 50MHz to 6GHz.
HSMP-386D is built with unique 4 PIN diode configuration,
and it is housed in a industrial standard low cost miniature
SOT-143 package, which will allow board space saving for
space constraint application.
HSMP-386D is equipped with -0.35dB IL and -25.40dB
ISO @ 900MHz. On the other hand, HSMP-386D is also
featuring with 56.83dBm IIP3 and 47.41dBm IP1dB per-
formance @ 900MHz. HSMP-386D is suitable for wireless
application that required low distortion diversity switch,
such as dect phone, wireless LAN and WiMAX.
Pin Connections and Package Marking, SOT-143
Notes:
L7 = Device Code
? = Month code indicates the month of manufacture
Features
• Unique configurations in Surface Mount SOT-143
– Increase Flexibility
– Save Board Space
– Reduce Cost
• Switching
– Low Distortion Switching
– Low Capacitance
• Low Failure In Time (FIT) Rate [1]
• Specifications at 900MHz; IF=10mA (Typ.)
– Low IL, 0.35dB
– High ISO, 25.40dB
– High power handling, IP1dB, 47.41dBm
– High Linearity, IIP3, 56.83dBm
L7?
1
3
2
4


Similar Part No. - HSMP-386D

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HSMP-386D AVAGO-HSMP-386D Datasheet
549Kb / 7P
   PIN Diode Diversity Switch
More results

Similar Description - HSMP-386D

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HSMP-386D AVAGO-HSMP-386D Datasheet
549Kb / 7P
   PIN Diode Diversity Switch
HSMP-389D AVAGO-HSMP-389D Datasheet
502Kb / 7P
   PIN Diode Diversity Switch
logo
Broadcom Corporation.
HSMP-389D BOARDCOM-HSMP-389D Datasheet
502Kb / 7P
   PIN Diode Diversity Switch
logo
Infineon Technologies A...
BGS15MA12 INFINEON-BGS15MA12 Datasheet
743Kb / 21P
   SP5T Rx Diversity Switch
Revision 3.1 - 2016-05-11
logo
M/A-COM Technology Solu...
MASWSS0175 MA-COM-MASWSS0175_15 Datasheet
557Kb / 5P
   GaAs DPDT Diversity Switch
MASW-009460 MA-COM-MASW-009460_15 Datasheet
672Kb / 6P
   GaAs DPDT Diversity Switch
MASW-009460 MA-COM-MASW-009460 Datasheet
149Kb / 5P
   GaAs DPDT Diversity Switch
MASWSS0190 MA-COM-MASWSS0190_15 Datasheet
120Kb / 4P
   GaAs Broadband DPDT Diversity Switch
MASWSS0129 MA-COM-MASWSS0129_15 Datasheet
669Kb / 5P
   GaAs Broadband DPDT Diversity Switch
MASWSS0107 MA-COM-MASWSS0107 Datasheet
76Kb / 4P
   GaAs Broadband DPDT Diversity Switch
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com