Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS4C64M8D2 Datasheet(PDF) 6 Page - Alliance Semiconductor Corporation

Part # AS4C64M8D2
Description  Fully synchronous operation
Download  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS4C64M8D2 Datasheet(HTML) 6 Page - Alliance Semiconductor Corporation

Back Button AS4C64M8D2 Datasheet HTML 2Page - Alliance Semiconductor Corporation AS4C64M8D2 Datasheet HTML 3Page - Alliance Semiconductor Corporation AS4C64M8D2 Datasheet HTML 4Page - Alliance Semiconductor Corporation AS4C64M8D2 Datasheet HTML 5Page - Alliance Semiconductor Corporation AS4C64M8D2 Datasheet HTML 6Page - Alliance Semiconductor Corporation AS4C64M8D2 Datasheet HTML 7Page - Alliance Semiconductor Corporation AS4C64M8D2 Datasheet HTML 8Page - Alliance Semiconductor Corporation AS4C64M8D2 Datasheet HTML 9Page - Alliance Semiconductor Corporation AS4C64M8D2 Datasheet HTML 10Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 59 page
background image
AS4C64M8D2
Confidential
6
Rev. 1.0
Feb. /2014
DQS,
DQS#
Input /
Output
Bidirectional Data Strobe:
Output with read data, input with write data for source synchronous operation. Edge-
aligned with read data, center-aligned with write data. DQS# is only used when
differential data strobe mode is enabled via the LOAD MODE command.
DM
Input
Data Input Mask:
DM is an input mask signal for write data. Input data is masked when DM is sampled
HIGH along with that input data during a WRITE access.
DQ0 – DQ7
Input /
Output
Data I/O:
Bi-directional data bus.
ODT
Input
On Die Termination:
ODT enables internal termination resistance. It is applied to each DQ, DQS/DQS# and
DM signal. The ODT pin is ignored if the EMR (1) is programmed to disable ODT.
VDD
Supply Power Supply: +1.8V
0.1V
VSS
Supply Ground
VDDL
Supply DLL Power Supply: +1.8V
0.1V
VSSDL
Supply DLL Ground
VDDQ
Supply DQ Power: +1.8V
0.1V.
VSSQ
Supply DQ Ground
VREF
Supply Reference Voltage for Inputs: +0.5*VDDQ
NC
-
No Connect: These pins should be left unconnected.


Similar Part No. - AS4C64M8D2

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS4C64M8D1 ALSC-AS4C64M8D1 Datasheet
1Mb / 64P
   Fully synchronous operation
AS4C64M8D1-5BCN ALSC-AS4C64M8D1-5BCN Datasheet
1Mb / 65P
   Individual byte write mask control
AS4C64M8D1-5BCN ALSC-AS4C64M8D1-5BCN Datasheet
1Mb / 64P
   Fully synchronous operation
AS4C64M8D1-5BIN ALSC-AS4C64M8D1-5BIN Datasheet
1Mb / 65P
   Individual byte write mask control
AS4C64M8D1-5BIN ALSC-AS4C64M8D1-5BIN Datasheet
1Mb / 64P
   Fully synchronous operation
More results

Similar Description - AS4C64M8D2

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
1GB-AUTO-AS4C128M8D3 ALSC-1GB-AUTO-AS4C128M8D3 Datasheet
2Mb / 84P
   Fully synchronous operation
AS4C4M16D1 ALSC-AS4C4M16D1 Datasheet
1Mb / 52P
   Fully synchronous operation
AS4C4M16SA-CI ALSC-AS4C4M16SA-CI Datasheet
1Mb / 55P
   Fully synchronous operation
AS4C8M16D1 ALSC-AS4C8M16D1 Datasheet
1Mb / 64P
   Fully synchronous operation
AS4C256M16D3A-12BIN ALSC-AS4C256M16D3A-12BIN Datasheet
2Mb / 83P
   Fully synchronous operation
AS4C8M32S ALSC-AS4C8M32S Datasheet
1Mb / 55P
   Fully synchronous operation
AS4C8M32S-6TIN ALSC-AS4C8M32S-6TIN Datasheet
1Mb / 54P
   Fully synchronous operation
AS4C16M16D1 ALSC-AS4C16M16D1 Datasheet
1Mb / 67P
   Fully synchronous operation
AS4C16M16SA ALSC-AS4C16M16SA Datasheet
1Mb / 54P
   Fully synchronous operation
AS4C128M8D3A-12BIN ALSC-AS4C128M8D3A-12BIN Datasheet
1Mb / 84P
   Fully synchronous operation
AS4C64M16D1A-6TIN ALSC-AS4C64M16D1A-6TIN Datasheet
2Mb / 62P
   Fully synchronous operation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com