Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS4C64M8D1-5TIN Datasheet(PDF) 10 Page - Alliance Semiconductor Corporation

Part # AS4C64M8D1-5TIN
Description  Fully synchronous operation
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS4C64M8D1-5TIN Datasheet(HTML) 10 Page - Alliance Semiconductor Corporation

Back Button AS4C64M8D1-5TIN Datasheet HTML 6Page - Alliance Semiconductor Corporation AS4C64M8D1-5TIN Datasheet HTML 7Page - Alliance Semiconductor Corporation AS4C64M8D1-5TIN Datasheet HTML 8Page - Alliance Semiconductor Corporation AS4C64M8D1-5TIN Datasheet HTML 9Page - Alliance Semiconductor Corporation AS4C64M8D1-5TIN Datasheet HTML 10Page - Alliance Semiconductor Corporation AS4C64M8D1-5TIN Datasheet HTML 11Page - Alliance Semiconductor Corporation AS4C64M8D1-5TIN Datasheet HTML 12Page - Alliance Semiconductor Corporation AS4C64M8D1-5TIN Datasheet HTML 13Page - Alliance Semiconductor Corporation AS4C64M8D1-5TIN Datasheet HTML 14Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 64 page
background image
AS4C64M8D1
Confidential
9
Rev.
2.0
Oct. /2014
 ( BA0, BA1)
Table 10. MRS/EMRS
BA1
BA0
A12 ~ A0
RFU
0
MRS Cycle
RFU
1
Extended Functions (EMRS)
Extended Mode Register Set (EMRS)
The Extended Mode Register Set stores the data for enabling or disabling DLL and selecting output driver
strength. The default value of the extended mode register is not defined, therefore must be written after power
up for proper operation. The Extended Mode Register is written by asserting Low on CS , RAS , CAS , WE ,
BA1 and BA0 (the device should have all banks idle with no bursts in progress prior to writing into the mode
register, and CKE should be High). The state of A0 ~ A12, BA0 and BA1 is written in the mode register in the
same cycle as CS , RAS , CAS , and WE going low. The DDR SDRAM should be in all bank precharge with
CKE already high prior to writing into the extended mode register. A1 is used for setting driver strength to normal,
or weak. Two clock cycles are required to complete the write operation in the extended mode register. The
mode register contents can be changed using the same command and clock cycle requirements during
operation as long as all banks are in the idle state. A0 is used for DLL enable or disable. "High" on BA0 is used
for EMRS. Refer to the table for specific codes.
Table 11. Extended Mode Register Bitmap
BA1 BA0 A12 A11 A10
A9
A8
A7
A6
A5
A4
A3
A2
A1
A0
Address Field
0
1
RFU must be set to “0”
DS0 DLL Extend Mode Register
BA0
Mode
A1
Drive Strength
A0
DLL
0
MRS
0
Full
0
Enable
1
EMRS
1
Weak
1
Disable


Similar Part No. - AS4C64M8D1-5TIN

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS4C64M8D1-5TIN ALSC-AS4C64M8D1-5TIN Datasheet
1Mb / 65P
   Individual byte write mask control
More results

Similar Description - AS4C64M8D1-5TIN

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
1GB-AUTO-AS4C128M8D3 ALSC-1GB-AUTO-AS4C128M8D3 Datasheet
2Mb / 84P
   Fully synchronous operation
AS4C4M16D1 ALSC-AS4C4M16D1 Datasheet
1Mb / 52P
   Fully synchronous operation
AS4C4M16SA-CI ALSC-AS4C4M16SA-CI Datasheet
1Mb / 55P
   Fully synchronous operation
AS4C8M16D1 ALSC-AS4C8M16D1 Datasheet
1Mb / 64P
   Fully synchronous operation
AS4C256M16D3A-12BIN ALSC-AS4C256M16D3A-12BIN Datasheet
2Mb / 83P
   Fully synchronous operation
AS4C8M32S ALSC-AS4C8M32S Datasheet
1Mb / 55P
   Fully synchronous operation
AS4C8M32S-6TIN ALSC-AS4C8M32S-6TIN Datasheet
1Mb / 54P
   Fully synchronous operation
AS4C16M16D1 ALSC-AS4C16M16D1 Datasheet
1Mb / 67P
   Fully synchronous operation
AS4C16M16SA ALSC-AS4C16M16SA Datasheet
1Mb / 54P
   Fully synchronous operation
AS4C128M8D3A-12BIN ALSC-AS4C128M8D3A-12BIN Datasheet
1Mb / 84P
   Fully synchronous operation
AS4C64M16D1A-6TIN ALSC-AS4C64M16D1A-6TIN Datasheet
2Mb / 62P
   Fully synchronous operation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com